전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC34929EP 데이터시트(PDF) 6 Page - Freescale Semiconductor, Inc

부품명 MC34929EP
상세설명  Brushless DC 1.0 AMP 28 VOLT Motor Driver IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34929EP 데이터시트(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC34929EP Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34929EP Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34929EP Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34929EP Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34929EP Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34929EP Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34929EP Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34929EP Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34929EP Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
34929
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 8.0 V
≤ V
SUP ≤ 28 V, - 0°C ≤ T
A ≤ 85°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Power Supply Voltage Range
V+
8.0
12
28
V
Suspend Power Supply Current (6)
ISA
2.0
3.0
mA
Operation Power Supply Current (7)
IQ
4.0
6.0
mA
Low V+ Detect Voltage
V+-LV
5.0
5.5
6.0
V
Low V+ Detect Hysteresis
VLV-HYS
100
mV
Logic Inputs Threshold Low (8)
VIL
0.8
V
Logic Inputs Threshold High (8)
VIH
2.0
V
Logic Inputs Hysteresis Voltage (8)
VI-HYS
50
300
mV
Logic Input Current Low (9)
IIL
-50
µA
Logic Input Pull-Up Resistance (10)
RPULLUP
100
k
Hall Inputs Voltage Sensitivity (11)
VH-SENS
50
mV
Hall Inputs Common Mode Voltage Range (11)
VH-CMM
0.0
3.0
V
Hall Inputs Hysteresis Voltage (11)
VH-HYS
15
mV
Hall Input Current (11)
IH
-10
10
µA
Charge Pump Output Voltage
VGHS
(V+) +12
V
Charge Pump Reservoir Capacitor
CCRES
0.1
µF
Charge Pump Capacitor
CCP
0.1
µF
Logic Output Voltage Low (12)
VOL
0.4
V
Logic Output Leakage Current High (13)
IOH
10
µA
Hall Sensors Supply Voltage(14)
VH
(V+) -1.0
V
Notes
6.
With device in suspend mode (RUN command = False).
7.
The current consumed internal to the IC, but not including current output for motor drive.
8.
PWM, RUN, and DIR pins.
9.
PWM, RUN, and DIR pins with R-pullup = 100 k
Ω.
10.
Internal Pullup resistance value can vary by 20%.
11.
HCA-, HCA+, HBC-, HBC+, HAB-, HAB+ pins.
12.
TACH and 3XTACH pins @ IOL = 5.0 mA.
13.
TACH and 3XTACH pins @ VOH = 24 V.
14.
VH pin @ Io-hall = 10 mA.


유사한 부품 번호 - MC34929EP

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
MC34929EP NXP-MC34929EP Datasheet
963Kb / 23P
   Brushless DC 1.0 AMP 28 VOLT Motor Driver IC
Rev. 7.0, 11/2006
More results

유사한 설명 - MC34929EP

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
MC34929 NXP-MC34929 Datasheet
963Kb / 23P
   Brushless DC 1.0 AMP 28 VOLT Motor Driver IC
Rev. 7.0, 11/2006
logo
List of Unclassifed Man...
PT-308 ETC-PT-308 Datasheet
97Kb / 1P
   DC Brushless Motor Driver IC
logo
New Japan Radio
NJU7364 NJRC-NJU7364 Datasheet
146Kb / 6P
   Single-phase DC Brushless Motor Driver IC
NJU7326 NJRC-NJU7326 Datasheet
69Kb / 3P
   Single-phase DC Brushless Motor Driver IC
NJU7328 NJRC-NJU7328 Datasheet
37Kb / 3P
   SINGLE PHASE DC BRUSHLESS MOTOR DRIVER IC
NJU7367 NJRC-NJU7367 Datasheet
81Kb / 7P
   Single-phase DC Brushless Motor Driver IC
NJU7367A NJRC-NJU7367A Datasheet
85Kb / 7P
   Single-phase DC Brushless Motor Driver IC
NJU7366 NJRC-NJU7366 Datasheet
75Kb / 6P
   Single-phase DC Brushless Motor Driver IC
logo
Hitachi Semiconductor
HA13565F HITACHI-HA13565F Datasheet
62Kb / 17P
   Three-Phase Brushless DC Motor Driver IC
HA13536F HITACHI-HA13536F Datasheet
62Kb / 16P
   Three-Phase Brushless DC Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com