전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD08CM0SK 데이터시트(PDF) 3 Page - ITT Industries

부품명 CD08CM0SK
상세설명  8mm DIP Coded Rotary Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ITT [ITT Industries]
홈페이지  http://www.ittcannon.com
Logo ITT - ITT Industries

CD08CM0SK 데이터시트(HTML) 3 Page - ITT Industries

  CD08CM0SK Datasheet HTML 1Page - ITT Industries CD08CM0SK Datasheet HTML 2Page - ITT Industries CD08CM0SK Datasheet HTML 3Page - ITT Industries CD08CM0SK Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dimensions are shown: Inch (mm )
Specifications and dimensions subject to change
www.ittcannon.com
I-30
I
SWITCH FUNCTION
C&K CD Series
8mm DIP Coded Rotary Switches
POS.
C
1
2
4
8
0 1 2 3 4 5 6 7
POS.
C
1
2
4
8
0 1 2 3 4 5 6 7
0
PIN 1
INDICATOR
PIN 1
INDICATOR
0
9 1
POS.
C
1
2
4
8
0 1 2 3 4 5 6 7 8 9
POS.
C
1
2
4
8
0 1 2 3 4 5 6 7 8 9
PIN 1
INDICATOR
F 1
0
POS.
C
1
2
4
8
0 1 2 3 4 5 6 7 8 9 A B C D E F
POS.
C
1
2
4
8
0 1 2 3 4 5 6 7 8 9 A B C D E F
.060
(1,52)
.220
(5,59)
.130
(3,30)
.151
(3,84)
.300
(7,62)
DIA.
0
.036
(0,91)
.040
(1,02)
.126
(3,20)
.120 DIA.
(3,05)
.080
(2,03)
0
9 1
FLUSH ACTUATOR
0
9 1
.025 TYP.
(0,64)
.100
(2,54)
ACTUATOR
CD08R 8 POSITION, BCD
ACTUATOR COLOR: WHITE
CD08C 8 POSITION, BCD COMPLEMENT
ACTUATOR COLOR: BLACK
CD10R 10 POSITION, BCD
ACTUATOR COLOR: RED
CD10C 10 POSITION, BCD COMPLEMENT
ACTUATOR COLOR: BLACK
CD16R 16 POSITION, HEXADECIMAL
ACTUATOR COLOR: ORANGE
CD16C 16 POSITION, HEXADECIMAL COMPLEMENT
ACTUATOR COLOR: WHITE
M0 (STD.) FLUSH WITH SCREWDRIVER SLOT
L1
EXTENDED WITH SCREWDRIVER SLOT
K1 KNOB
NOTE: Designed for #0 Phillips screwdriver.


유사한 부품 번호 - CD08CM0SK

제조업체부품명데이터시트상세설명
logo
C&K Components
CD08CM0S-B-R CK-COMPONENTS-CD08CM0S-B-R Datasheet
206Kb / 4P
   8mm DIP Coded Rotary Switches
2010
CD08CM0S-K-R CK-COMPONENTS-CD08CM0S-K-R Datasheet
146Kb / 4P
   8mm DIP Coded Rotary Switches
2003
More results

유사한 설명 - CD08CM0SK

제조업체부품명데이터시트상세설명
logo
C&K Components
CD CK-COMPONENTS-CD_V01 Datasheet
206Kb / 4P
   8mm DIP Coded Rotary Switches
2010
CD CK-COMPONENTS-CD_V02 Datasheet
345Kb / 4P
   8mm DIP Coded Rotary Switches
CD08RM0CB CK-COMPONENTS-CD08RM0CB Datasheet
207Kb / 4P
   8mm DIP Coded Rotary Switches
CD CK-COMPONENTS-CD Datasheet
146Kb / 4P
   8mm DIP Coded Rotary Switches
2003
CRE CK-COMPONENTS-CRE Datasheet
1Mb / 4P
   10mm DIP Coded Rotary Switches
2021
CRD CK-COMPONENTS-CRD_V02 Datasheet
323Kb / 4P
   10mm DIP Coded Rotary Switches
8 Feb 23
logo
ITT Industries
CRD10RM0AK ITT-CRD10RM0AK Datasheet
245Kb / 4P
   10mm DIP Coded Rotary Switches
logo
C&K Components
CRD CK-COMPONENTS-CRD Datasheet
181Kb / 4P
   10mm DIP Coded Rotary Switches
CRD CK-COMPONENTS-CRD_V01 Datasheet
305Kb / 4P
   10mm DIP Coded Rotary Switches
2020
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com