전자부품 데이터시트 검색엔진 |
|
CA21J73207DQ 데이터시트(PDF) 4 Page - ITT Industries |
|
CA21J73207DQ 데이터시트(HTML) 4 Page - ITT Industries |
4 / 4 page C&K CA Series Power Rocker Switches CONTACT MATERIAL ON OFF O O I SP ACTUATOR MARKINGS 07 QUICK CONNECT TERMINATIONS NONE NO MARKING D ON-OFF H O | P O – NOTE: Orientation of actuator markings and terminals Marking color white, standard for all actuator colors except white and yellow. Marking color black, standard for white and yellow actuators. Consult Customer Service Center for other available markings and colors. 1.126 (28,60) .118–.177 (3,00) (4,50) 1.110 (28,20) .078–.118 (2,00) (3,00) 1.102 (28,00) .059–.078 (1,50) (2,00) DIM ‘A’ PANEL THICKNESS 1 CONTACTS: Coin silver, silver plated. TERMINALS: Copper, silver plated. NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. All models with all options. * Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications. H-109 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com H H 16 AMPS @ 125 VAC; 1/3 HP; 10 AMPS @ 250 VAC, 1/2 HP RATINGS CONTACT AND TERMINAL MATERIAL SILVER POWER RoHS COMPLIANT * RoHS COMPATIBLE * OPTION CODE QA YES YES |
유사한 부품 번호 - CA21J73207DQ |
|
유사한 설명 - CA21J73207DQ |