전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA24J738107DQ 데이터시트(PDF) 4 Page - ITT Industries

부품명 CA24J738107DQ
상세설명  Illuminated Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ITT [ITT Industries]
홈페이지  http://www.ittcannon.com
Logo ITT - ITT Industries

CA24J738107DQ 데이터시트(HTML) 4 Page - ITT Industries

  CA24J738107DQ Datasheet HTML 1Page - ITT Industries CA24J738107DQ Datasheet HTML 2Page - ITT Industries CA24J738107DQ Datasheet HTML 3Page - ITT Industries CA24J738107DQ Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
H-113
H
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K CA Series
Illuminated Power Rocker Switches
TERMINATIONS
ACTUATOR MARKINGS
CONTACT MATERIAL
ON
OFF
O
2
O
I
SP
DP
PANEL MOUNTING
SP
DP
'A'
'A'
1.126
(28,60)
.118–.177
(3,00) (4,50)
1.110
(28,20)
.078–.118
(2,00) (3,00)
1.102
(28,00)
.059–.078
(1,50) (2,00)
DIM ‘A’
PANEL THICKNESS
07
QUICK CONNECT
NONE NO MARKING
D ON-OFF
H O I
P O –
1 CONTACTS: Coin silver, silver plated.
TERMINALS: Copper, silver plated.
NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
All models
with all options.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
Marking color white, standard for all actuator colors except yellow. Marking color black, standard for
yellow actuators. Consult Customer Service Center for other available markings and colors.
NOTE: Orientation of actuator
markings and terminals
15 AMPS @ 125 V AC; 10 AMPS @ 250 V AC; 1/4 HP @
125 V AC or 250 V AC (UL/CSA).
RATINGS
CONTACT AND
TERMINAL MATERIAL
SILVER 1
POWER
RoHS
COMPLIANT *
RoHS
COMPATIBLE *
OPTION
CODE
Q
YES
YES


유사한 부품 번호 - CA24J738107DQ

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
CA24 MACOM-CA24 Datasheet
359Kb / 2P
   Cascadable Amplifier 5 to 1500 MHz
logo
M/A-COM Technology Solu...
CA24 MA-COM-CA24 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 1500 MHz
CA24 MA-COM-CA24 Datasheet
640Kb / 3P
   Cascadable Amplifier
logo
C&K Components
CA24-J1371-07-DQ CK-COMPONENTS-CA24-J1371-07-DQ Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
CA24-J1371-07-HQ CK-COMPONENTS-CA24-J1371-07-HQ Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
More results

유사한 설명 - CA24J738107DQ

제조업체부품명데이터시트상세설명
logo
C&K Components
CA04J137207DQ CK-COMPONENTS-CA04J137207DQ Datasheet
202Kb / 4P
   Illuminated Power Rocker Switches
CA CK-COMPONENTS-CA Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
logo
NTE Electronics
54-083 NTE-54-083 Datasheet
7Mb / 9P
   Illuminated Rocker Switches
logo
C&K Components
DM14J72S205Q3 CK-COMPONENTS-DM14J72S205Q3 Datasheet
1Mb / 4P
   Miniature Illuminated Power Rocker Switches
logo
ITT Industries
DM14J72S205Q3 ITT-DM14J72S205Q3 Datasheet
300Kb / 4P
   Miniature Illuminated Power Rocker Switches
logo
CW Industries
GRL-4022-0000 CWIND-GRL-4022-0000 Datasheet
196Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4021-0000 CWIND-GRL-4021-0000 Datasheet
179Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011-1600 CWIND-GRL-4011-1600_19 Datasheet
198Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011-0000 CWIND-GRL-4011-0000 Datasheet
198Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011B-0000 CWIND-GRL-4011B-0000_19 Datasheet
196Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com