전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA22J12207PQ 데이터시트(PDF) 4 Page - ITT Industries

부품명 CA22J12207PQ
상세설명  Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ITT [ITT Industries]
홈페이지  http://www.ittcannon.com
Logo ITT - ITT Industries

CA22J12207PQ 데이터시트(HTML) 4 Page - ITT Industries

  CA22J12207PQ Datasheet HTML 1Page - ITT Industries CA22J12207PQ Datasheet HTML 2Page - ITT Industries CA22J12207PQ Datasheet HTML 3Page - ITT Industries CA22J12207PQ Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
C&K CA Series
Power Rocker Switches
CONTACT MATERIAL
ON
OFF
O
O
I
SP
ACTUATOR MARKINGS
07
QUICK CONNECT
TERMINATIONS
NONE NO MARKING
D ON-OFF
H O |
P O –
NOTE: Orientation of actuator
markings and terminals
Marking color white, standard for all actuator colors except white and yellow. Marking color black, standard for
white and yellow actuators. Consult Customer Service Center for other available markings and colors.
1.126
(28,60)
.118–.177
(3,00) (4,50)
1.110
(28,20)
.078–.118
(2,00) (3,00)
1.102
(28,00)
.059–.078
(1,50) (2,00)
DIM ‘A’
PANEL THICKNESS
1 CONTACTS: Coin silver, silver plated.
TERMINALS: Copper, silver plated.
NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
All models
with all options.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
H-109
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H
H
16 AMPS @ 125 VAC; 1/3 HP;
10 AMPS @ 250 VAC, 1/2 HP
RATINGS
CONTACT AND
TERMINAL MATERIAL
SILVER
POWER
RoHS
COMPLIANT *
RoHS
COMPATIBLE *
OPTION
CODE
QA
YES
YES


유사한 부품 번호 - CA22J12207PQ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA224 INTERSIL-CA224 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
logo
Cooper Bussmann, Inc.
CA22D15 COOPER-CA22D15 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
CA22D30 COOPER-CA22D30 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
CA22D45 COOPER-CA22D45 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
CA22D60 COOPER-CA22D60 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
More results

유사한 설명 - CA22J12207PQ

제조업체부품명데이터시트상세설명
logo
C&K Components
CA01J12207DQ CK-COMPONENTS-CA01J12207DQ Datasheet
290Kb / 4P
   Power Rocker Switches
DF CK-COMPONENTS-DF Datasheet
354Kb / 4P
   Power Rocker Switches
logo
Panasonic Semiconductor
AJ7 PANASONIC-AJ7 Datasheet
461Kb / 11P
   Power Rocker Switches
AJ8S PANASONIC-AJ8S Datasheet
254Kb / 8P
   Power Rocker Switches
logo
C&K Components
C121J12S205DQA CK-COMPONENTS-C121J12S205DQA Datasheet
354Kb / 3P
   Power Rocker Switches
logo
ITT Industries
C121J12S205QA ITT-C121J12S205QA Datasheet
200Kb / 3P
   Power Rocker Switches
DF52J12S215QA ITT-DF52J12S215QA Datasheet
273Kb / 4P
   Power Rocker Switches
logo
C&K Components
DF52J12S215DQA CK-COMPONENTS-DF52J12S215DQA Datasheet
999Kb / 4P
   Power Rocker Switches
logo
Tyco Electronics
PRA MACOM-PRA Datasheet
301Kb / 4P
   Power Rocker Switches
logo
ITT Industries
CA04J137207Q ITT-CA04J137207Q Datasheet
259Kb / 4P
   Illuminated Power Rocker Switches
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com