전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29LV320MT120REI 데이터시트(PDF) 9 Page - Advanced Micro Devices

부품명 AM29LV320MT120REI
상세설명  32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV320MT120REI 데이터시트(HTML) 9 Page - Advanced Micro Devices

Back Button AM29LV320MT120REI Datasheet HTML 5Page - Advanced Micro Devices AM29LV320MT120REI Datasheet HTML 6Page - Advanced Micro Devices AM29LV320MT120REI Datasheet HTML 7Page - Advanced Micro Devices AM29LV320MT120REI Datasheet HTML 8Page - Advanced Micro Devices AM29LV320MT120REI Datasheet HTML 9Page - Advanced Micro Devices AM29LV320MT120REI Datasheet HTML 10Page - Advanced Micro Devices AM29LV320MT120REI Datasheet HTML 11Page - Advanced Micro Devices AM29LV320MT120REI Datasheet HTML 12Page - Advanced Micro Devices AM29LV320MT120REI Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
May 16, 2003
Am29LV320MT/B
9
DA T A SH EET
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Am29LV320M
T
120R
PC
I
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
PACKAGE TYPE
E
=
48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048)
PC
=
64-Ball Fortified Ball Grid Array (
FBGA),
1.0 mm pitch, 13 x 11 mm package (LAA064)
WC =
48-Ball Fine Pitch Ball Grid Array (FBGA),
0.80 mm pitch, 9 x 8 mm package (FBC048)
SPEED OPTION
See Product Selector Guide and Valid Combinations
SECTOR ARCHITECTURE AND WP# PROTECTION (WP# = VIL)
T
=
Top boot sector device, top two address sectors protected
B
=
Bottom boot sector device, bottom two address sectors protected
DEVICE NUMBER/DESCRIPTION
Am29LV320MT/B
32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit
 Boot Sector Flash Memory
3.0 Volt-only Read, Program, and Erase
Valid Combinations for
TSOP Package
Speed
(ns)
V
CC
Range
Am29LV320MT90R,
Am29LV320MB90R
EI
90
3.0–3.6 V
Am29LV320MT100,
Am29LV320MB100
100
2.7–3.6 V
Am29LV320MT110,
Am29LV320MB110
110
Am29LV320MT120,
Am29LV320MB120
120
Am29LV320MT100R,
Am29LV320MB100R
100
3.0–3.6 V
Am29LV320MT110R,
Am29LV320MB110R
110
Am29LV320MT120R,
Am29LV320MB120R
120
Valid Combinations for
BGA Packages
Speed
(ns)
V
CC
Range
Order Number
Package Marking
Am29LV320MT90R
WCI
L320MT90QI
90
3.0–
3.6 V
PCI
L320MT90NI
Am29LV320MB90R
WCI
L320MB90QI
PCI
L320MB10NI
Am29LV320MT100
WCI
L320MT10UI
100
2.7–
3.6 V
PCI
L320MT10PI
Am29LV320MB100
WCI
L320MB10UI
PCI
L320MB10PI
Am29LV320MT110
WCI
L320MT11UI
110
PCI
L320MT11PI
Am29LV320MB110
WCI
L320MB11UI
PCI
L320MB11PI
Am29LV320MT120
WCI
L320MT12UI
120
PCI
L320MT12PI
Am29LV320MB120
WCI
L320MB12UI
PCI
L320MB12PI
Am29LV320MT100R
WCI
L320MT10QI
100
3.0–
3.6 V
PCI
L320MT10NI
Am29LV320MB100R
WCI
L320MB10QI
PCI
L320MB10NI
Am29LV320MT110R
WCI
L320MT11QI
110
PCI
L320MT11NI
Am29LV320MB110R
WCI
L320MB11QI
PCI
L320MB11NI
Am29LV320MT120R
WCI
L320MT12QI
120
3.0–
3.6 V
PCI
L320MT12NI
Am29LV320MB120R
WCI
L320MB12QI
PCI
L320MB12NI
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult the local AMD sales office to confirm
availability of specific valid combinations and to check on newly re-
leased combinations.


유사한 부품 번호 - AM29LV320MT120REI

제조업체부품명데이터시트상세설명
logo
SPANSION
AM29LV320MT120REI SPANSION-AM29LV320MT120REI Datasheet
1Mb / 63P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
More results

유사한 설명 - AM29LV320MT120REI

제조업체부품명데이터시트상세설명
logo
SPANSION
AM29LV320MT SPANSION-AM29LV320MT_07 Datasheet
1Mb / 63P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160M AMD-AM29LV160M Datasheet
1Mb / 60P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
AM29LV640MT AMD-AM29LV640MT Datasheet
1Mb / 66P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
AM29LV160M AMD-AM29LV160M_07 Datasheet
1Mb / 63P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit TM 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV320D SPANSION-AM29LV320D Datasheet
887Kb / 55P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV640MT SPANSION-AM29LV640MT Datasheet
1Mb / 66P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit-TM 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV320D AMD-AM29LV320D Datasheet
1Mb / 57P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
SPANSION
S29AL016M SPANSION-S29AL016M_06 Datasheet
1Mb / 62P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) 3.0 Volt-only Boot Sector Flash Memory Featuring MirrorBit??Technology
logo
Advanced Micro Devices
AM29LVI16D AMD-AM29LVI16D Datasheet
863Kb / 44P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160B AMD-AM29LV160B Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com