전자부품 데이터시트 검색엔진 |
|
M400410B1PK-R 데이터시트(PDF) 1 Page - MTRONPTI |
|
M400410B1PK-R 데이터시트(HTML) 1 Page - MTRONPTI |
|
1 / 1 page MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800. M4003 & M4004 Series 9x14 mm, 5.0 or 3.3 Volt, PECL, VCSO Integrated phase jitter of less than 0.5 ps from 12 kHz to 20 MHz Ideal for SONET and 10 and 40 Gigabit Ethernet applications • • Pin Connections Revision:7-27-06 J-Lead Package FR-4 Package |
유사한 부품 번호 - M400410B1PK-R |
|
유사한 설명 - M400410B1PK-R |