전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F365FCQB 데이터시트(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 74F365FCQB
상세설명  Hex Buffer/Driver with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F365FCQB 데이터시트(HTML) 3 Page - National Semiconductor (TI)

  74F365FCQB Datasheet HTML 1Page - National Semiconductor (TI) 74F365FCQB Datasheet HTML 2Page - National Semiconductor (TI) 74F365FCQB Datasheet HTML 3Page - National Semiconductor (TI) 74F365FCQB Datasheet HTML 4Page - National Semiconductor (TI) 74F365FCQB Datasheet HTML 5Page - National Semiconductor (TI) 74F365FCQB Datasheet HTML 6Page - National Semiconductor (TI) 74F365FCQB Datasheet HTML 7Page - National Semiconductor (TI) 74F365FCQB Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Storage Temperature
b
65 Cto a150 C
Ambient Temperature under Bias
b
55 Cto a125 C
Junction Temperature under Bias
b
55 Cto a175 C
Plastic
b
55 Cto a150 C
VCC Pin Potential to
Ground Pin
b
05V to a70V
Input Voltage (Note 2)
b
05V to a70V
Input Current (Note 2)
b
30 mA to a50 mA
Voltage Applied to Output
in HIGH State (with VCC e 0V)
Standard Output
b
05V to VCC
TRI-STATE Output
b
05V to a55V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
Note 1
Absolute maximum ratings are values beyond which the device may
be damaged or have its useful life impaired Functional operation under
these conditions is not implied
Note 2
Either voltage limit or current limit is sufficient to protect inputs
Recommended Operating
Conditions
Free Air Ambient Temperature
Military
b
55 Cto a125 C
Commercial
0 Cto a70 C
Supply Voltage
Military
a
45V to a55V
Commercial
a
45V to a55V
DC Electrical Characteristics
Symbol
Parameter
54F74F
Units
VCC
Conditions
Min
Typ
Max
VIH
Input HIGH Voltage
20
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
08
V
Recognized as a LOW Signal
VCD
Input Clamp Diode Voltage
b
12
V
Min
IIN eb18 mA
VOH
Output HIGH
54F 10% VCC
24
IOH eb3mA
Voltage
54F 10% VCC
20
IOH eb12 mA
74F 10% VCC
24
V
Min
IOH eb3mA
74F 10% VCC
20
IOH eb15 mA
74F 5% VCC
27
IOH eb3mA
VOL
Output LOW
54F 10% VCC
055
V
Min
IOL e 48 mA
Voltage
74F 10% VCC
055
IOL e 64 mA
IIH
Input HIGH Current
20
m
A
Max
VIN e 27V
IBVI
Input HIGH Current
100
m
A
00
VIN e 70V
Breakdown Test
IIL
Input LOW Current
b
20
m
A
Max
VIN e 05V
IOZH
Output Leakage Current
50
m
A
Max
VOUT e 27V
IOZL
Output Leakage Current
b
50
m
A
Max
VOUT e 05V
IOS
Output Short-Circuit Current
b
100
b
225
mA
Max
VOUT e 0V
ICEX
Output HIGH Leakage Current
250
m
A
Max
VOUT e VCC
IZZ
Bus Drainage Test
500
m
A
00V
VOUT e 525V
ICCH
Power Supply Current
25
35
mA
Max
VO e HIGH
ICCL
Power Supply Current
44
62
mA
Max
VO e LOW
ICCZ
Power Supply Current
35
48
mA
Max
VO e HIGH Z
3


유사한 부품 번호 - 74F365FCQB

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74F365 PHILIPS-74F365 Datasheet
94Kb / 10P
   Buffers/drivers
1999 Jan 08
logo
Fairchild Semiconductor
74F365 FAIRCHILD-74F365 Datasheet
40Kb / 4P
   Hex Buffer/Driver with 3-STATE Outputs
74F365PC FAIRCHILD-74F365PC Datasheet
40Kb / 4P
   Hex Buffer/Driver with 3-STATE Outputs
74F365SC FAIRCHILD-74F365SC Datasheet
40Kb / 4P
   Hex Buffer/Driver with 3-STATE Outputs
More results

유사한 설명 - 74F365FCQB

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
MM54HC365 NSC-MM54HC365 Datasheet
141Kb / 8P
   Hex TRI-STATE Buffer, Inverting Hex TRI-STATE Buffer
logo
Fairchild Semiconductor
74F365 FAIRCHILD-74F365 Datasheet
40Kb / 4P
   Hex Buffer/Driver with 3-STATE Outputs
logo
National Semiconductor ...
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54F540DM NSC-54F540DM Datasheet
166Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC541 NSC-54AC541 Datasheet
124Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT241 NSC-54ABT241 Datasheet
119Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
74VHC541 NSC-74VHC541 Datasheet
146Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
MV54ACTQ541-X NSC-MV54ACTQ541-X Datasheet
25Kb / 7P
   Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com