전자부품 데이터시트 검색엔진 |
|
CA08COM-IN16-1SW-B-DN 데이터시트(PDF) 3 Page - ITT Industries |
|
CA08COM-IN16-1SW-B-DN 데이터시트(HTML) 3 Page - ITT Industries |
3 / 42 page 3 CA-COM Electrical data Rated current 20 °C ambient temperature Contact size Rated current AWG / metric A max1) 15S 22 15 22 25 41 100 74 1) This applies only to the max. rated current for one contact. If several contacts in one contact arrangement are loaded with higher current the specific heat and the ambient temperature may not exceed +125 °C. Rated current vs. ambient temperature Contact resistance (Millivolt test) Contact size Contact resistance metric m Ω max 15S 6 15 6 25 3 100 1 Insulation resistance > 1000 M Ω Air and creepage paths mm (min) Voltage class Instr. A D Air path mm 0,7 1,1 2,8 Creepage path mm 0,7 1,1 2,8 Operating Voltage and connector usage When the connectors in this catalogue are used for voltages greater than 50 Volts and have touchable conductive shell parts they must be used in accordance with the safety regulations DIN VDE Part 410; IEC 60364- 4-41. This regulation basically dictates that the power source should be turned off before any mating and unmating of the connector, this regulation does not provide for protection against electrical shock when mating and unmating the connec- tors in the live condition. Mechanical data Max operating temperature acc. to DIN IEC 68, part 1 –55/125 °C Mating cycles min 500 Min separating force per contact Contact size Separating force metric N 15S 1,0 15 1,0 25 1,5 100 3,0 Contact retention Test force to be applied in mating direction Contact size Test force metric N 15S 35 15 35 25 55 100 80 Coupling torque The allowable coupling torque has to be tested under harnessed conditions Shell Allowable coupling torque size Closing and opening Opening (N max) (N min) CA-COM CA-COM-B CA-COM, CA-COM-B 10SL 3,0 2,6 0,15 12S 2,8 2,8 0,23 14S 5,9 3,0 0,35 16S/16 7,0 3,5 0,46 18 8,0 4,0 0,58 20 9,0 4,5 0,7 22 10,6 5,0 0,8 24 12,9 6,0 0,8 28 16,7 7,0 0,92 32 18,1 8,5 1,02 36 23,9 10,0 1,05 Materials Shell Aluminum alloy, Zinc dicast nickel plated Contacts Copper alloy, silver plated Insulator Polychloroprene #1171_CA-COM_englisch_250900 18.10.2000, 8:20 Uhr 3 |
유사한 부품 번호 - CA08COM-IN16-1SW-B-DN |
|
유사한 설명 - CA08COM-IN16-1SW-B-DN |