전자부품 데이터시트 검색엔진 |
|
54ABT240J-QML 데이터시트(PDF) 1 Page - National Semiconductor (TI) |
|
|
54ABT240J-QML 데이터시트(HTML) 1 Page - National Semiconductor (TI) |
1 / 11 page Original Creation Date: 09/06/95 Last Update Date: 09/24/98 Last Major Revision Date: 03/19/97 MN54ABT240-X REV 0B0 MICROCIRCUIT DATA SHEET OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS General Description The ABT240 is an inverting octal buffer and line driver designed to be employed as a memory address driver, clock driver and bus oriented transmitter or receiver which provides improved PC board density. NS Part Numbers 54ABT240E-QML * 54ABT240J-QML ** 54ABT240W-QML *** Industry Part Number 54ABT240 Prime Die NB240 Controlling Document See Features Page Processing MIL-STD-883, Method 5004 Quality Conformance Inspection MIL-STD-883, Method 5005 Subgrp Description Temp ( C) o 1 Static tests at +25 2 Static tests at +125 3 Static tests at -55 4 Dynamic tests at +25 5 Dynamic tests at +125 6 Dynamic tests at -55 7 Functional tests at +25 8A Functional tests at +125 8B Functional tests at -55 9 Switching tests at +25 10 Switching tests at +125 11 Switching tests at -55 1 |
유사한 부품 번호 - 54ABT240J-QML |
|
유사한 설명 - 54ABT240J-QML |