전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF4108BCPZ-RL 데이터시트(PDF) 7 Page - Analog Devices

부품명 ADF4108BCPZ-RL
상세설명  PLL Frequency Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADF4108BCPZ-RL 데이터시트(HTML) 7 Page - Analog Devices

Back Button ADF4108BCPZ-RL Datasheet HTML 3Page - Analog Devices ADF4108BCPZ-RL Datasheet HTML 4Page - Analog Devices ADF4108BCPZ-RL Datasheet HTML 5Page - Analog Devices ADF4108BCPZ-RL Datasheet HTML 6Page - Analog Devices ADF4108BCPZ-RL Datasheet HTML 7Page - Analog Devices ADF4108BCPZ-RL Datasheet HTML 8Page - Analog Devices ADF4108BCPZ-RL Datasheet HTML 9Page - Analog Devices ADF4108BCPZ-RL Datasheet HTML 10Page - Analog Devices ADF4108BCPZ-RL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADF4108
Rev. 0 | Page 7 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
RSET
CP
CPGND
AGND
1
2
3
4
5
6
7
8
RFINB
RFINA
AVDD
REFIN
MUXOUT
LE
DATA
CLK
CE
DGND
16
15
14
13
12
11
10
9
VP
DVDD
TOP VIEW
(Not to Scale)
ADF4108
NOTE: TRANSISTOR COUNT 6425 (CMOS),
303 (BIPOLAR).
15 MUXOUT
14 LE
13 DATA
12 CLK
CPGND 1
AGND 2
AGND 3
11 CE
RFINB 4
RFINA 5
PIN 1
INDICATOR
TOP VIEW
(Not to Scale)
ADF4108
Figure 3. TSSOP Pin Configuration for TSSOP
Figure 4. LFCSP_VQ Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
TSSOP
LFCSP_VQ
Mnemonic
Description
1
19
RSET
Connecting a resistor between this pin and CPGND sets the maximum charge pump output current.
The nominal voltage potential at the RSET pin is 0.66 V. The relationship between ICP and RSET is
SET
MAX
CP
R
I
5
.
25
=
with RSET = 5.1 kΩ, ICP MAX = 5 mA.
2
20
CP
Charge Pump Output. When enabled, this pin provides ±ICP to the external loop filter, which in turn
drives the external VCO.
3
1
CPGND
Charge Pump Ground. This is the ground return path for the charge pump.
4
2, 3
AGND
Analog Ground. This is the ground return path of the prescaler.
5
4
RFINB
Complementary Input to the RF Prescaler. This point must be decoupled to the ground plane with a
small bypass capacitor, typically 100 pF. See Figure 12.
6
5
RFINA
Input to the RF Prescaler. This small signal input is ac-coupled to the external VCO.
7
6, 7
AVDD
Analog Power Supply. This voltage may range from 3.2 V to 3.6 V. Decoupling capacitors to the
analog ground plane should be placed as close as possible to this pin. AVDD must be the same value
as DVDD.
8
8
REFIN
Reference Input. This is a CMOS input with a nominal threshold of VDD/2 and a dc equivalent input
resistance of 100 kΩ. See Figure 11. This input can be driven from a TTL or CMOS crystal oscillator or
it can be ac-coupled.
9
9, 10
DGND
Digital Ground.
10
11
CE
Chip Enable. A logic low on this pin powers down the device and puts the charge pump output into
three-state mode. Taking the pin high will power up the device, depending on the status of the
power-down bit, F2.
11
12
CLK
Serial Clock Input. This serial clock is used to clock in the serial data to the registers. The data is
latched into the 24-bit shift register on the CLK rising edge. This input is a high impedance CMOS
input.
12
13
DATA
Serial Data Input. The serial data is loaded MSB first with the 2 LSBs being the control bits. This input
is a high impedance CMOS input.
13
14
LE
Load Enable, CMOS Input. When LE goes high, the data stored in the shift registers is loaded into
one of the four latches, the latch being selected using the control bits.
14
15
MUXOUT
This multiplexer output allows either the lock detect, the scaled RF, or the scaled reference
frequency to be accessed externally.
15
16, 17
DVDD
Digital Power Supply. This may range from 3.2 V to 3.6 V. Decoupling capacitors to the digital ground
plane should be placed as close as possible to this pin. DVDD must be the same value as AVDD.
16
18
VP
Charge Pump Power Supply. This voltage should be greater than or equal to VDD. In systems where
VDD is 3.3 V, it can be set to 5 V and used to drive a VCO with a tuning range of up to 5 V.


유사한 부품 번호 - ADF4108BCPZ-RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4108L703F AD-ADF4108L703F Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
More results

유사한 설명 - ADF4108BCPZ-RL

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
   PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4106 AD-ADF4106 Datasheet
228Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com