전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1G0832GW 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 74AUP1G0832GW
상세설명  Low-power 3-input AND-OR gate
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G0832GW 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP1G0832GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G0832GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G0832GW Datasheet HTML 9Page - NXP Semiconductors 74AUP1G0832GW Datasheet HTML 10Page - NXP Semiconductors 74AUP1G0832GW Datasheet HTML 11Page - NXP Semiconductors 74AUP1G0832GW Datasheet HTML 12Page - NXP Semiconductors 74AUP1G0832GW Datasheet HTML 13Page - NXP Semiconductors 74AUP1G0832GW Datasheet HTML 14Page - NXP Semiconductors 74AUP1G0832GW Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
74AUP1G0832_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01.00 — 26 January 2006
11 of 19
Philips Semiconductors
74AUP1G0832
Low-power 3-input AND-OR gate
Table 11:
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 10
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Max
Min
Max
CL = 5 pF
tPHL, tPLH
HIGH-to-LOW and
LOW-to-HIGH
propagation delay
A, B or C to Y
see Figure 9
VCC = 1.1 V to 1.3 V
2.2
11.3
2.2
12.4
ns
VCC = 1.4 V to 1.6 V
2.0
6.9
2.0
7.6
ns
VCC = 1.65 V to 1.95 V
1.5
5.7
1.5
6.3
ns
VCC = 2.3 V to 2.7 V
1.3
4.2
1.3
4.6
ns
VCC = 3.0 V to 3.6 V
1.2
3.5
1.2
3.9
ns
CL = 10 pF
tPHL, tPLH
HIGH-to-LOW and
LOW-to-HIGH
propagation delay
A, B or C to Y
see Figure 9
VCC = 1.1 V to 1.3 V
2.5
12.9
2.5
14.2
ns
VCC = 1.4 V to 1.6 V
2.3
8.0
2.3
8.8
ns
VCC = 1.65 V to 1.95 V
1.8
6.6
1.8
7.3
ns
VCC = 2.3 V to 2.7 V
1.6
4.9
1.6
5.4
ns
VCC = 3.0 V to 3.6 V
1.5
4.2
1.5
4.6
ns
CL = 15 pF
tPHL, tPLH
HIGH-to-LOW and
LOW-to-HIGH
propagation delay
A, B or C to Y
see Figure 9
VCC = 1.1 V to 1.3 V
2.8
14.7
2.8
16.2
ns
VCC = 1.4 V to 1.6 V
2.6
9.1
2.6
10.0
ns
VCC = 1.65 V to 1.95 V
2.0
7.5
2.0
8.3
ns
VCC = 2.3 V to 2.7 V
1.9
5.6
1.9
6.2
ns
VCC = 3.0 V to 3.6 V
1.8
4.8
1.8
5.3
ns
CL = 30 pF
tPHL, tPLH
HIGH-to-LOW and
LOW-to-HIGH
propagation delay
A, B or C to Y
see Figure 9
VCC = 1.1 V to 1.3 V
3.6
19.8
3.6
21.8
ns
VCC = 1.4 V to 1.6 V
3.3
12.1
3.3
13.3
ns
VCC = 1.65 V to 1.95 V
2.6
10.0
2.6
11.0
ns
VCC = 2.3 V to 2.7 V
2.5
7.4
2.5
8.3
ns
VCC = 3.0 V to 3.6 V
2.4
6.4
2.4
7.0
ns


유사한 부품 번호 - 74AUP1G0832GW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G0832GW NXP-74AUP1G0832GW Datasheet
95Kb / 16P
   Low-power 3-input AND-OR gate
Rev. 02-3 July 2009
logo
Nexperia B.V. All right...
74AUP1G0832GW NEXPERIA-74AUP1G0832GW Datasheet
259Kb / 16P
   Low-power 3-input AND-OR gate
Rev. 6 - 14 January 2022
More results

유사한 설명 - 74AUP1G0832GW

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AUP1G0832 NEXPERIA-74AUP1G0832 Datasheet
259Kb / 16P
   Low-power 3-input AND-OR gate
Rev. 6 - 14 January 2022
logo
NXP Semiconductors
74AUP1G0832 NXP-74AUP1G0832 Datasheet
95Kb / 16P
   Low-power 3-input AND-OR gate
Rev. 02-3 July 2009
74AUP1G3208 NXP-74AUP1G3208 Datasheet
94Kb / 16P
   Low-power 3-input OR-AND gate
Rev. 02-3 July 2009
74AUP1G3208GF NXP-74AUP1G3208GF Datasheet
264Kb / 19P
   Low-power 3-input OR-AND gate
Rev. 5-22 June 2012
74AUP1G3208 PHILIPS-74AUP1G3208 Datasheet
71Kb / 19P
   Low-power 3-input OR-AND gate
Rev.01.00-17 January 2006
logo
Nexperia B.V. All right...
74AUP1G3208 NEXPERIA-74AUP1G3208 Datasheet
276Kb / 18P
   Low-power 3-input OR-AND gate
Rev. 10 - 9 May 2023
logo
NXP Semiconductors
74AUP1G332 PHILIPS-74AUP1G332 Datasheet
67Kb / 18P
   Low-power 3-input OR gate
Rev.01.00-27 February2006
74AUP1G332 NXP-74AUP1G332 Datasheet
91Kb / 16P
   Low-power 3-input OR gate
Rev. 02-29 February 2008
logo
Nexperia B.V. All right...
74AUP1G332 NEXPERIA-74AUP1G332 Datasheet
252Kb / 16P
   Low-power 3-input OR-gate
Rev. 7 - 20 January 2022
74AUP1G386 NEXPERIA-74AUP1G386 Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com