전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-2611 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 HCPL-2611
상세설명  HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-2611 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  HCPL-2611 Datasheet HTML 1Page - Fairchild Semiconductor HCPL-2611 Datasheet HTML 2Page - Fairchild Semiconductor HCPL-2611 Datasheet HTML 3Page - Fairchild Semiconductor HCPL-2611 Datasheet HTML 4Page - Fairchild Semiconductor HCPL-2611 Datasheet HTML 5Page - Fairchild Semiconductor HCPL-2611 Datasheet HTML 6Page - Fairchild Semiconductor HCPL-2611 Datasheet HTML 7Page - Fairchild Semiconductor HCPL-2611 Datasheet HTML 8Page - Fairchild Semiconductor HCPL-2611 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Characteristics
Test Conditions
Symbol
Min
Typ**
Max
Unit
Input-Output
(Relative humidity = 45%)
Insulation Leakage Current
(TA = 25°C, t = 5 s)
II-O
1.0*
µA
(VI-O = 3000 VDC)
(Note 12)
Withstand Insulation Test Voltage
(RH < 50%, TA = 25°C)
VISO
2500
VRMS
(Note 12) ( t = 1 min.)
Resistance (Input to Output)
(VI-O = 500 V) (Note 12)
RI-O
1012
Capacitance (Input to Output)
(f = 1 MHz) (Note 12)
CI-O
0.6
pF
ISOLATION CHARACTERISTICS (T
A = -40°C to +85°C Unless otherwise specified.)
** All typical values are at VCC = 5 V, TA = 25°C
1.
The VCC supply to each optoisolator must be bypassed by a 0.1µF capacitor or larger. This can be either a ceramic or solid tantalum
capacitor with good high frequency characteristic and should be connected as close as possible to the package VCC and GND pins
of each device.
2.
Each channel.
3.
Enable Input - No pull up resistor required as the device has an internal pull up resistor.
4.
tPLH - Propagation delay is measured from the 3.75 mA level on the HIGH to LOW transition of the input current pulse to the 1.5 V
level on the LOW to HIGH transition of the output voltage pulse.
5.
tPHL - Propagation delay is measured from the 3.75 mA level on the LOW to HIGH transition of the input current pulse to the 1.5 V
level on the HIGH to LOW transition of the output voltage pulse.
6.
tr - Rise time is measured from the 90% to the 10% levels on the LOW to HIGH transition of the output pulse.
7.
tf - Fall time is measured from the 10% to the 90% levels on the HIGH to LOW transition of the output pulse.
8.
tELH - Enable input propagation delay is measured from the 1.5 V level on the HIGH to LOW transition of the input voltage pulse
to the 1.5 V level on the LOW to HIGH transition of the output voltage pulse.
9.
tEHL - Enable input propagation delay is measured from the 1.5 V level on the LOW to HIGH transition of the input voltage pulse
to the 1.5 V level on the HIGH to LOW transition of the output voltage pulse.
10. CMH - The maximum tolerable rate of rise of the common mode voltage to ensure the output will remain in the high state
(i.e., VOUT > 2.0 V). Measured in volts per microsecond (V/µs).
11. CML - The maximum tolerable rate of rise of the common mode voltage to ensure the output will remain in the low output state
(i.e., VOUT < 0.8 V). Measured in volts per microsecond (V/µs).
12. Device considered a two-terminal device: Pins 1,2,3 and 4 shorted together, and Pins 5,6,7 and 8 shorted together.
NOTES
DC Characteristics
Test Conditions
Symbol
Min
Typ**
Max
Unit
High Level Output Current
(VCC = 5.5 V, VO = 5.5 V)
IOH
100
µA
(IF = 250 µA, VE = 2.0 V) (Note 2)
Low Level Output Current
(VCC = 5.5 V, IF = 5 mA)
VOL
.35
0.6
V
(VE = 2.0 V, ICL = 13 mA) (Note 2)
Input Threshold Current
(VCC = 5.5 V, VO = 0.6 V,
IFT
35
mA
VE = 2.0 V, IOL = 13 mA)
TRANSFER CHARACTERISTICS (T
A = -40°C to +85°C Unless otherwise specified.)
HIGH SPEED-10 MBit/s
LOGIC GATE OPTOCOUPLERS
www.fairchildsemi.com
4 OF 11
7/9/01
DS300202
SINGLE-CHANNEL
DUAL-CHANNEL
6N137
HCPL-2630
HCPL-2601
HCPL-2631
HCPL-2611


유사한 부품 번호 - HCPL-2611

제조업체부품명데이터시트상세설명
logo
QT Optoelectronics
HCPL-2611 QT-HCPL-2611 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-2611 HP-HCPL-2611 Datasheet
256Kb / 20P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2611 HP-HCPL-2611 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
HCPL-2611 HP-HCPL-2611 Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-2611 HP-HCPL-2611 Datasheet
261Kb / 10P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
More results

유사한 설명 - HCPL-2611

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
6N137 FAIRCHILD-6N137 Datasheet
584Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-0600 FAIRCHILD-HCPL-0600_04 Datasheet
224Kb / 13P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0661 FAIRCHILD-HCPL0661 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0611R2 FAIRCHILD-HCPL0611R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com