전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA7809 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 KA7809
상세설명  3-Terminal 1A Positive Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7809 데이터시트(HTML) 8 Page - Fairchild Semiconductor

Back Button KA7809 Datasheet HTML 4Page - Fairchild Semiconductor KA7809 Datasheet HTML 5Page - Fairchild Semiconductor KA7809 Datasheet HTML 6Page - Fairchild Semiconductor KA7809 Datasheet HTML 7Page - Fairchild Semiconductor KA7809 Datasheet HTML 8Page - Fairchild Semiconductor KA7809 Datasheet HTML 9Page - Fairchild Semiconductor KA7809 Datasheet HTML 10Page - Fairchild Semiconductor KA7809 Datasheet HTML 11Page - Fairchild Semiconductor KA7809 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
KA78XX/KA78XXA
8
Electrical Characteristics (KA7815)
(Refer to test circuit ,0°C < TJ < 125°C, IO = 500mA, VI =23V, CI= 0.33
µF, CO=0.1µF, unless otherwise specified)
Note:
1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Conditions
KA7815
Unit
Min.
Typ. Max.
Output Voltage
VO
TJ =+25
oC
14.4
15
15.6
5.0mA
≤ IO≤1.0A, PO≤15W
VI = 17.5V to 30V
14.25
15
15.75
V
Line Regulation (Note1)
Regline
TJ =+25
oC
VI = 17.5V to 30V
-
11
300
mV
VI = 20V to 26V
-
3
150
Load Regulation (Note1)
Regload
TJ =+25
oC
IO = 5mA to 1.5A
-
12
300
mV
IO = 250mA to 750mA
-
4
150
Quiescent Current
IQ
TJ =+25
oC-
5.2
8.0
mA
Quiescent Current Change
∆IQ
IO = 5mA to 1.0A
-
-
0.5
mA
VI = 17.5V to 30V
-
-
1.0
Output Voltage Drift
∆VO/∆TIO = 5mA
-
-1
-
mV/ oC
Output Noise Voltage
VN
f = 10Hz to 100KHz, TA =+25
oC-
90
-
µV/Vo
Ripple Rejection
RR
f = 120Hz
VI = 18.5V to 28.5V
54
70
-
dB
Dropout Voltage
VDrop
IO = 1A, TJ=+25
oC-
2
-
V
Output Resistance
rO
f = 1KHz
-
19
-
m
Short Circuit Current
ISC
VI = 35V, TA=+25
oC
-
250
-
mA
Peak Current
IPK
TJ =+25
oC-
2.2
-
A


유사한 부품 번호 - KA7809

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA7809 FAIRCHILD-KA7809 Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
TAITRON Components Inco...
KA7809 TAITRON-KA7809 Datasheet
75Kb / 1P
   Voltage Regulators
logo
Fairchild Semiconductor
KA7809A FAIRCHILD-KA7809A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
TAITRON Components Inco...
KA7809A TAITRON-KA7809A Datasheet
75Kb / 1P
   Voltage Regulators
logo
Fairchild Semiconductor
KA7809AE FAIRCHILD-KA7809AE Datasheet
254Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
More results

유사한 설명 - KA7809

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com