전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM3072EYRZ-REEL7 데이터시트(PDF) 10 Page - Analog Devices

부품명 ADM3072EYRZ-REEL7
상세설명  3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM3072EYRZ-REEL7 데이터시트(HTML) 10 Page - Analog Devices

Back Button ADM3072EYRZ-REEL7 Datasheet HTML 6Page - Analog Devices ADM3072EYRZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM3072EYRZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM3072EYRZ-REEL7 Datasheet HTML 9Page - Analog Devices ADM3072EYRZ-REEL7 Datasheet HTML 10Page - Analog Devices ADM3072EYRZ-REEL7 Datasheet HTML 11Page - Analog Devices ADM3072EYRZ-REEL7 Datasheet HTML 12Page - Analog Devices ADM3072EYRZ-REEL7 Datasheet HTML 13Page - Analog Devices ADM3072EYRZ-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADM3070E/ADM3071E/ADM3072E/ADM3073E/ADM3074E/ADM3075E/ADM3076E/ADM3077E/ADM3078E
Rev. A | Page 10 of 20
TEST CIRCUITS AND SWITCHING CHARACTERISTICS
VOC
RL/2
RL/2
Z
Y
VOD
Figure 7. Driver DC Test Load
DI
DE
Y
Z
3V
CL
RL
VOD
Figure 8. Driver Timing Test Circuit
VCC
tDPLH
tDR
tDF
tDPHL
0V
VCC/2
1/2VO
1/2VO
DI
Z
Y
VO
+VO
–VO
VDIFF
10%
90%
90%
10%
VDIFF = V (Y) – V (Z)
tDSKEW = |tDPLH tDPHL|
0V
Figure 9. Driver Propagation Delays
OUT
S1
0V OR 3V
GENERATOR
RL
500Ω
50Ω
DE
OUT
CL
50pF
+
tDZH, tDZH(SHDN)
VOM = (0 + VOH)/2
tDHZ
VCC/2
0.25V
VCC
0V
VOH
0V
D
Figure 10. Driver Enable and Disable Times (tDHZ, tDZH, tDZH(SHDN))
OUT
S1
VCC
0V OR 3V
GENERATOR
RL
500Ω
50Ω
DE
OUT
CL
50pF
+
tDZL, tDZL(SHDN)
VOM = (VOL + VCC)/2
tDLZ
VCC/2
0.25V
VCC
VCC
0V
VOL
D
Figure 11. Driver Enable and Disable Times (tDZL, tDLZ, tDZL(SHDN))
VID
ATE
B
R
RECEIVER
OUTPUT
A
Figure 12. Receiver Propagation Delay Test Circuit
NOTES
1. THE RISE TIME AND FALL TIME OF INPUT A AND INPUT B < 4ns.
A
B
RO
VOL
VOH
1.5V
+1V
–1V
tRPHL
tRPLH
Figure 13. Receiver Propagation Delays


유사한 부품 번호 - ADM3072EYRZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM3072EYRZ-REEL7 AD-ADM3072EYRZ-REEL7 Datasheet
528Kb / 20P
   3.3 V, 15,-15 kV ESD-Protected
Rev. E
ADM3072EYRZ-REEL7 AD-ADM3072EYRZ-REEL7 Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
More results

유사한 설명 - ADM3072EYRZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM3483E AD-ADM3483E Datasheet
649Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3070E AD-ADM3070E Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM485E AD-ADM485E Datasheet
399Kb / 16P
   5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
ADM485E AD-ADM485E_V01 Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
ADM3483 AD-ADM3483_11 Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483 AD-ADM3483 Datasheet
450Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM3491ARUZ AD-ADM3491ARUZ Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483 AD-ADM3483_V01 Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3485E AD-ADM3485E_10 Datasheet
303Kb / 16P
   짹15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com