전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S29CD032G0MFFA100 데이터시트(PDF) 71 Page - SPANSION

부품명 S29CD032G0MFFA100
상세설명  32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032G0MFFA100 데이터시트(HTML) 71 Page - SPANSION

Back Button S29CD032G0MFFA100 Datasheet HTML 67Page - SPANSION S29CD032G0MFFA100 Datasheet HTML 68Page - SPANSION S29CD032G0MFFA100 Datasheet HTML 69Page - SPANSION S29CD032G0MFFA100 Datasheet HTML 70Page - SPANSION S29CD032G0MFFA100 Datasheet HTML 71Page - SPANSION S29CD032G0MFFA100 Datasheet HTML 72Page - SPANSION S29CD032G0MFFA100 Datasheet HTML 73Page - SPANSION S29CD032G0MFFA100 Datasheet HTML 74Page - SPANSION S29CD032G0MFFA100 Datasheet HTML 75Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 87 page
background image
November 14, 2005 S29CD-G_00_B0
S29CD-G Flash Family
69
Pr el im i n a r y
AC Characteristics
Burst Mode Read for 32 Mb & 16 Mb
Note: Not 100% tested.
Parameter
Description
Speed Options
Unit
JEDE
C
Std.
75 MHz,
0R
32 MHz
66 MHz,
0P
56 MHz,
0M
40 MHz,
OJ
tBACC Burst Access Time Valid Clock to Output Delay
Max 7.5 FBGA
9 FBGA
9.5 PQFP
10 FBGA
10 PQFP
17
ns
tADVCS ADV# Setup Time to Rising Edge of CLK
Min
5.75
6
tADVCH ADV# Hold Time from Rising Edge of CLK
Min
1.5
2
tADVP ADV# Pulse Width (32Mb, 75MHz)
Min
12
13
15
22
tDVCH Valid Data Hold from CLK (Note Note:)
Min
2
3
tDIND CLK to Valid IND/WAIT#
Max 7.5 FBGA
9 FBGA
9.5 PQFP
10 FBGA
10 PQFP
17
tINDH IND/WAIT# Hold from CLK
Min
2
3
tIACC CLK to Valid Data Out, Initial Burst Access
Max
48
54
64
67
tCLK
CLK Period
Min
13.
15
18
25
Max
60
tCLKR CLK Rise Time
Max
3
tCLKF CLK Fall Time
Max
3
tCKL
CLK Low Time
Min
2
2.5
3
tCLKH CLK to High Time
Min
2
2.5
3
tCES
CE# Setup Time to Clock
Min
6
tCH
CE# Hold Time
Min
16 Mb =3
32 Mb = 8
tACS
Address Setup Time to CLK
Min
6
tACH
Address Hold Time from ADV# Rising
Edge of CLK while ADV# is Low
Min
5
tOE
Output Enable to Output Valid
Max
20
28
tDF
tOEZ
Output Enable to Output High Z (Note Note:)
Min
2
2
3
3
Max
7.5
10
15
17
tEHQZ
tCEZ
Chip Enable to Output High Z (Note Note:)
Max
7.5
10
15
17
tWADVH WE hold time after ADV falling edge
Min
0
tWCKS WE rising edge setup time to clock rising edge
Min
5


유사한 부품 번호 - S29CD032G0MFFA100

제조업체부품명데이터시트상세설명
logo
SPANSION
S29CD032G0MFAI000 SPANSION-S29CD032G0MFAI000 Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29CD032G0MFAI002 SPANSION-S29CD032G0MFAI002 Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29CD032G0MFAI003 SPANSION-S29CD032G0MFAI003 Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29CD032G0MFAI010 SPANSION-S29CD032G0MFAI010 Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29CD032G0MFAI012 SPANSION-S29CD032G0MFAI012 Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
More results

유사한 설명 - S29CD032G0MFFA100

제조업체부품명데이터시트상세설명
logo
SPANSION
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD016J SPANSION-S29CD016J Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29CD-J SPANSION-S29CD-J Datasheet
1Mb / 76P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
logo
Advanced Micro Devices
AM29BDD160G AMD-AM29BDD160G Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDD160G AMD-AM29BDD160G_06 Datasheet
1Mb / 79P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
SPANSION
S29CD-J SPANSION-S29CD-J_12 Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29JL032J70TFI420 SPANSION-S29JL032J70TFI420 Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com