전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD4113AK 데이터시트(PDF) 7 Page - Toshiba Semiconductor

부품명 TPD4113AK
상세설명  Intelligent Power Device High Voltage Monolithic Silicon Power IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4113AK 데이터시트(HTML) 7 Page - Toshiba Semiconductor

Back Button TPD4113AK Datasheet HTML 3Page - Toshiba Semiconductor TPD4113AK Datasheet HTML 4Page - Toshiba Semiconductor TPD4113AK Datasheet HTML 5Page - Toshiba Semiconductor TPD4113AK Datasheet HTML 6Page - Toshiba Semiconductor TPD4113AK Datasheet HTML 7Page - Toshiba Semiconductor TPD4113AK Datasheet HTML 8Page - Toshiba Semiconductor TPD4113AK Datasheet HTML 9Page - Toshiba Semiconductor TPD4113AK Datasheet HTML 10Page - Toshiba Semiconductor TPD4113AK Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TENTATIVE
TPD4113AK
2005-05-20
7
Truth Table
Input
Top arm
Bottom arm
Mode
HU HV HW LU LV LW
phase
phase
phase
phase
phase
phase
DIAG
Normal
ON
OFF
OFF
OFF
ON
OFF
OFF
ON
OFF
OFF
OFF
OFF
ON
OFF
OFF
ON
OFF
OFF
OFF
ON
OFF
OFF
ON
OFF
ON
OFF
OFF
OFF
OFF
OFF
ON
ON
OFF
OFF
OFF
OFF
OFF
ON
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
ON
Thermal shutdown
OFF
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
ON
Under voltage
OFF
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
ON
Notes: Release of Thermal shutdown protection and under voltage protection depends release of a self-reset .
Absolute Maximum Ratings (Ta
= 25°C)
Characteristics
Symbol
Rating
Unit
VBB
500
V
Power supply voltage
VCC
18
V
Output current (DC)
Iout
1
A
Output current (pulse)
Iout
2
A
Input voltage
VIN
−0.5~7
V
VREG current
IREG
50
mA
VDIAGcurrent
IDIAG
20
mA
Power dissipation (Ta
= 25°C)
PC
4
W
Power dissipation (Tc
= 25°C)
PC
20
W
Operating temperature
Tjopr
−20~135
°C
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55~150
°C
Lead-heat sink isolation voltage
Vhs
1000 (1 min)
Vrms


유사한 부품 번호 - TPD4113AK

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPD4113AK TOSHIBA-TPD4113AK Datasheet
343Kb / 24P
   High Voltage Monolithic Silicon Power IC
TPD4113AK TOSHIBA-TPD4113AK_07 Datasheet
343Kb / 24P
   High Voltage Monolithic Silicon Power IC
More results

유사한 설명 - TPD4113AK

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPD4123AK TOSHIBA-TPD4123AK Datasheet
353Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4121K TOSHIBA-TPD4121K Datasheet
356Kb / 25P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4112K TOSHIBA-TPD4112K Datasheet
428Kb / 28P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4113K TOSHIBA-TPD4113K Datasheet
227Kb / 21P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4124K TOSHIBA-TPD4124K Datasheet
349Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4125AK TOSHIBA-TPD4125AK Datasheet
343Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4125K TOSHIBA-TPD4125K Datasheet
349Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4122K TOSHIBA-TPD4122K Datasheet
354Kb / 25P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4124AK TOSHIBA-TPD4124AK Datasheet
320Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4123K TOSHIBA-TPD4123K Datasheet
347Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com