전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA4865AJ 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 TDA4865AJ
상세설명  eflection boosters for use in vertical deflection systems for frame frequencies up to 200 Hz.
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4865AJ 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button TDA4865AJ Datasheet HTML 7Page - NXP Semiconductors TDA4865AJ Datasheet HTML 8Page - NXP Semiconductors TDA4865AJ Datasheet HTML 9Page - NXP Semiconductors TDA4865AJ Datasheet HTML 10Page - NXP Semiconductors TDA4865AJ Datasheet HTML 11Page - NXP Semiconductors TDA4865AJ Datasheet HTML 12Page - NXP Semiconductors TDA4865AJ Datasheet HTML 13Page - NXP Semiconductors TDA4865AJ Datasheet HTML 14Page - NXP Semiconductors TDA4865AJ Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TDA4865J_TDA4865AJ_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 3 November 2006
11 of 18
NXP Semiconductors
TDA4865J; TDA4865AJ
Vertical deflection booster
[1]
With a heat sink of 2 K/W.
VP1,VN and VFB are referenced to ground of application; voltages are calculated with
+10 % tolerances.
The calculation formulae for supply voltages are as follows:
(1)
(2)
where:
U’L =Ldeflcoil × 2Idefl(max) × fv
fv = vertical deflection frequency
UD1 = forward voltage drop across D1
The calculation formulae for power consumption is:
(3)
(4)
(5)
where:
PIC = power dissipation of the IC
Ptot = total power dissipation
Pdefl = power dissipation of the deflection coil
Calculation formulae for maximum required thermal resistance for the heat sink at
Tj(max) = 110 °C:
(6)
(7)
Table 9.
Calculated values
Symbol
Value
Unit
TDA4865J
TDA4865AJ
VP1
815
V
VN
−13
−15
V
Ptot
8.5
12.1
W
Pdefl
3.85
3.85
W
PIC
4.65
8.25
W
Rth(tot)(max)
12.9
7.27
K/W
Tj(max)[1]
93
103.6
°C
tflb
650
720
µs
V
P1
V
osat
() p
R1
R
deflcoil
+
() I
defl max
()
U'
L
U
D1
+
×
+
=
V
N
V
osat
()n
R1
R
deflcoil
+
() I
defl max
()
U'
L
+
×
+
=
P
IC
P
tot
P
defl
=
P
tot
V
P1
U
D1
()
I
defl max
()
4
----------------------
V
N
I
defl max
()
4
----------------------
V
P1
V
N
+
() 0.01 0.2
+
×
+
×
+
×
=
P
defl
R
deflcoil
R1
+
3
---------------------------------
I
defl max
()
2
×
=
R
th tot
()
R
th j-mb
()
R
th mb-h
()
R
th h-a
()
++
=
R
th h-a
()
T
jmax
()
T
amb
P
IC
------------------------------------
R
th j-mb
()
R
th mb-h
()
=


유사한 부품 번호 - TDA4865AJ

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA4865AJ NXP-TDA4865AJ Datasheet
119Kb / 18P
   Vertical deflection booster
Rev. 02-3 November 2006
More results

유사한 설명 - TDA4865AJ

제조업체부품명데이터시트상세설명
logo
Xilinx, Inc
XCR3032XL-5PC44C XILINX-XCR3032XL-5PC44C Datasheet
85Kb / 8P
   System frequencies up to 200 MHz
logo
Fairchild Semiconductor
TDA1170 FAIRCHILD-TDA1170 Datasheet
390Kb / 15P
   TV VERTICAL DEFLECTION SYSTEMS
logo
Sanyo Semicon Device
LA7835 SANYO-LA7835 Datasheet
80Kb / 5P
   Vertical Deflection Output Circuit with Driver for Color TV Use
logo
Infineon Technologies A...
BAT63 INFINEON-BAT63 Datasheet
889Kb / 9P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
BAT6203WE6327 INFINEON-BAT6203WE6327 Datasheet
1Mb / 18P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
logo
NXP Semiconductors
EA53 PHILIPS-EA53 Datasheet
158Kb / 7P
   MEASURING DIODE FOR FREQUENCIES UP TO 1000 MC/S
9.9.1962
logo
Infineon Technologies A...
BAT62 INFINEON-BAT62_14 Datasheet
1Mb / 19P
   Low barrier diode for detectors up to GHz frequencies
2014-02-13
logo
List of Unclassifed Man...
2SD575 ETC-2SD575 Datasheet
20Kb / 1P
   For Horizontal Deflection Output Use of Color TV
logo
STMicroelectronics
ST50V10100 STMICROELECTRONICS-ST50V10100 Datasheet
325Kb / 7P
   RF Power LDMOS transistor for frequencies up to 1.5 GHz
March 2019 Rev 2
logo
NXP Semiconductors
TDA4861 PHILIPS-TDA4861 Datasheet
111Kb / 12P
   Vertical deflection power amplifier for monitors
1997 Jan 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com