전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S29CD032G0MFFA102 데이터시트(PDF) 45 Page - SPANSION

부품명 S29CD032G0MFFA102
상세설명  32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032G0MFFA102 데이터시트(HTML) 45 Page - SPANSION

Back Button S29CD032G0MFFA102 Datasheet HTML 41Page - SPANSION S29CD032G0MFFA102 Datasheet HTML 42Page - SPANSION S29CD032G0MFFA102 Datasheet HTML 43Page - SPANSION S29CD032G0MFFA102 Datasheet HTML 44Page - SPANSION S29CD032G0MFFA102 Datasheet HTML 45Page - SPANSION S29CD032G0MFFA102 Datasheet HTML 46Page - SPANSION S29CD032G0MFFA102 Datasheet HTML 47Page - SPANSION S29CD032G0MFFA102 Datasheet HTML 48Page - SPANSION S29CD032G0MFFA102 Datasheet HTML 49Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 87 page
background image
November 14, 2005 S29CD-G_00_B0
S29CD-G Flash Family
43
Pr el im i n a r y
During the data phase, the first burst data is available after the initial access time delay defined
in the Configuration Register. For subsequent burst data, every rising (or falling) edge of the CLK
triggers the output data with the burst output delay and sequence defined in the Configuration
Register.
Table 41 on page 54 and Table 42 on page 55 show all the commands executed by the device.
The device automatically powers up in the read/reset state. It is not necessary to issue a read/
reset command after power-up or hardware reset.
Read/Reset Command
After power-up or hardware reset, the device automatically enter the read state. It is not neces-
sary to issue the reset command after power-up or hardware reset. Standard microprocessor
cycles retrieve array data, however, after power-up, only asynchronous accesses are permitted
since the Configuration Register is at its reset state with burst accesses disabled.
The Reset command is executed when the user needs to exit any of the other user command se-
quences (such as autoselect, program, chip erase, etc.) to return to reading array data. There is
no latency between executing the Reset command and reading array data.
The Reset command does not disable the Secured Silicon sector if it is enabled. This function is
only accomplished by issuing the Secured Silicon Sector Exit command.
Autoselect Command
Flash memories are intended for use in applications where the local CPU alters memory contents.
As such, manufacturer and device codes must be accessible while the device resides in the target
system. PROM programmers typically access the signature codes by raising A9 to VID. However,
multiplexing high voltage onto the address lines is not generally desired system design practice.
The device contains an Autoselect Command operation to supplement traditional PROM program-
ming methodology. The operation is initiated by writing the Autoselect command sequence into
the command register. The bank address (BA) is latched during the autoselect command se-
quence write operation to distinguish which bank the Autoselect command references. Reading
the other bank after the Autoselect command is written results in reading array data from the
other bank and the specified address. Following the command write, a read cycle from address
(BA)XX00h retrieves the manufacturer code of (BA)XX01h. Three sequential read cycles at ad-
dresses (BA) XX01h, (BA) XX0Eh, and (BA) XX0Fh read the three-byte device ID (see Table 41).
(The Autoselect Command requires the user to execute the Read/Reset command to return the
device back to reading the array contents.)
Program Command Sequence
Programming is a four-bus-cycle operation. The program command sequence is initiated by writ-
ing two unlock write cycles, followed by the program set-up command. The program address and
data are written next, which in turn initiate the Embedded Program algorithm. The system is not
required to provide further controls or timings. The device automatically generates the program
pulses and verifies the programmed cell margin. Table 41 on page 54 and Table 42 on page 55
show the address and data requirements for the program command sequence.
During the Embedded Program algorithm, the system can determine the status of the program
operation by using DQ7, DQ6, or RY/BY#. (See Write Operation Status on page 56 for informa-
tion on these status bits.) When the Embedded Program algorithm is complete, the device returns
to reading array data and addresses are no longer latched. Note that an address change is re-
quired to begin read valid array data.
Except for Program Suspend, any commands written to the device during the Embedded Program
Algorithm are ignored. Note that a hardware reset immediately terminates the programming


유사한 부품 번호 - S29CD032G0MFFA102

제조업체부품명데이터시트상세설명
logo
SPANSION
S29CD032G0MFAI000 SPANSION-S29CD032G0MFAI000 Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29CD032G0MFAI002 SPANSION-S29CD032G0MFAI002 Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29CD032G0MFAI003 SPANSION-S29CD032G0MFAI003 Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29CD032G0MFAI010 SPANSION-S29CD032G0MFAI010 Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29CD032G0MFAI012 SPANSION-S29CD032G0MFAI012 Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
More results

유사한 설명 - S29CD032G0MFFA102

제조업체부품명데이터시트상세설명
logo
SPANSION
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD016J SPANSION-S29CD016J Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29CD-J SPANSION-S29CD-J Datasheet
1Mb / 76P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
logo
Advanced Micro Devices
AM29BDD160G AMD-AM29BDD160G Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDD160G AMD-AM29BDD160G_06 Datasheet
1Mb / 79P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
SPANSION
S29CD-J SPANSION-S29CD-J_12 Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29JL032J70TFI420 SPANSION-S29JL032J70TFI420 Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com