전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3812DV 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 SI3812DV
상세설명  N-Channel 20-V (D-S) MOSFET With Schottky Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3812DV 데이터시트(HTML) 4 Page - Vishay Siliconix

  SI3812DV Datasheet HTML 1Page - Vishay Siliconix SI3812DV Datasheet HTML 2Page - Vishay Siliconix SI3812DV Datasheet HTML 3Page - Vishay Siliconix SI3812DV Datasheet HTML 4Page - Vishay Siliconix SI3812DV Datasheet HTML 5Page - Vishay Siliconix SI3812DV Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Si3812DV
Vishay Siliconix
www.vishay.com
4
Document Number: 71069
S-03510—Rev. D, 16-Apr-01
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
MOSFET
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10–3
10–2
1
10
600
10–1
10–4
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
100
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 130_C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
0.01
0
1
6
8
2
4
10
30
0.1
Single Pulse Power, Junction-to-Ambient
Time (sec)
0.00
0.08
0.16
0.24
0.32
0.40
0
1234
5
VGS – Gate-to-Source Voltage (V)
On-Resistance vs. Gate-to-Source Voltage
ID = 2.4 A
ID = 1 A
1.2
1.5
0.1
1
10
0.00
0.3
0.6
0.9
TJ = 25_C
TJ = 150_C
Source-Drain Diode Forward Voltage
VSD – Source-to-Drain Voltage (V)
–0.6
–0.4
–0.2
–0.0
0.2
0.4
–50
–25
0
25
50
75
100
125
150
ID = 250 mA
Threshold Voltage
TJ – Temperature (_C)


유사한 부품 번호 - SI3812DV

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3812DV VISHAY-SI3812DV Datasheet
111Kb / 7P
   N-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. E, 18-Aug-03
SI3812DV-T1 VISHAY-SI3812DV-T1 Datasheet
111Kb / 7P
   N-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. E, 18-Aug-03
SI3812DV VISHAY-SI3812DV_08 Datasheet
111Kb / 7P
   N-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. E, 18-Aug-03
More results

유사한 설명 - SI3812DV

제조업체부품명데이터시트상세설명
logo
Analog Power
AM3826N ANALOGPOWER-AM3826N Datasheet
286Kb / 5P
   N-Channel 20-V (D-S) MOSFET With Schottky Diode
logo
Vishay Siliconix
SI3812DV VISHAY-SI3812DV_08 Datasheet
111Kb / 7P
   N-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. E, 18-Aug-03
SI5858DU VISHAY-SI5858DU Datasheet
126Kb / 10P
   N-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. B, 23-Jun-08
SI4340DDY VISHAY-SI4340DDY Datasheet
230Kb / 15P
   Dual N-Channel 20 V (D-S) MOSFET with Schottky Diode
Rev. A, 02-Mar-11
SI4340DY VISHAY-SI4340DY_V01 Datasheet
147Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI4340DY VISHAY-SI4340DY Datasheet
102Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. A, 15-Sep-03
SIA810DJ VISHAY-SIA810DJ Datasheet
133Kb / 10P
   N-Channel 20-V (D-S) MOSFET with Trench Schottky Diode
Rev. B, 03-Mar-08
SI7980DP VISHAY-SI7980DP_V01 Datasheet
345Kb / 18P
   Dual N-Channel 20 V (D-S) MOSFET with Schottky Diode
08-Feb-17
SI7980DP VISHAY-SI7980DP Datasheet
538Kb / 18P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-08
SIB800EDK VISHAY-SIB800EDK Datasheet
244Kb / 11P
   N-Channel 20-V (D-S) MOSFET with Trench Schottky Diode
Rev. B, 22-Dec-08
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com