전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KF24 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 KF24
상세설명  Sensoren Sensors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

KF24 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  KF24 Datasheet HTML 1Page - List of Unclassifed Manufacturers KF24 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.1
Sensoren
Sensors
KF24
Eigenschaften
• Für dynamische Zug- und Druckkraftmessung
• Ladungsausgang, keine Hilfsenergie erforderlich
• Hohe Empfindlichkeit
• Höchste Auflösung
• Günstiger Preis
Properties
• For dynamic measurement of tensile and compres-
sion forces
• Charge output, no external power required
• High sensitivity
• Excellent resolution
• Reasonable price
Piezoelektrischer Kraftaufnehmer
Piezoelectric Force Transducer
KF24
Ausgang • Output
Ladung • Charge
Ladungsübertragungsfaktor • Charge sensitivity
B
qF
300 ± 20 %
pC/N
Spannungsübertragungsfaktor
B
uF
200 ± 20 %
mV/N
Druckkraft max. • Compression force max.
F
C
2000
N
Zugkraft max. • Tensile force max.
F
T
300
N
Eigenfrequenz • Natural frequency
f
C
40
kHz
Nachgiebigkeit • Rigidity
n
4 . 10-9
m/N
Kapazität • Capacitance
C
I
1
nF
Verhalten gegenüber Umgebungseinflüssen • Environmental characteristics
Arbeitstemperaturbereich • Operating temperature range
T
min/Tmax
-10 / 80
°C
Mechanische Daten • Mechanical data
Masse ohne Kabel • Weight without cable
m
20 / 0,7
g / oz
Koppelmasse • Coupling mass
m
C
5 / 0,18
g / oz
Gehäusematerial • Case material
Edelstahl • Stainless steel
Buchse • Socket
UNF 10-32
Befestigung • Mounting
2 Gewinde M5 • 2 M5 tapped drills


유사한 부품 번호 - KF24

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
KF2 ETC-KF2 Datasheet
211Kb / 29P
   8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Rohm
KF2002-GC10A ROHM-KF2002-GC10A Datasheet
180Kb / 4P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KF2002-GD10A ROHM-KF2002-GD10A Datasheet
171Kb / 4P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KF2002-GD31A ROHM-KF2002-GD31A Datasheet
72Kb / 5P
   Compact medium speed thick film thermal printhead (8 dots /mm)
KF2002-GF41A ROHM-KF2002-GF41A Datasheet
89Kb / 5P
   Compact high speed thick film thermal printhead (8dots/ mm)
More results

유사한 설명 - KF24

제조업체부품명데이터시트상세설명
logo
Contrinex AG Industrial...
DW-AS-618-M30-069 CONTRINEX-DW-AS-618-M30-069 Datasheet
145Kb / 2P
   Induktive Sensoren D챕tecteurs inductifs Inductive sensors
DW-AS-702-M30-002 CONTRINEX-DW-AS-702-M30-002 Datasheet
169Kb / 2P
   Induktive Sensoren D챕tecteurs inductifs Inductive sensors
DW-AS-713-M8 CONTRINEX-DW-AS-713-M8 Datasheet
174Kb / 2P
   Induktive Sensoren D챕tecteurs inductifs Inductive sensors
DW-AS-623-04 CONTRINEX-DW-AS-623-04 Datasheet
160Kb / 2P
   Induktive Sensoren D챕tecteurs inductifs Inductive sensors
DW-AS-701-M30-BAS CONTRINEX-DW-AS-701-M30-BAS Datasheet
167Kb / 2P
   Induktive Sensoren D챕tecteurs inductifs Inductive sensors
DW-AS-701-M30-002 CONTRINEX-DW-AS-701-M30-002 Datasheet
169Kb / 2P
   Induktive Sensoren D챕tecteurs inductifs Inductive sensors
DW-AS-702-M12 CONTRINEX-DW-AS-702-M12 Datasheet
168Kb / 2P
   Induktive Sensoren D챕tecteurs inductifs Inductive sensors
DW-AS-632-M12-120 CONTRINEX-DW-AS-632-M12-120 Datasheet
175Kb / 2P
   Induktive Sensoren D챕tecteurs inductifs Inductive sensors
DW-AS-701-M12-303 CONTRINEX-DW-AS-701-M12-303 Datasheet
158Kb / 2P
   Induktive Sensoren D챕tecteurs inductifs Inductive sensors
DW-AS-701-M18-BAS CONTRINEX-DW-AS-701-M18-BAS Datasheet
143Kb / 2P
   Induktive Sensoren D챕tecteurs inductifs Inductive sensors
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com