전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC03DE170HV 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STC03DE170HV
상세설명  HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1700 V - 3 A - 0.55 OHM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC03DE170HV 데이터시트(HTML) 6 Page - STMicroelectronics

  STC03DE170HV Datasheet HTML 1Page - STMicroelectronics STC03DE170HV Datasheet HTML 2Page - STMicroelectronics STC03DE170HV Datasheet HTML 3Page - STMicroelectronics STC03DE170HV Datasheet HTML 4Page - STMicroelectronics STC03DE170HV Datasheet HTML 5Page - STMicroelectronics STC03DE170HV Datasheet HTML 6Page - STMicroelectronics STC03DE170HV Datasheet HTML 7Page - STMicroelectronics STC03DE170HV Datasheet HTML 8Page - STMicroelectronics STC03DE170HV Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
STC03DE170HV
6/9
Figure 15: Dynamic Collector-Emitter Satura-
tion Voltage
Figure 16: Inductive Load Enlargement FBSOA Circuit
Table 6: Components, Values
VB1 = 4.16 V
D1 = BA157
R1 = 1 W
R2 = 100 W
R3 = VCC / I Cn
Rg = 47 W
C1 = 220 nF
C2 ≤ 70 pF
C3 = 50 nF
Vg = 10 V
Pulse Time = 5 ms


유사한 부품 번호 - STC03DE170HV

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STC03DE170HV STMICROELECTRONICS-STC03DE170HV Datasheet
254Kb / 9P
   Hybrid emitter switched bipolar transistor ESBT짰 1700V - 3A - 0.33 W
STC03DE170HV STMICROELECTRONICS-STC03DE170HV_06 Datasheet
286Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55 OHM
STC03DE170HV STMICROELECTRONICS-STC03DE170HV_07 Datasheet
254Kb / 9P
   Hybrid emitter switched bipolar transistor ESBT짰 1700V - 3A - 0.33 W
More results

유사한 설명 - STC03DE170HV

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STC03DE170 STMICROELECTRONICS-STC03DE170 Datasheet
329Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1700 V - 3 A - 0.55 Ohm
STC03DE150 STMICROELECTRONICS-STC03DE150 Datasheet
327Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 3 A - 0.55 ohm
STC03DE170HV STMICROELECTRONICS-STC03DE170HV_06 Datasheet
286Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55 OHM
STC03DE220HV STMICROELECTRONICS-STC03DE220HV_08 Datasheet
104Kb / 7P
   Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
STC03DE220HP STMICROELECTRONICS-STC03DE220HP Datasheet
128Kb / 7P
   Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
STC05DE150 STMICROELECTRONICS-STC05DE150 Datasheet
165Kb / 4P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 5 A - 0.10 ohm
STC08DE150 STMICROELECTRONICS-STC08DE150 Datasheet
264Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 8 A - 0.075 OHM
STI50DE100 STMICROELECTRONICS-STI50DE100 Datasheet
311Kb / 11P
   Hybrid Emitter Switched Bipolar Transistor ESBT 1000 V - 50 A - 0.026 ohm
STC20DE90HV STMICROELECTRONICS-STC20DE90HV Datasheet
255Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 900V - 20A - 0.06 ohm
STC08DE150HV STMICROELECTRONICS-STC08DE150HV Datasheet
270Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com