전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTV1-40SAL6101 데이터시트(PDF) 5 Page - ITT Industries

부품명 MTV1-40SAL6101
상세설명  Microstrips .050 Contact Spacing
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ITT [ITT Industries]
홈페이지  http://www.ittcannon.com
Logo ITT - ITT Industries

MTV1-40SAL6101 데이터시트(HTML) 5 Page - ITT Industries

  MTV1-40SAL6101 Datasheet HTML 1Page - ITT Industries MTV1-40SAL6101 Datasheet HTML 2Page - ITT Industries MTV1-40SAL6101 Datasheet HTML 3Page - ITT Industries MTV1-40SAL6101 Datasheet HTML 4Page - ITT Industries MTV1-40SAL6101 Datasheet HTML 5Page - ITT Industries MTV1-40SAL6101 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Polarization
52
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Microminiature Strip - .100/.050" Contact Spacing
MT
Modification code "-01" in the part number
refers to guide posts located on both ends
of the socket side of the 50-MIL STRIP
connector and empty cavities on the pin
side to accept the guide posts.
Although in many cases it is not necessary
to polarize 50-MIL STRIP connectors, there
are several ways to prevent cross plugging.
One method is the use of guide posts that
can be located in specified cavities to assure
that the contacts will align when these post
are positioned before mating.
MTB1 and MTV1 - .050 (1.27) Contact Centers
Receptacle
Plug
.200 ± .010
(5.08 ± 0.25)
.032 ± .003
(0.81 ± 0.08)
DIA.
.126 ± .005
(3.20 ± 0.13)
.100 ± .005
(2.54 ± 0.13)
LEAD
LENGTH
.125 (3.18)
MAX. EPOXY
(INSULATED WIRE ONLY)
.050 (1.27) TYP.
A
A
CAVITY
#1
CAVITY
#1
CAVITY
#1
.283 ± .005
(7.19 ± 0.13)
LEAD
LENGTH
.125 (3.18)
MAX. EPOXY
(INSULATED WIRE ONLY)
CAVITY
#1
.070 ± .005 (1.78 ± 0.13): MTV
.080 ± .005 (2.03 ± 0.13): MTB
.070 ± .005 (1.78 ± 0.13): MTV
.080 ± .005 (2.03 ± 0.13): MTB
.050 (1.27) TYP.
NOTE: MTB1 available in up to 120 contacts.
Part
Number
by Size
MT*1-1**
MT*1-2**
MT*1-3**
MT*1-4**
MT*1-5**
MT*1-6**
MT*1-7**
MT*1-8**
MT*1-9**
MT*1-10**
MT*1-11**
MT*1-12**
MT*1-13**
MT*1-14**
MT*1-15**
MT*1-16**
MT*1-17**
MT*1-18**
MT*1-19**
MT*1-20**
.070 (1.78)
.120 (3.05)
.170 (4.32)
.220 (5.59)
.270 (6.85)
.320 (8.13)
.370 (9.40)
.420 (10.67)
.470 (11.94)
.520 (13.60)
.570 (14.48)
.620 (15.75)
.670 (17.02)
.720 (18.29)
.770 (19.56)
.820 (20.83)
.870 (22.10)
.920 (23.37)
.970 (24.64)
1.020 (25.91)
1.070 (27.18)
1.120 (28.45)
1.170 (29.72)
1.220 (30.99)
1.270 (32.36)
1.320 (33.53)
1.370 (34.80)
1.420 (36.07)
1.470 (37.34)
1.520 (38.61)
1.570 (39.88)
1.620 (41.15)
1.670 (42.42)
1.720 (43.69)
1.770 (44.96)
1.820 (46.23)
1.870 (47.50)
1.920 (48.77)
1.970 (50.04)
2.020 (51.31)
2.070 (52.58)
2.120 (53.85)
2.170 (55.12)
2.220 (56.39)
2.270 (57.66)
2.320 (58.93)
2.370 (60.20)
2.420 (61.47)
2.470 (62.74)
2.520 (64.01)
2.570 (65.28)
2.620 (66.55)
2.670 (67.82)
2.720 (69.09)
2.770 (70.36)
2.820 (71.63)
2.870 (72.90)
2.920 (74.17)
2.970 (75.44)
3.020 (76.71)
3.070 (77.98)
3.120 (79.25)
3.170 (80.52)
3.220 (81.79)
3.270 (83.06)
3.320 (84.33)
3.370 (85.60)
3.420 (86.87)
3.470 (88.14)
3.520 (89.41)
3.570 (90.68)
3.620 (91.95)
3.670 (93.22)
3.720 (94.49)
3.770 (95.76)
3.820 (97.03)
3.870 (98.30)
3.920 (99.57)
3.970 (100.84)
4.020 (102.11)
4.070 (103.38)
4.120 (104.65)
4.170 (105.92)
4.220 (107.19)
4.270 (108.46)
4.320 (109.73)
4.370 (111.00)
4.420 (112.27)
4.470 (113.54)
4.520 (114.81)
4.570 (116.08)
4.620 (117.35)
4.670 (118.62)
4.720 (119.89)
4.770 (121.16)
4.820 (122.43)
4.870 (123.70)
4.920 (124.97)
4.970 (126.24)
5.020 (127.50)
5.070 (128.78)
5.120 (130.05)
5.170 (131.32)
5.220 (132.59)
5.270 (133.86)
5.320 (135.13)
5.370 (136.40)
5.420 (137.67)
5.470 (138.94)
5.520 (140.21)
5.570 (141.48)
5.620 (142.75)
5.670 (144.02)
5.720 (145.29)
5.770 (146.56)
5.820 (147.83)
5.870 (149.10)
5.920 (150.37)
5.970 (151.64)
6.020 (152.91)
MT*1-21**
MT*1-22**
MT*1-23**
MT*1-24**
MT*1-25**
MT*1-26**
MT*1-27**
MT*1-28**
MT*1-29**
MT*1-30**
MT*1-31**
MT*1-32**
MT*1-33**
MT*1-34**
MT*1-35**
MT*1-36**
MT*1-37**
MT*1-38**
MT*1-39**
MT*1-40**
MT*1-41**
MT*1-42**
MT*1-43**
MT*1-44**
MT*1-45**
MT*1-46**
MT*1-47**
MT*1-48**
MT*1-49**
MT*1-50**
MT*1-51**
MT*1-52**
MT*1-53**
MT*1-54**
MT*1-55**
MT*1-56**
MT*1-57**
MT*1-58**
MT*1-59**
MT*1-60**
MT*1-61**
MT*1-62**
MT*1-63**
MT*1-64**
MT*1-65**
MT*1-66**
MT*1-67**
MT*1-68**
MT*1-69**
MT*1-70**
MT*1-71**
MT*1-72**
MT*1-73**
MT*1-74**
MT*1-75**
MT*1-76**
MT*1-77**
MT*1-78**
MT*1-79**
MT*1-80**
MT*1-81**
MT*1-82**
MT*1-83**
MT*1-84**
MT*1-85**
MT*1-86**
MT*1-87**
MT*1-88**
MT*1-89**
MT*1-90**
MT*1-91**
MT*1-92**
MT*1-93**
MT*1-94**
MT*1-95**
MT*1-96**
MT*1-97**
MT*1-98**
MT*1-99**
MT*1-100**
MT*1-101**
MT*1-102**
MT*1-103**
MT*1-104**
MT*1-105**
MT*1-106**
MT*1-107**
MT*1-108**
MT*1-109**
MT*1-110**
MT*1-111**
MT*1-112**
MT*1-113**
MT*1-114**
MT*1-115**
MT*1-116**
MT*1-117**
MT*1-118**
MT*1-119**
MT*1-120**
Part
Number
by Size
A
±.015 (0.38)
A
±.015 (0.38)
Part
Number
by Size
A
±.015 (0.38)
Part
Number
by Size
A
±.015 (0.38)
Part
Number
by Size
A
±.015 (0.38)
Part
Number
by Size
A
±.015 (0.38)


유사한 부품 번호 - MTV1-40SAL6101

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MTV10N100E MOTOROLA-MTV10N100E Datasheet
269Kb / 10P
   TMOS POWER FET 10 AMPERES 1000 VOLTS RDS(on) = 1.3 OHM
logo
ON Semiconductor
MTV10N100E ONSEMI-MTV10N100E Datasheet
285Kb / 11P
   Power Field Effect Transistor
August, 2006 ??Rev. 1
logo
Inchange Semiconductor ...
MTV10N100E ISC-MTV10N100E Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
logo
List of Unclassifed Man...
MTV112A ETC2-MTV112A Datasheet
164Kb / 20P
   8051 Embedded CRT Monitor Controller MASK Version
MTV112AN-999 ETC2-MTV112AN-999 Datasheet
164Kb / 20P
   8051 Embedded CRT Monitor Controller MASK Version
More results

유사한 설명 - MTV1-40SAL6101

제조업체부품명데이터시트상세설명
logo
ITT Industries
MEB1-128PL ITT-MEB1-128PL Datasheet
196Kb / 5P
   Micro Edgeboard - .050 Contact Spacing
MIKM6-55P ITT-MIKM6-55P Datasheet
173Kb / 4P
   Microminiature Circular - .050 Contact Spacing
MIK6-55PH067 ITT-MIK6-55PH067 Datasheet
201Kb / 4P
   Microminiature Circular - .050 Contact Spacing
MIK6-55PH084 ITT-MIK6-55PH084 Datasheet
201Kb / 4P
   Microminiature Circular - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-21PCBRP ETC2-MDM-21PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
MDM-51PCBRP ETC2-MDM-51PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
logo
ITT Industries
MDM-25PSB ITT-MDM-25PSB Datasheet
825Kb / 17P
   The Micro Line - .050 Contact Spacing
MDM-PCB ITT-MDM-PCB Datasheet
198Kb / 4P
   Micro-D PCB - .050 Contact Spacing
MDM ITT-MDM Datasheet
321Kb / 8P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com