전자부품 데이터시트 검색엔진 |
|
MTV1-2PBL5701 데이터시트(PDF) 3 Page - ITT Industries |
|
MTV1-2PBL5701 데이터시트(HTML) 3 Page - ITT Industries |
3 / 6 page CAV #1 SOCKET CAV #1 PIN Solder Cup Straight Terminals Right Angle Terminals .100" Spacing Staggered ALL EVEN NUMBERED CONTACTS .100 (2.54) .100 (2.54) AL57 .190 (4.83) AL61 .125 (3.18) Surface Mount Terminals .0120 (0.30) ± .001 (0.03) .010 (0.25) TYP .070 (1.78) .030 (0.76) .050 (1.27) MIN SOLDER DIPPED .025 (0.64) REF .160 (4.06) .140 (3.56) Right Angle Terminals .050" Centers .170 (4.32) MAX. .065 (1.65) MAX. .065 (1.65) MAX. .100 (2.54) .018 (1.65) ±.002 (0.5) BL57: .190 (4.83) BL61: .125 (3.18) MIN+ .015 (0.38) L1: .500 (12.7) L2: 1.00 (25.4) L57: .190 (4.83) L6: .125 (3.18) MIN+ .015 (0.38) .018 (.45) ±.002 (.05) Microstrips .050" Contact Spacing MT 50 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change Connector Weights Contact (with std. 1/2” copper pigtails) .040 gms. MTB pin .021 gms. Insulator socket .006 gms. (per contact MTV pin .014 gms. cavity) socket .004 gms. Guide Stainless Post Steel .035 gms. Male .035 gms. Latch Female .074 gms. Terminal Dimensions |
유사한 부품 번호 - MTV1-2PBL5701 |
|
유사한 설명 - MTV1-2PBL5701 |