전자부품 데이터시트 검색엔진 |
|
MTB1-2SL6102 데이터시트(PDF) 6 Page - ITT Industries |
|
MTB1-2SL6102 데이터시트(HTML) 6 Page - ITT Industries |
6 / 6 page 53 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change Microminiature Strip - .100/.050" Contact Spacing MT MTB2 and MTV2 - .100 (2.54) Contact Centers Receptacle Plug .200 ± .010 (5.08 ± 0.25) .032 ± .003 (0.81 ± 0.08) DIA. .126 ± .005 (3.20 ± 0.13) .100 ± .005 (2.54 ± 0.13) LEAD LENGTH .125 (3.18) MAX. EPOXY (INSULATED WIRE ONLY) .100 (2.54) TYP. A A CAVITY #1 CAVITY #1 CAV #1 .283 ± .005 (7.19 ± 0.13) LEAD LENGTH .125 (3.18) MAX. EPOXY (INSULATED WIRE ONLY) CAVITY #1 .070 ± .005 (1.78 ± 0.13): MTV .080 ± .005 (2.03 ± 0.13): MTB .070 ± .005 (1.78 ± 0.13): MTV .080 ± .005 (2.03 ± 0.13): MTB .100 (2.54) TYP. Part Number by Size MT*2-1** MT*2-2** MT*2-3** MT*2-4** MT*2-5** MT*2-6** MT*2-7** MT*2-8** MT*2-9** MT*2-10** MT*2-11** MT*2-12** MT*2-13** MT*2-14** MT*2-15** MT*2-16** MT*2-17** MT*2-18** MT*2-19** MT*2-20** MT*2*21** MT*2-22** MT*2-23** MT*2-24** MT*2-25** MT*2-26** MT*2-27** MT*2-28** MT*2-29** MT*2-30** MT*2-31** MT*2-32** MT*2-33** MT*2-34** MT*2-35** MT*2-36** MT*2-37** MT*2-38** MT*2-39** MT*2-40** MT*2-41** MT*2-42** MT*2-43** MT*2-44** MT*2-45** MT*2-46** MT*2-47** MT*2-48** MT*2-49** MT*2-50** MT*2*51** MT*2-52** MT*2-53** MT*2-54** MT*2-55** MT*2-56** MT*2-57** MT*2-58** MT*2-59** MT*2-60** .070 (1.78) .170 (4.32) .270 (6.86) .370 (9.40) .470 (11.94) .570 (14.48) .670 (17.02) .770 (19.56) .870 (22.10) .970 (24.64) 1.070 (27.18) 1.170 (29.72) 1.270 (32.26) 1.370 (34.80) 1.470 (37.34) 1.570 (39.88) 1.670 (42.42) 1.770 (44.96) 1.870 (47.50) 1.970 (50.04) 2.070 (52.58) 2.170 (55.12) 2.270 (57.66) 2.370 (60.20) 2.470 (62.74) 2.570 (65.28) 2.670 (67.82) 2.770 (70.36) 2.870 (72.90) 2.970 (75.44) A ±.015 (0.38) Part Number by Size A ±.015 (0.38) 3.070 (77.98) 3.170 (80.52) 3.270 (83.06) 3.370 (85.60) 3.470 (88.14) 3.570 (90.68) 3.670 (93.22) 3.770 (95.76) 3.870 (98.30) 3.970 (100.84) 4.070 (103.38) 4.170 (105.92) 4.270 (108.46) 4.370 (111.00) 4.470 (113.54) 4.570 (116.08) 4.670 (118.62) 4.770 (121.16) 4.870 (123.70) 4.970 (126.24) 5.070 (128.78) 5.170 (131.32) 5.270 (133.86) 5.370 (136.40) 5.470 (138.94) 5.570 (141.48) 5.670 (144.02) 5.770 (146.56) 5.870 (149.10) 5.970 (151.64) |
유사한 부품 번호 - MTB1-2SL6102 |
|
유사한 설명 - MTB1-2SL6102 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |