전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8197 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD8197
상세설명  4:1 HDMI/DVI Switch with Equalization
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8197 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD8197 Datasheet HTML 3Page - Analog Devices AD8197 Datasheet HTML 4Page - Analog Devices AD8197 Datasheet HTML 5Page - Analog Devices AD8197 Datasheet HTML 6Page - Analog Devices AD8197 Datasheet HTML 7Page - Analog Devices AD8197 Datasheet HTML 8Page - Analog Devices AD8197 Datasheet HTML 9Page - Analog Devices AD8197 Datasheet HTML 10Page - Analog Devices AD8197 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Preliminary Data Sheet
AD8197
PrA | Page 7 of 32
Pin No.
Mnemonic
Type1
Description
17
IN_A1
HS I
High Speed Input Complement.
18
IP_A1
HS I
High Speed Input.
20
IN_A2
HS I
High Speed Input Complement.
21
IP_A2
HS I
High Speed Input.
23
IN_A3
HS I
High Speed Input Complement.
24
IP_A3
HS I
High Speed Input.
26
I2C_ADDR0
Control
I2C Address 1st LSB.
27
I2C_ADDR1
Control
I2C Address 2nd LSB.
28
I2C_ADDR2
Control
I2C Address 3rd LSB.
29, 95
DVEE
Power
Negative Digital and Auxiliary Multiplexer Power Supply. 0 V nominal.
30
PP_CH0
Control
Quad Switching Mode High Speed Source Selection Parallel Interface LSB.
31
PP_CH1
Control
Quad Switching Mode High Speed Source Selection Parallel Interface MSB.
32, 38, 47
DVCC
Power
Positive Digital Power Supply. 3.3 V nominal.
33
ON0
HS O
High Speed Output Complement.
34
OP0
HS O
High Speed Output.
35, 41
VTTO
Power
Output Termination Supply. Nominally connected to AVCC.
36
ON1
HS O
High Speed Output Complement.
37
OP1
HS O
High Speed Output.
39
ON2
HS O
High Speed Output Complement.
40
OP2
HS O
High Speed Output.
42
ON3
HS O
High Speed Output Complement.
43
OP3
HS O
High Speed Output.
44
RESET
Control
Configuration Registers Reset. Normally pulled up to AVCC.
45
PP_PRE0
Control
High Speed Pre-Emphasis Selection Parallel Interface LSB.
46
PP_PRE1
Control
High Speed Pre-Emphasis Selection Parallel Interface MSB.
48
PP_OCL
Control
High Speed Output Current Level Parallel Interface.
49
I2C_SCL
Control
I2C Clock.
50
I2C_SDA
Control
I2C Data.
52
IN_D0
HS I
High Speed Input Complement.
53
IP_D0
HS I
High Speed Input.
55
IN_D1
HS I
High Speed Input Complement.
56
IP_D1
HS I
High Speed Input.
58
IN_D2
HS I
High Speed Input Complement.
59
IP_D2
HS I
High Speed Input.
61
IN_D3
HS I
High Speed Input Complement.
62
IP_D3
HS I
High Speed Input.
64
IN_C0
HS I
High Speed Input Complement.
65
IP_C0
HS I
High Speed Input.
67
IN_C1
HS I
High Speed Input Complement.
68
IP_C1
HS I
High Speed Input.
70
IN_C2
HS I
High Speed Input Complement.
71
IP_C2
HS I
High Speed Input.
73
IN_C3
HS I
High Speed Input Complement.
74
IP_C3
HS I
High Speed Input.
76
PP_EN
Control
High Speed Output Enable Parallel Interface.
77
PP_EQ
Control
High Speed Equalization Selection Parallel Interface.
78
AUX_D3
LS I/O
Low Speed Input/Output.


유사한 부품 번호 - AD8197

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8197A AD-AD8197A Datasheet
771Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197A-EVALZ AD-AD8197A-EVALZ Datasheet
771Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197AASTZ AD-AD8197AASTZ Datasheet
771Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197AASTZ-RL AD-AD8197AASTZ-RL Datasheet
771Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197A AD-AD8197A_07 Datasheet
771Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
More results

유사한 설명 - AD8197

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191 AD-AD8191_15 Datasheet
848Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197A AD-AD8197A_07 Datasheet
771Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197A AD-AD8197A_15 Datasheet
772Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191 AD-AD8191 Datasheet
975Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197B AD-AD8197B Datasheet
804Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191A AD-AD8191A_15 Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
ADV3000 AD-ADV3000 Datasheet
781Kb / 28P
   3:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196 Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com