전자부품 데이터시트 검색엔진 |
|
MC1651 데이터시트(PDF) 7 Page - Motorola, Inc |
|
MC1651 데이터시트(HTML) 7 Page - Motorola, Inc |
7 / 11 page MC1650 MC1651 MOTOROLA MECL Data DL122 — Rev 6 4–340 TEST CIRCUIT POSITIVE PULSE DIAGRAM NEGATIVE PULSE DIAGRAM PROPAGATION DELAY versus PULSE AMPLITUDE PROPAGATION DELAY versus OVERDRIVE FIGURE 4 — PROPAGATION DELAY (tpd) versus INPUT PULSE AMPLITUDE AND CONSTANT OVERDRIVE Vin Vref VIH 50 Vref = Gnd DQ 1/2 Device C Q Q 50 50 –2.0 V Positive Overdrive Vref Vin PA tpd 50% Q Negative Overdrive PB Vin Vref tpd Q Input Switching time is constant at 1.5 ns (10% to 90%). + – MC1651 MC1650 OVERDRIVE (VOLTS) 0.3 0.5 0.7 1.0 0.04 10 2.5 0.07 1.0 0.2 0.1 2.0 0.02 0 0.01 MC1650 tpd referenced to PA, PB = 20 mV 10 2.5 1.0 0.5 0.2 0.1 0.05 0.02 0.01 4.0 PULSE AMPLITUDE PA, PB (VOLTS) 0 1.0 2.0 3.0 5.0 Negative Going Pulse Overdrive Constant @ 100 mV Positive Going Pulse tpd is referenced to 2.5 V overdrive. PA, PB, Constant @ 100 mV Positive Overdrive (PA) Negative Overdrive (PB) tpd is measured from Vref on the input to 50% on the output. MC1651 |
유사한 부품 번호 - MC1651 |
|
유사한 설명 - MC1651 |