전자부품 데이터시트 검색엔진 |
|
1N4005 데이터시트(PDF) 7 Page - STMicroelectronics |
|
1N4005 데이터시트(HTML) 7 Page - STMicroelectronics |
7 / 42 page 7/42 AN1262 APPLICATION NOTE Table 5. Cin values for 1W input power The actual values of Vinmin and VDCmin need to be recalculated with the actual capacitance value. Since the evaluation of Vinmin involves an equation having no closed form solution, an iterative cycle needs to be established: ; (1) where TC is the recharging time of Cin, that is the time while the bridge diodes are conducting, which can be initially assumed equal to zero. After few iterations both Vinmin and TC will converge to their respective values. In case of holdup requirement the cycle should be executed twice. The first time with NH = 1 to find Vinmin after one mains cycle missing (which will be used to check for maximum duty cycle and maximum peak current) the second one with NH = 0 to find Vinmin in normal operation (to be used for steady state and thermal calculations). VDCmin will be simply the average of Vinmin (calculated with NH = 0 anyway) and VPKmin: (2) The voltage rating of Cin is selected depending on VPKmax: it is usually 200 V for 110 VAC applications and 400V for 220 VAC or WRM applications. 7 PRELIMINARY CALCULATIONS (STEP 2) The next step is to check for not exceeding the limits imposed by the IC. Prior to this, the power processed by the transformer (PinT) and the average voltage drop across the ON-resistance of the internal MOSFET (VDS(on)x) will be evaluated. VDS(on)x is subtracted to Vinmin and the resulting value is the voltage actually applied to the primary winding of the transformer. The RDS(on) used must take temperature into account. Use the max- imum value defined at 125°C. The first limit to be checked is the maximum duty cycle DX. If it exceeds 62-64%, either the reflected voltage VR should be lowered or the minimum input DC voltage Vinmin should be increased by selecting a larger input ca- pacitance. The second limit to be checked is the maximum drain voltage during the OFF-state of the MOSFET. At least 50V margin should be ensured. The overvoltage spike can be reduced to allow more reflected voltage if neces- sary, keeping in mind that it cannot be much lower than VR not to hurt the primary-to-secondary energy transfer. The last check concerns the peak primary current that must not exceed the minimum guaranteed OCP threshold (0.55A). If this is exceeded, a higher maximum duty cycle DX should be used, if possible. Also a higher Vinmin is beneficial. Some iterations, involving a recheck of the first two points, may be necessary to find the optimum compromise. If no solution can be found, either CCM operation should be considered or the power handled by the converter should be derated. 110 VAC or WRM 220 VAC NH=0 2.0 µF/W 3.0 µF/W 0.55 µF/W 0.8 µF/W Vinmin = 90V VDCmin = 105V Vinmin = 100V VDCmin = 110V Vinmin = 180V VDCmin = 210V Vinmin = 200V VDCmin =220V NH=1 7.2 µF/W 10.4 µF/W 1.8 µF/W 2.8 µF/W Vinmin = 90V VDCmin = 116V Vinmin = 100V VDCmin = 117V Vinmin = 180V VDCmin = 236V Vinmin = 200V VDCmin =239V V inm i n V PKm i n 2 P in C in -------- – 12 N H ⋅ + f L ------------------------- 2 – T c ⋅ ⋅ = T c arccos V inmin V PKm i n ------------------- 2 π f L ⋅⋅ --------------------------------------------- = V DC m i n 1 2 --- V PK m in V inm i n + () ⋅ = |
유사한 부품 번호 - 1N4005 |
|
유사한 설명 - 1N4005 |