전자부품 데이터시트 검색엔진 |
|
CX0805MRNP09BB1 데이터시트(PDF) 6 Page - Continental Device India Limited |
|
CX0805MRNP09BB1 데이터시트(HTML) 6 Page - Continental Device India Limited |
6 / 16 page Phycomp Product specification Surface-mount ceramic EMI filter capacitors X2Y® Series 2006 Nov.21 V.11 6 www.yageo.com ELECTRICAL CHARACTERISTICS FOR X7R Class 2 capacitors; X7R dielectric; NiSn terminations Unless otherwise stated all electrical values apply at an ambient temperature of 20 ±1 °C, an atmospheric pressure of 86 to 106 kPa, and a relative humidity of 63 to 67%. DESCRIPTION VALUE Rated voltage Ur (DC) 10 V, 16 V, 25 V, 50 V/63 V and 100 V Capacitance range 1.5 nF to 1 µF Tolerance on capacitance after 1,000 hours ±20% Dissipation factor (D.F.); note 1 10 V 5% 16 V 3.5% ≥25 V 2.5% Insulation resistance after 1 minute at Ur (DC) Rins × C > 500 seconds Maximum capacitance change as a function of temperature ±15% Aging Typical 1% per time decade Note 1. Measured at 20 °C, 1 V and 1 MHz, using a four-gauge method. |
유사한 부품 번호 - CX0805MRNP09BB1 |
|
유사한 설명 - CX0805MRNP09BB1 |