전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7MA157FK 데이터시트(PDF) 8 Page - Toshiba Semiconductor

부품명 TC7MA157FK
상세설명  Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MA157FK 데이터시트(HTML) 8 Page - Toshiba Semiconductor

Back Button TC7MA157FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MA157FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MA157FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MA157FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MA157FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MA157FK Datasheet HTML 8Page - Toshiba Semiconductor TC7MA157FK Datasheet HTML 9Page - Toshiba Semiconductor TC7MA157FK Datasheet HTML 10Page - Toshiba Semiconductor TC7MA157FK Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TC7MA157FK
2003-03-01
8
Dynamic Switching Characteristics (Ta
==== 25°C, Input: tr ==== tf ==== 2.0 ns, CL ==== 30 pF)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
VIH = 1.8 V, VIL = 0 V
(Note12)
1.8
0.25
VIH = 2.5 V, VIL = 0 V
(Note12)
2.5
0.6
Quiet output maximum dynamic VOL
VOLP
VIH = 3.3 V, VIL = 0 V
(Note12)
3.3
0.8
V
VIH = 1.8 V, VIL = 0 V
(Note12)
1.8
-0.25
VIH = 2.5 V, VIL = 0 V
(Note12)
2.5
-0.6
Quiet output minimum dynamic VOL
VOLV
VIH = 3.3 V, VIL = 0 V
(Note12)
3.3
-0.8
V
VIH = 1.8 V, VIL = 0 V
(Note12)
1.8
1.5
VIH = 2.5 V, VIL = 0 V
(Note12)
2.5
1.9
Quiet output minimum dynamic VOH
VOHV
VIH = 3.3 V, VIL = 0 V
(Note12)
3.3
2.2
V
Note12: This parameter is guaranteed by design.
Capacitive Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Input capacitance
CIN
¾
1.8, 2.5, 3.3
6
pF
Power dissipation capacitance
CPD
fIN = 10 MHz
(Note13)
1.8, 2.5, 3.3
20
pF
Note13: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC


유사한 부품 번호 - TC7MA157FK

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MA157FK TOSHIBA-TC7MA157FK Datasheet
223Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
TC7MA157FK TOSHIBA-TC7MA157FK_07 Datasheet
223Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
More results

유사한 설명 - TC7MA157FK

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VCX157FT TOSHIBA-TC74VCX157FT_07 Datasheet
258Kb / 12P
   Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
TC7MA257FK TOSHIBA-TC7MA257FK Datasheet
229Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
TC7MA157FK TOSHIBA-TC7MA157FK_07 Datasheet
223Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
TC74VCX257FT TOSHIBA-TC74VCX257FT Datasheet
265Kb / 12P
   Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
TC74LCX157F TOSHIBA-TC74LCX157F_12 Datasheet
226Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 5 V Tolerant Inputs and Outputs
TC7MZ157FK TOSHIBA-TC7MZ157FK_07 Datasheet
187Kb / 8P
   Low Voltage Quad 2-Channel Multiplexer with 5 V Tolerant Inputs and Outputs
TC74LCX157F TOSHIBA-TC74LCX157F_07 Datasheet
279Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 5 V Tolerant Inputs and Outputs
TC74VCX157FT TOSHIBA-TC74VCX157FT Datasheet
327Kb / 8P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC7MZ157FK TOSHIBA-TC7MZ157FK Datasheet
226Kb / 7P
   LOW-VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX157F TOSHIBA-TC74LCX157F Datasheet
302Kb / 9P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com