전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM1041AARQZ-REEL7 데이터시트(PDF) 11 Page - Analog Devices

부품명 ADM1041AARQZ-REEL7
상세설명  Secondary-Side Controller with Current Share and Housekeeping
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM1041AARQZ-REEL7 데이터시트(HTML) 11 Page - Analog Devices

Back Button ADM1041AARQZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM1041AARQZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM1041AARQZ-REEL7 Datasheet HTML 9Page - Analog Devices ADM1041AARQZ-REEL7 Datasheet HTML 10Page - Analog Devices ADM1041AARQZ-REEL7 Datasheet HTML 11Page - Analog Devices ADM1041AARQZ-REEL7 Datasheet HTML 12Page - Analog Devices ADM1041AARQZ-REEL7 Datasheet HTML 13Page - Analog Devices ADM1041AARQZ-REEL7 Datasheet HTML 14Page - Analog Devices ADM1041AARQZ-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
ADM1041A
Rev. 0 | Page 11 of 56
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OVP Noise Filter
5
25
μs
Reg 0Fh[4:2] = 010 or 100.
See Table 24.
UVP Noise Filter
300
600
μs
Reg 0Fh[4:2] = 011 or 101.
See Table 24.
PSON7
Reg 0Eh[4:2] = 00x. See Table 23.
Input Low Level8
0.8
V
Input High Level8
2.0
V
Debounce
80
ms
Reg 0Fh[1:0] = 00. See Table 24.
0
ms
Reg 0Fh[1:0] = 01. See Table 24.
40
ms
Reg 0Fh[1:0] = 10. See Table 24.
160
ms
Reg 0Fh[1:0] = 11. See Table 24.
PEN7, DC_OK7, CBD, AC_OK
Open-Drain N-Channel Option
Output Low Level = On8
0.4
V
ISINK = 4 mA
Open-Drain P-Channel
VOH_PEN
Output High Level = On8
2.4
V
ISOURCE = 4 mA
Leakage Current
−5
+5
μA
DC_OK7
Reg 0Fh[7:5] = 00x. See Table 24.
DC_OK, On Delay (Power-On and OK Delay)
400
ms
Reg 0Eh[1:0] = 00. See Table 23.
200
ms
Reg 0Eh[1:0] = 01. See Table 23.
800
ms
Reg 0Eh[1:0] = 10. See Table 23.
1600
ms
Reg 0Eh[1:0] = 11. See Table 23.
DC_OK, Off Delay (Power-Off Early Warning)
2
ms
Reg 10h[7:6] = 00. See Table 25.
0
ms
Reg 10h[7:6] = 01. See Table 25.
1
ms
Reg 10h[7:6] = 10. See Table 25.
4
ms
Reg 10h[7:6] = 11. See Table 25.
SMBus, SDL/SCL
Input Voltage Low8
0.8
V
Input Voltage High8
2.2
V
Output Voltage Low8
0.4
V
VDD = 5 V, ISINK = 4 mA
Pull-Up Current
100
350
μA
Leakage Current
−5
+5
μA
ADD0, HARDWIRED ADDRESS BIT
ADD0 Low Level8
0.4
V
ADD0 Floating
VDD/2
V
Floating
ADD0 High8
VDD − 0.5
V
SERIAL BUS TIMING
See Figure 5
Clock Frequency
400
kHz
Glitch Immunity, tSW
50
ns
Bus Free Time, tBUF
4.7
μs
Start Setup Time, tSU;STA
4.7
μs
Start Hold Time, tHD;STA
4
μs
SCL Low Time, tLOW
4.7
μs
SCL High Time, tHIGH
4
μs
SCL, SDA Rise Time, tR
1000
ns
SCL, SDA Fall Time, tF
300
ns
Data Setup Time, tSU;DAT
250
ns
Data Hold Time, tHD;DAT
300
ns
EEPROM RELIABILITY
Endurance9
100
250
k cycles
Data Retention10
100
Years


유사한 부품 번호 - ADM1041AARQZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1041ARQ AD-ADM1041ARQ Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041ARQ-REEL AD-ADM1041ARQ-REEL Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041ARQ-REEL7 AD-ADM1041ARQ-REEL7 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041A AD-ADM1041A_15 Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
More results

유사한 설명 - ADM1041AARQZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1041 AD-ADM1041 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041 AD-ADM1041_15 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041A AD-ADM1041A_15 Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
logo
List of Unclassifed Man...
AS2316 ETC-AS2316 Datasheet
60Kb / 10P
   Secondary Side Housekeeping Circuit
logo
STMicroelectronics
L6611 STMICROELECTRONICS-L6611 Datasheet
609Kb / 28P
   DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
L6610 STMICROELECTRONICS-L6610 Datasheet
544Kb / 29P
   DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
logo
Leadtrend Technology
LD8115A LEADTREND-LD8115A Datasheet
619Kb / 12P
   Secondary-side Dimmable Constant Current and Voltage Controller
LD8115 LEADTREND-LD8115 Datasheet
554Kb / 12P
   Secondary-side Dimmable Constant Current and Voltage Controller
logo
Texas Instruments
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
[Old version datasheet]   SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com