전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CX1210MRNP06BB5 데이터시트(PDF) 9 Page - Continental Device India Limited

부품명 CX1210MRNP06BB5
상세설명  SURFACE-MOUNT CERAMICEMI FILTER CAPACITORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CDIL [Continental Device India Limited]
홈페이지  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CX1210MRNP06BB5 데이터시트(HTML) 9 Page - Continental Device India Limited

Back Button CX1210MRNP06BB5 Datasheet HTML 5Page - Continental Device India Limited CX1210MRNP06BB5 Datasheet HTML 6Page - Continental Device India Limited CX1210MRNP06BB5 Datasheet HTML 7Page - Continental Device India Limited CX1210MRNP06BB5 Datasheet HTML 8Page - Continental Device India Limited CX1210MRNP06BB5 Datasheet HTML 9Page - Continental Device India Limited CX1210MRNP06BB5 Datasheet HTML 10Page - Continental Device India Limited CX1210MRNP06BB5 Datasheet HTML 11Page - Continental Device India Limited CX1210MRNP06BB5 Datasheet HTML 12Page - Continental Device India Limited CX1210MRNP06BB5 Datasheet HTML 13Page - Continental Device India Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Phycomp
Product specification
Surface-mount ceramic
EMI filter capacitors
X2Y® Series
2006 Nov.21 V.11
9
www.yageo.com
ORDERING INFORMATION
Components may be ordered by using Yageo part number.
Table 2
TC
CAPACITANCE
VALUE
CAPACITANCE
TOLERANCE
RATED VOLTAGE
(V)
CTC
ORDERING
CODE
QUANTITY
PER
REEL
SIZE
Y-CAP
Y-CAP
Y-CAP
X7R 0603
1.5 nF
±20%
100
CX 0603 MR X7R 0BB 152
4,000
X7R 0603
2.2 nF
±20%
100
CX 0603 MR X7R 0BB 222
4,000
X7R 0603
4.7 nF
±20%
100
CX 0603 MR X7R 0BB 472
4,000
X7R 0603
5.6 nF
±20%
100
CX 0603 MR X7R 0BB 562
4,000
X7R 0603
10 nF
±20%
50 / 63
CX 0603 MR X7R 9BB 103
4,000
X7R 0603
22 nF
±20%
25
CX 0603 MR X7R 8BB 223
4,000
X7R 0603
47 nF
±20%
16
CX 0603 MR X7R 7BB 473
4,000
X7R 0603
56 nF
±20%
16
CX 0603 MR X7R 7BB 563
4,000
X7R 0603
100 nF
±20%
10
CX 0603 MR X7R 6BB 104
4,000
X7R 0805
4.7 nF
±20%
100
CX 0805 MR X7R 0BB 472
4,000
X7R 0805
10 nF
±20%
100
CX 0805 MR X7R 0BB 103
4,000
X7R 0805
15 nF
±20%
50 / 63
CX 0805 MR X7R 9BB 153
4,000
X7R 0805
18 nF
±20%
50 / 63
CX 0805 MR X7R 9BB 183
4,000
X7R 0805
22 nF
±20%
25
CX 0805 MR X7R 8BB 223
4,000
X7R 0805
39 nF
±20%
25
CX 0805 MR X7R 8BB 393
4,000
X7R 0805
47 nF
±20%
16
CX 0805 MR X7R 7BB 473
4,000
X7R 0805
100 nF
±20%
16
CX 0805 MR X7R 7BB 104
4,000
X7R 0805
180 nF
±20%
10
CX 0805 MR X7R 6BB 184
4,000
X7R 1206
22 nF
±20%
100
CX 1206 MK X7R 0BB 223
2,500
X7R 1206
47 nF
±20%
50 / 63
CX 1206 MK X7R 9BB 473
2,500
X7R 1206
100 nF
±20%
50 / 63
CX 1206 MK X7R 9BB 104
2,500
X7R 1206
180 nF
±20%
25
CX 1206 MK X7R 8BB 184
2,500
X7R 1206
220 nF
±20%
16
CX 1206 MK X7R 7BB 224
2,500
X7R 1206
390 nF
±20%
16
CX 1206 MK X7R 7BB 394
2,500
X7R 1206
470 nF
±20%
10
CX 1206 MK X7R 6BB 474
2,500
X7R 1206
820 nF
±20%
10
CX 1206 MK X7R 6BB 824
2,500
X7R 1210
47 nF
±20%
100
CX 1210 MK X7R 0BB 473
2,500
X7R 1210
100 nF
±20%
50 / 63
CX 1210 MK X7R 9BB 104
2,500
X7R 1210
220 nF
±20%
50 / 63
CX 1210 MK X7R 9BB 224
2,500
X7R 1210
470 nF
±20%
25
CX 1210 MK X7R 8BB 474
2,500
X7R 1210
560 nF
±20%
25
CX 1210 MK X7R 8BB 564
2,500
X7R 1210
820 nF
±20%
16
CX 1210 MK X7R 7BB 824
2,500
X7R 1210
1
µF
±20%
16
CX 1210 MK X7R 7BB 105
2,500
X7R 1410
390 µF
±20%
50
CX 1410 MK X7R 9BB 394
2,500


유사한 부품 번호 - CX1210MRNP06BB5

제조업체부품명데이터시트상세설명
logo
Pulse A Technitrol Comp...
CX1210MRNP06BB5 PULSE-CX1210MRNP06BB5 Datasheet
1Mb / 14P
   Surface-mount ceramic EMI filter capacitors
More results

유사한 설명 - CX1210MRNP06BB5

제조업체부품명데이터시트상세설명
logo
YAGEO Corporation
CX0603MRX7R0BB102 YAGEO-CX0603MRX7R0BB102 Datasheet
1Mb / 15P
   SURFACE-MOUNT CERAMIC EMI FILTER CAPACITORS
logo
Pulse A Technitrol Comp...
X2Y PULSE-X2Y Datasheet
1Mb / 14P
   Surface-mount ceramic EMI filter capacitors
logo
API Technologies Corp
1234-001 APITECH-1234-001 Datasheet
39Kb / 1P
   SURFACE MOUNT FILTER
logo
Bi technologies
LC0805L103M BITECH-LC0805L103M Datasheet
66Kb / 6P
   Low Pass Filter Leadless Surface Mount Chip Inductor/Capacitors
logo
MTRONPTI
A-SERIES MTRONPTI-A-SERIES Datasheet
333Kb / 2P
   Surface Mount Bandpass Filter
logo
Marki Microwave
FB-0955SM MARKIMICROWAVE-FB-0955SM Datasheet
407Kb / 2P
   SURFACE MOUNT BANDPASS FILTER
FB-1215SM MARKIMICROWAVE-FB-1215SM Datasheet
435Kb / 2P
   SURFACE MOUNT BANDPASS FILTER
logo
Abracon Corporation
ASCF45UB ABRACON-ASCF45UB Datasheet
134Kb / 2P
   SURFACE MOUNT CRYSTAL FILTER
4.10.07
logo
MTRONPTI
Y MTRONPTI-Y Datasheet
328Kb / 2P
   Surface Mount Bandpass Filter
Z-SERIES MTRONPTI-Z-SERIES Datasheet
219Kb / 2P
   Surface Mount Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com