전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

ADN2880 데이터시트(Datasheet) 3 Page - Analog Devices

부품명 ADN2880
상세내용  3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo 

 
 3 page
background image
ADN2880
Rev. 0 | Page 3 of 12
ELECTRICAL SPECIFICATIONS
Minimum/maximum VCC = 3.3 V ± 0.3 V, TAMBIENT = −40°C to +95°C; typical VCC = 3.3 V, TAMBIENT = 25°C, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Bandwidth (BW)1
−3 dB
1.9
2.5
GHz
Total Input Referred RMS Noise (IRMS)
CD = 0.8 pF, dc to 2.1 GHz
315
485
nA
Total Input Referred RMS Noise (IRMS)
CD = 0.6 pF, dc to 2.1 GHz
300
nA
Small Signal Transimpedance (ZT)1
100 MHz, differential
2700
4400
6200
V/A
100 MHz, single-ended
1350
2200
3100
V/A
Low Frequency Cutoff
CAP = open, IIN = 20 μA
20
kHz
CAP = 1 nF, IIN = 20 μA
1.0
kHz
Output Return Loss
DC to 3.5 GHz, differential
−26
−20
dB
Input Overload Current
ER = 10 dB, at 95°C1
2.11
4.3
mA p-p
Maximum Differential Output Swing
IIN, P- P = 2.0 mA
170
260
375
mV p-p
Output Data Transition Time
IIN, P-P = 1.0 mA; 20% to 80% rise/fall time
60
ps
PSRR
IIN = 0 mA, <10 MHz
39
dB
Group Delay Variation
1.0 GHz to 3.0 GHz
50
ps
Transimpedance Ripple
50 MHz to 1.0 GHz, single-ended
0.93
dB
Deterministic Jitter
10 μA < IIN, P- P ≤ 100 μA, K28.5 @ 3.2 Gbps
16
ps p-p
100 μA < IIN, P- P ≤ 2.0 mA, K28.5 @ 3.2 Gbps
25
ps p-p
10 μA < IIN, P- P ≤ 2.0 mA, PRBS 231 − 1 at OC48 (FEC)
38
ps p-p
Linear Output Range
Differential, <1 dB compression
210
mV p-p
Linear Input Current Range
Single-ended, <1 dB compression
53
μA p-p
DC PERFORMANCE
Power Dissipation
IIN, AVE = 0 mA
70
110
mW
Input Voltage
Compliance voltage
0.85
V
Output Common-Mode Voltage
DC (50 Ω) terminated to VCC
VCC − 0.12
V
Output Impedance
Single-ended
50
Ω
PD FILTER Resistance
RF
200
Ω
PD FILTER Capacitance
CF
20
pF
RSSI Gain
IIN, AVE = 5 μA to 1 mA
0.85
V/mA
RSSI Offset
IIN, AVE = 10 μA
8.0
mV
RSSI Accuracy
5 μA < IIN, P- P ≤ 20 μA
±7
%
20 μA < IIN, P- P ≤ 1 mA
±3
%
1 An equivalent IIN, P-P = 13 μA current signal is applied to the TIA input. No input capacitor is applied.




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12 


데이터시트



관련 부품명

부품명상세내용Html View제조사
ADN28824.25 Gbps 3.3V Low Noise Transimpedance Amplifier 1 2 3 4 5 MoreAnalog Devices
ADN282111.1 Gbps 3.3V Transimpedance Amplifier 1 2 3 4 5 MoreAnalog Devices
MT3S40TVCO OSCILLETOR STAGE UHF LOW NOISE AMPLIFIER APPLICATION 1 2 3 4 Toshiba Semiconductor
AD8153Single Buffered Switch 3.2 Gbps 1 2 3 4 5 MoreAnalog Devices
FAN41131.2V 36MHz Low Power Rail-to-Rail Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
ADN28713.3 V 50 Mbps to 4.25 Gbps Single-Loop Laser Diode Driver 1 2 3 4 5 MoreAnalog Devices
ADN28923.3 V 4.25 Gb/s Limiting Amplifier 1 2 3 4 5 MoreAnalog Devices
TZA3036SDH/SONET STM1/OC3 transimpedance amplifier 1 2 3 4 5 MoreNXP Semiconductors
LT6402-20300MHz Low Distortion Low Noise Differential Amplifier/ ADC Driver AV = 20dB 1 2 3 4 5 MoreLinear Technology
CS84813.3 V/250 mA 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE 1 2 3 4 5 MoreON Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl