전자부품 데이터시트 검색엔진 |
|
ADR444BRZ-REEL7 데이터시트(PDF) 4 Page - Analog Devices |
|
ADR444BRZ-REEL7 데이터시트(HTML) 4 Page - Analog Devices |
4 / 20 page ADR440/ADR441/ADR443/ADR444/ADR445 Rev. A | Page 4 of 20 ADR441 ELECTRICAL CHARACTERISTICS VIN = 3 V to 18 V, TA = 25°C, CIN = COUT = 0.1 μF, unless otherwise noted. Table 3. Parameter Symbol Conditions Min Typ Max Unit OUTPUT VOLTAGE VO A Grade 2.497 2.500 2.503 V B Grade 2.499 2.500 2.501 V INITIAL ACCURACY VOERR A Grade 3 mV 0.12 % B Grade 1 mV 0.04 % TEMPERATURE DRIFT TCVO A Grade −40°C < TA < +125°C 2 10 ppm/°C B Grade −40°C < TA < +125°C 1 3 ppm/°C LINE REGULATION ΔVO/ΔVIN −40°C < TA < +125°C 10 20 ppm/V LOAD REGULATION ΔVO/ΔILOAD ILOAD = 0 mA to 10 mA, VIN = 4 V, −40°C < TA < +125°C −50 +50 ppm/mA ΔVO/ΔILOAD ILOAD = 0 mA to −5 mA, VIN = 4 V, −40°C < TA < +125°C −50 +50 ppm/mA QUIESCENT CURRENT IIN No load, −40°C < TA < +125°C 3 3.75 mA VOLTAGE NOISE eN p-p 0.1 Hz to 10 Hz 1.2 μV p-p VOLTAGE NOISE DENSITY eN 1 kHz 48 nV/√Hz TURN-ON SETTLING TIME tR 10 μs LONG-TERM STABILITY1 VO 1000 hours 50 ppm OUTPUT VOLTAGE HYSTERESIS VO_HYS 70 ppm RIPPLE REJECTION RATIO RRR fIN = 10 kHz −75 dB SHORT CIRCUIT TO GND ISC 27 mA SUPPLY VOLTAGE OPERATING RANGE VIN 3 18 V SUPPLY VOLTAGE HEADROOM VIN − VO 500 mV 1 The long-term stability specification is noncumulative. The drift in subsequent 1000-hour period is significantly lower than in the first 1000-hour period. |
유사한 부품 번호 - ADR444BRZ-REEL7 |
|
유사한 설명 - ADR444BRZ-REEL7 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |