전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC08B3000 데이터시트(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
부품명 ADC08B3000
상세설명  High Performance, Low Power, 8-Bit, 3 GSPS A/D Converter with 4K Buffer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08B3000 데이터시트(HTML) 12 Page - National Semiconductor (TI)

Back Button ADC08B3000 Datasheet HTML 8Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 9Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 10Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 11Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 12Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 13Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 14Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 15Page - National Semiconductor (TI) ADC08B3000 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Converter Electrical Characteristics (Continued)
NOTE: This product is currently in development and the parameters specified in this section are DESIGN TARGETS.
The specifications in this section cannot be guaranteed until device characterization has taken place. The following
specifications apply after calibration for V
A =VDR = +1.9VDC, OutV = 1.9V, VIN FSR (a.c. coupled) = differential 870mVP-P,CL
= 10 pF, Differential, a.c. coupled Sinewave Input Clock, f
CLK = 1.5 GHz at 0.5VP-P with 50% duty cycle, VBG = Floating, Non-
Extended Control Mode, SDR Mode, R
EXT = 3300
±0.1%, Analog Signal Source Impedance = 100Ω Differential. Boldface
limits apply for T
A =TMIN to TMAX. All other limits TA = 25˚C, unless otherwise noted. (Notes 6, 7)
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 8)
Units
(Limits)
AC ELECTRICAL CHARACTERISTICS
t
CalDly
Calibration delay determined by
pin 127
See Section 1.1.1, Figure 3, (Note
11)
2
31
Clock Cycles
(max)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. There is no guarantee of operation at the Absolute Maximum
Ratings. Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and
test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
Note 2: All voltages are measured with respect to GND = DR GND = 0V, unless otherwise specified.
Note 3: When the input voltage at any pin exceeds the power supply limits (that is, less than GND or greater than VA), the current at that pin should be limited to
25 mA. The 50 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of 25 mA to two.
This limit is not placed upon the power, ground and digital output pins.
Note 4: Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through ZERO Ohms.
Note 5: See AN-450, “Surface Mounting Methods and Their Effect on Product Reliability”.
Note 6: The analog inputs are protected as shown below. Input voltage magnitudes beyond the Absolute Maximum Ratings may damage this device.
20160104
Note 7: To guarantee accuracy, it is required that VA and VDR be well bypassed. Each supply pin must be decoupled with separate bypass capacitors. Additionally,
achieving rated performance requires that the backside exposed pad be well grounded.
Note 8: Typical figures are at TA = 25˚C, and represent most likely parametric norms. Test limits are guaranteed to National’s AOQL (Average Outgoing Quality
Level).
Note 9: Calculation of Full-Scale Error for this device assumes that the actual reference voltage is exactly its nominal value. Full-Scale Error for this device,
therefore, is a combination of Full-Scale Error and Reference Voltage Error. See Figure 1. For relationship between Gain Error and Full-Scale Error, see Specification
Definitions for Gain Error.
Note 10: The analog and clock input capacitances are die capacitances only. Additional package capacitances of 0.65 pF differential and 0.95 pF each pin to ground
are isolated from the die capacitances by lead and bond wire inductances.
Note 11: This parameter is guaranteed by design and is not tested in production.
Note 12: This parameter is guaranteed by design and/or characterization and is not tested in production.
Note 13: The digital control pin capacitances are die capacitances only. Additional package capacitance of 1.6 pF each pin to ground are isolated from the die
capacitances by lead and bond wire inductances.
Note 14: Tying VBG to the supply rail will increase the output offset voltage (VOS) by 400mv (typical), as shown in the VOS specification above. Tying VBG to the
supply rail will also affect the differential LVDS output voltage (VOD), causing it to increase by 40mV (typical).
Specification Definitions
APERTURE (SAMPLING) DELAY is that time required after
the fall of the clock input for the sampling switch to open. The
Sample/Hold circuit effectively stops capturing the input sig-
nal and goes into the “hold” mode the aperture delay time
(t
AD) after the input clock goes low.
APERTURE JITTER (t
AJ) is the variation in aperture delay
from sample to sample. Aperture jitter shows up as input
noise.
Bit Error Rate (B.E.R.) is the probability of error and is
defined as the probable number of errors per unit of time
divided by the number of bits seen in that amount of time. A
B.E.R. of 10
-18 corresponds to a statistical error in one bit
about every four (4) years.
CLOCK DUTY CYCLE is the ratio of the time that the clock
wave form is at a logic high to the total time of one clock
period.
DIFFERENTIAL NON-LINEARITY (DNL) is the measure of
the maximum deviation from the ideal step size of 1 LSB.
Measured at 3 GSPS with a ramp input.
EFFECTIVE NUMBER OF BITS (ENOB, or EFFECTIVE
BITS) is another method of specifying Signal-to-Noise and
Distortion Ratio, or SINAD. ENOB is defined as (SINAD −
1.76) / 6.02 and says that the converter is equivalent to a
perfect ADC of this (ENOB) number of bits.
FULL POWER BANDWIDTH (FPBW) is a measure of the
frequency at which the reconstructed output fundamental
drops 3 dB below its low frequency value for a full scale
input.
www.national.com
12


유사한 부품 번호 - ADC08B3000

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC08B3000 NSC-ADC08B3000 Datasheet
1Mb / 44P
   8-bIT, 3gsps, High Performance, Low Power A/D Converter with 4K Buffer
ADC08B3000 NSC-ADC08B3000 Datasheet
1Mb / 46P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter with 4K Buffer
logo
Texas Instruments
ADC08B3000 TI1-ADC08B3000 Datasheet
1Mb / 57P
[Old version datasheet]   High Performance, Low Power A/D Converter with 4K Buffer
logo
National Semiconductor ...
ADC08B3000CIYB NSC-ADC08B3000CIYB Datasheet
1Mb / 44P
   8-bIT, 3gsps, High Performance, Low Power A/D Converter with 4K Buffer
ADC08B3000CIYB NSC-ADC08B3000CIYB Datasheet
1Mb / 46P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter with 4K Buffer
More results

유사한 설명 - ADC08B3000

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC08B3000 NSC-ADC08B3000_09 Datasheet
1Mb / 46P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter with 4K Buffer
ADC083000 NSC-ADC083000_09 Datasheet
1Mb / 40P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC083000 NSC-ADC083000 Datasheet
856Kb / 33P
   High Performance, Low Power, 8-Bit, 3 GSPS A/D Converter
logo
Texas Instruments
ADC083000 TI1-ADC083000_15 Datasheet
962Kb / 49P
[Old version datasheet]   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
logo
National Semiconductor ...
ADC083000 NSC-ADC083000_08 Datasheet
1Mb / 40P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC08B3000 NSC-ADC08B3000_08 Datasheet
1Mb / 44P
   8-bIT, 3gsps, High Performance, Low Power A/D Converter with 4K Buffer
logo
Texas Instruments
ADC083000CIYB TI-ADC083000CIYB Datasheet
885Kb / 48P
[Old version datasheet]   ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC083000CIYBNOPB TI-ADC083000CIYBNOPB Datasheet
960Kb / 48P
[Old version datasheet]   ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC08B3000 TI1-ADC08B3000 Datasheet
1Mb / 57P
[Old version datasheet]   High Performance, Low Power A/D Converter with 4K Buffer
logo
National Semiconductor ...
ADC082500 NSC-ADC082500 Datasheet
856Kb / 33P
   High Performance, Low Power, 8-Bit, 2.5 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com