전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD2S1205 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD2S1205
상세설명  12-Bit R/D Converter with Reference Oscillator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD2S1205 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD2S1205 Datasheet HTML 5Page - Analog Devices AD2S1205 Datasheet HTML 6Page - Analog Devices AD2S1205 Datasheet HTML 7Page - Analog Devices AD2S1205 Datasheet HTML 8Page - Analog Devices AD2S1205 Datasheet HTML 9Page - Analog Devices AD2S1205 Datasheet HTML 10Page - Analog Devices AD2S1205 Datasheet HTML 11Page - Analog Devices AD2S1205 Datasheet HTML 12Page - Analog Devices AD2S1205 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Preliminary Technical Data
AD2S1205
Rev. PrB | Page 9 of 25
PRINCIPLE OF OPERATION
The AD2S1205 operates on a Type II tracking closed-loop
principle. The output continually tracks the position of the
resolver without the need for external convert and wait states.
As the resolver moves through a position equivalent to the least
significant bit weighting, the output is updated by one LSB.
The converter tracks the shaft angle θ by producing an output
angle ϕ that is fed back and compared to the input angle θ, and
the resulting error between the two is driven towards 0 when
the converter is correctly tracking the input angle. To measure
the error, S3–S1 is multiplied by Cosϕ and S2–S4 is multiplied
by Sinϕ to give
4
2
3
1
0
0
S
to
S
Sin
Cos
t
Sin
E
S
to
S
Cos
Sin
t
Sin
E
φ
θ
ω
φ
θ
ω
×
×
The difference is taken, giving
)
(
0
φ
θ
φ
θ
×
ω
Sin
Cos
Cos
Sin
t
Sin
E
Equation 2.
This signal is demodulated using the internally generated
synthetic reference, yielding
)
(
0
φ
θ
φ
θ
Sin
Cos
Cos
Sin
E
Equation 3.
Equation 3 is equivalent to E0 Sin (θ − ϕ), which is
approximately equal to E0 (θ − ϕ) for small values of θ − ϕ,
where θ − ϕ = angular error.
The value E0 (θ − ϕ) is the difference between the angular error
of the rotor and the converter’s digital angle output.
A phase-sensitive demodulator, integrators, and a compensation
filter form a closed-loop system that seeks to null the error
signal. When this is accomplished, ϕ equals the resolver angle θ
within the rated accuracy of the converter. A Type II tracking
loop is used so that constant velocity inputs can be tracked
without inherent error.
For more information about the operation of the converter, see
the Circuit Dynamics section.
FAULT DETECTION CIRCUIT
The AD2S1205 fault detection circuit will detect loss of resolver
signals, out of range input signals, input signal mismatch, or
loss of position tracking. In these cases, the position indicated
by the AD2S1205 may differ significantly from the actual shaft
position of the resolver.
Monitor Signal
The AD2S1205 generates a monitor signal by comparing the
angle in the position register to the incoming Sin and Cos
signals from the resolver. The monitor signal is created in a
similar fashion to the error signal described in the Principle of
Operation section. The incoming signals Sinθ and Cosθ are
multiplied by the Sin and Cos of the output angle, respectively,
and then added together as shown below:
φ
×
θ
×
+
φ
θ
×
=
Cos
Cos
A
Sin
x
Sin
A
Monitor
2
1
Equation 4.
Where A1 is the amplitude of the incoming Sin signal (A1 ×
Sinθ), A2 is the amplitude of the incoming Cos signal (A2 ×
Cosθ), θ is the resolver angle, and ϕ is the angle stored in the
position register. Note that Equation 4 is shown after demodula-
tion, with the carrier signal Sinωt removed. Also note that for
matched input signal (i.e., no-fault condition), A1 = A2.
When A1 = A2 and the converter is tracking (θ = ϕ), the
monitor signal output has a constant magnitude of A1 (Monitor
= A1 × (Sin2 θ + Cos2 θ) = A1), independent of shaft angle.
When A1 ≠ A2, the monitor signal magnitude varies between
A1 and A2 at twice the rate of shaft rotation. The monitor signal
is used as described in the following sections to detect
degradation or loss of input signals.
Loss of Signal Detection
Loss of signal (LOS) is detected when either resolver input (Sin
or Cos) falls below the specified LOS Sin/Cos threshold by
comparing the monitor signal to a fixed minimum value. LOS is
indicated by both DOS and LOT latching as logic low outputs.
The DOS and LOT pins are reset to the no fault state by a rising
edge of SAMPLE. The LOS condition has priority over both the
DOS and LOT conditions, as shown in Table 4. LOS is indicated
within 45° of angular output error worst case.


유사한 부품 번호 - AD2S1205

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD2S1205 AD-AD2S1205 Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
AD2S1205WSTZ AD-AD2S1205WSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
AD2S1205WSTZ AD-AD2S1205WSTZ Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
AD2S1205YSTZ AD-AD2S1205YSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
AD2S1205YSTZ AD-AD2S1205YSTZ Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
More results

유사한 설명 - AD2S1205

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD2S1200 AD-AD2S1200 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_15 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_17 Datasheet
414Kb / 25P
   12-Bit R/D Converter Reference Oscillator
AD2S1210 AD-AD2S1210 Datasheet
513Kb / 36P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1210SST-EP-RL7 AD-AD2S1210SST-EP-RL7 Datasheet
345Kb / 16P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1205 AD-AD2S1205_17 Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
ADW71205WSTZ AD-ADW71205WSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
ADW71205YSTZ AD-ADW71205YSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
AD2S1205 AD-AD2S1205_15 Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
logo
Linear Technology
LTC1282 LINER-LTC1282 Datasheet
439Kb / 24P
   3V 140ksps 12-Bit Sampling A/D Converter with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com