전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD2S1205 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD2S1205
상세설명  12-Bit R/D Converter with Reference Oscillator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD2S1205 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD2S1205 Datasheet HTML 6Page - Analog Devices AD2S1205 Datasheet HTML 7Page - Analog Devices AD2S1205 Datasheet HTML 8Page - Analog Devices AD2S1205 Datasheet HTML 9Page - Analog Devices AD2S1205 Datasheet HTML 10Page - Analog Devices AD2S1205 Datasheet HTML 11Page - Analog Devices AD2S1205 Datasheet HTML 12Page - Analog Devices AD2S1205 Datasheet HTML 13Page - Analog Devices AD2S1205 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
AD2S1205
Preliminary Technical Data
Rev.PrB | Page 10 of 25
Signal Degradation Detection
Degradation of signal (DOS) is detected when either resolver
input (Sin or Cos) exceeds the specified DOS Sin/Cos threshold
by comparing the monitor signal to a fixed maximum value.
DOS is also detected when the amplitude of the input signals
Sin and Cos mismatch by more than the specified DOS Sin/
Cos mismatch by continuously storing the minimum and
maximum magnitude of the monitor signal in internal registers,
and calculating the difference between the minimum and
maximum. DOS is indicated by a logic low on the DOS pin, and
is not latched when the input signals exceed the maximum
input level. When DOS is indicated due to mismatched signals,
the output is latched low until a rising edge of SAMPLE resets
the stored minimum and maximum values. The DOS condition
has priority over the LOT condition, as shown in Table 4. DOS
is indicated within 30° of angular output error worst case.
Loss of Position Tracking Detection
Loss of tracking (LOT) is detected for three separate conditions:
When the internal error signal of the AD2S1205 has
exceeded 5°
When the input signal exceeds the maximum tracking rate
of 60,000 rpm (1,000 rps)
When the internal position (at the position integrator)
differs from the external position (at the position register)
by more than 5°
LOT is indicated by a logic low on the LOT pin, and is not
latched. LOT has a 4° hysteresis, and is not cleared until the
internal error signal or internal/external position mismatch is
less than 1°. When the maximum tracking rate is exceeded,
LOT is cleared when both the velocity is less than 1,000 rps and
the internal/external position mismatch is less than 1°. LOT can
be indicated for step changes in position (such as after a RESET
signal is applied to the AD2S1205), or for accelerations
>~85,000 rps2. LOT is useful as a built-in test (BIT) that the
tracking converter is functioning properly. The LOT condition
has lower priority than both the DOS and LOS conditions as
shown in Table 4. The LOT and DOS conditions cannot be
indicated at the same time.
Table 4. Fault Detection Decoding
Condition
DOS
LOT
Priority
Loss of Signal
0
0
1
Degradation of Signal
0
1
2
Loss of Tracking
1
0
3
No Fault
1
1
Responding to a Fault Condition
If any fault condition (LOS, DOS, or LOT) is indicated by the
AD2S1205, the output data must be presumed to be invalid.
This means that even if a RESET or SAMPLE pulse releases the
fault condition, the output data may be corrupted, even though
a fault may not be immediately indicated after the RESET/
SAMPLE event. As discussed earlier, there are some fault
conditions with inherent latency. If the device fault is cleared,
there could be some latency in the resolver’s mechanical
position before the fault condition is re-indicated.
When a fault is indicated, all output pins will still provide data,
although the data may or may not be valid. The fault condition
will not force the parallel, serial, or encoder outputs to a known
state.
Response to specific fault conditions is a system-level
requirement. The fault outputs of the AD2S1205 indicate that
the device has sensed a potential problem with either the
internal or external signals of the AD2S1205. It is the
responsibility of the system designer to implement the
appropriate fault-handling schemes within the control hardware
and/or algorithm of a given application based on the indicated
fault(s) and the velocity or position data provided by the
AD2S1205.
False Null Condition
Resolver-to-digital converters that employ Type II tracking
loops based on the error equation (Equation 3) presented in the
Principle of Operation section can suffer from a condition
known as “false null.” This condition is caused by a metastable
solution to the error equation when θ − ϕ = 180°. The
AD2S1205 is not susceptible to this condition because its
hysteresis is implemented externally to the tracking loop.
Because of the loop architecture chosen for the AD2S1205, the
internal error signal always has some movement (1 LSB per
clock cycle), and so, in a metastable state, the converter will
always move to an unstable condition within one clock cycle,
causing the tracking loop to respond to the false null condition
as if it were a 180° step change in input position (the response
time is the same as specified in Dynamic Performance section
of Table 1). Therefore, it is impossible to enter the metastable
condition any time after the startup sequence as long as the
resolver signals are valid.


유사한 부품 번호 - AD2S1205

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD2S1205 AD-AD2S1205 Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
AD2S1205WSTZ AD-AD2S1205WSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
AD2S1205WSTZ AD-AD2S1205WSTZ Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
AD2S1205YSTZ AD-AD2S1205YSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
AD2S1205YSTZ AD-AD2S1205YSTZ Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
More results

유사한 설명 - AD2S1205

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD2S1200 AD-AD2S1200 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_15 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_17 Datasheet
414Kb / 25P
   12-Bit R/D Converter Reference Oscillator
AD2S1210 AD-AD2S1210 Datasheet
513Kb / 36P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1210SST-EP-RL7 AD-AD2S1210SST-EP-RL7 Datasheet
345Kb / 16P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1205 AD-AD2S1205_17 Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
ADW71205WSTZ AD-ADW71205WSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
ADW71205YSTZ AD-ADW71205YSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
AD2S1205 AD-AD2S1205_15 Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
logo
Linear Technology
LTC1282 LINER-LTC1282 Datasheet
439Kb / 24P
   3V 140ksps 12-Bit Sampling A/D Converter with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com