전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1938YSTZ 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD1938YSTZ
상세설명  4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1938YSTZ 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD1938YSTZ Datasheet HTML 3Page - Analog Devices AD1938YSTZ Datasheet HTML 4Page - Analog Devices AD1938YSTZ Datasheet HTML 5Page - Analog Devices AD1938YSTZ Datasheet HTML 6Page - Analog Devices AD1938YSTZ Datasheet HTML 7Page - Analog Devices AD1938YSTZ Datasheet HTML 8Page - Analog Devices AD1938YSTZ Datasheet HTML 9Page - Analog Devices AD1938YSTZ Datasheet HTML 10Page - Analog Devices AD1938YSTZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD1938
Rev. 0 | Page 7 of 32
Parameter
Condition
Comments
Min
Max
Unit
SPI PORT
See Figure 11
tCCH
CCLK high
35
ns
tCCL
CCLK low
35
ns
fCCLK
CCLK frequency
10
MHz
tCDS
CDATA setup
To CCLK rising
10
ns
tCDH
CDATA hold
From CCLK rising
10
ns
tCLS
CLATCH setup
To CCLK rising
10
ns
tCLH
CLATCH hold
From CCLK falling
10
ns
tCLH
CLATCH high
10
ns
tCOE
COUT enable
From CCLK falling
30
ns
tCOD
COUT delay
From CCLK falling
30
ns
tCOH
COUT hold
From CCLK falling
30
ns
tCOTS
COUT tri-state
From CCLK falling
30
ns
DAC SERIAL PORT
See Figure 24
tDBH
DBCLK high
Slave mode
10
ns
tDBL
DBCLK low
Slave mode
10
ns
tDLS
DLRCLK setup
To DBCLK rising, slave mode
10
ns
tDLH
DLRCLK hold
From DBCLK rising, slave mode
5
ns
tDLS
DLRCLK skew
From DBCLK falling, master mode
−8
+8
ns
tDDS
DSDATA setup
To DBCLK rising
10
ns
tDDH
DSDATA hold
From DBCLK rising
5
ns
ADC SERIAL PORT
See Figure 25
tABH
ABCLK high
Slave mode
10
ns
tABL
ABCLK low
Slave mode
10
ns
tALS
ALRCLK setup
To ABCLK rising, slave mode
10
ns
tALH
ALRCLK hold
From ABCLK rising, slave mode
5
ns
tALS
ALRCLK skew
From ABCLK falling, master mode
−8
+8
ns
tABDD
ASDATA delay
From ABCLK falling
18
ns
AUXILIARY INTERFACE
tAXDS
AAUXDATA setup
To AUXBCLK rising
10
ns
tAXDH
AAUXDATA hold
From AUXBCLK rising
5
ns
tDXDD
DAUXDATA delay
From AUXBCLK falling
18
ns
tXBH
AUXBCLK high
10
ns
tXBL
AUXBCLK low
10
ns
tDLS
AUXLRCLK setup
To AUXBCLK rising
10
ns
tDLH
AUXLRCLK hold
From AUXBCLK rising
5
ns


유사한 부품 번호 - AD1938YSTZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1938YSTZ AD-AD1938YSTZ Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1938YSTZ AD-AD1938YSTZ Datasheet
547Kb / 33P
   4 ADC/8 DAC with PLL
AD1938YSTZRL AD-AD1938YSTZRL Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1938YSTZRL AD-AD1938YSTZRL Datasheet
547Kb / 33P
   4 ADC/8 DAC with PLL
More results

유사한 설명 - AD1938YSTZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1939WBSTZ AD-AD1939WBSTZ Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1935 AD-AD1935 Datasheet
381Kb / 30P
   4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
Rev. PrI
AD1939 AD-AD1939 Datasheet
607Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
AD1938WBSTZ-RL AD-AD1938WBSTZ-RL Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1939 AD-AD1939_15 Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1938 AD-AD1938_15 Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
ADAU1328 AD-ADAU1328_15 Datasheet
428Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
AD1928 AD-AD1928 Datasheet
595Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. 0
ADAU1328 AD-ADAU1328 Datasheet
543Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. 0
AD1928 AD-AD1928_15 Datasheet
419Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com