전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1938YSTZRL 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD1938YSTZRL
상세설명  4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1938YSTZRL 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD1938YSTZRL Datasheet HTML 5Page - Analog Devices AD1938YSTZRL Datasheet HTML 6Page - Analog Devices AD1938YSTZRL Datasheet HTML 7Page - Analog Devices AD1938YSTZRL Datasheet HTML 8Page - Analog Devices AD1938YSTZRL Datasheet HTML 9Page - Analog Devices AD1938YSTZRL Datasheet HTML 10Page - Analog Devices AD1938YSTZRL Datasheet HTML 11Page - Analog Devices AD1938YSTZRL Datasheet HTML 12Page - Analog Devices AD1938YSTZRL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD1938
Rev. 0 | Page 9 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
48
47
46
45
44
43
42
41
40
39
38
37
13
14
15
16
17
18
19
20
21
22
23
24
AGND
1
MCLKI/XI
2
MCLKO/XO
3
AGND
4
AVDD
5
OL3 6
OR3
7
OL4 8
OR4
9
PD/RST 10
DSDATA4 11
DGND 12
AGND
36
FILTR
35
AGND
34
AVDD
33
AGND
32
OR2
31
OL2
30
OR1
29
OL1
28
CLATCH/ADR1
27
CCLK/SCL
26
DGND
25
AD1938
TOP VIEW
(Not to Scale)
SINGLE-ENDED
OUTPUT
Figure 2. Pin Configuration, 48-Lead LQFP
Table 10. 48-Lead LQFP Package for AD1938
Pin No.
In/Out
Mnemonic
Description
1
I
AGND
Analog Ground.
2
I
MCLKI/XI
Master Clock Input/Crystal Oscillator Input.
3
O
MCLKO/XO
Master Clock Output/Crystal Oscillator Output.
4
I
AGND
Analog Ground.
5
I
AVDD
Analog Power Supply. Connect to analog 3.3 V supply.
6
O
OL3
DAC 3 Left Output.
7
O
OR3
DAC 3 Right Output.
8
O
OL4
DAC 4 Left Output.
9
O
OR4
DAC 4 Right Output.
10
I
PD/RST
Power-Down Reset (Active Low).
11
I/O
DSDATA4
DAC Input 4 (Input to DAC 4 L and R)/DAC TDM Data Out 2/AUX ADC 1 Data In.
12
I
DGND
Digital Ground.
13
I
DVDD
Digital Power Supply. Connect to digital 3.3 V supply.
14
I/O
DSDATA3
DAC Input 3 (Input to DAC 3 L and R)/DAC TDM Data In 2/Aux DAC 2 Data Output.
15
I/O
DSDATA2
DAC Input 2 (Input to DAC 2 L and R)/DAC TDM Data Out/AUX ADC 1 Data In.
16
I
DSDATA1
DAC Input 1 (Input to DAC 1 L and R)/DAC TDM Data In/AUX ADC 2 Data In.
17
I/O
DBCLK
Bit Clock for DACs.
18
I/O
DLRCLK
LR Clock for DACs.
19
I/O
ASDATA2
ADC Serial Data Output 2 (ADC 2 L and R)/ADC TDM Data Input/Aux DAC 1 Data Output.
20
O
ASDATA1
ADC Serial Data Output 1 (ADC 1 L and R)/ADC TDM Data Output.
21
I/O
ABCLK
Bit Clock for ADCs.
22
I/O
ALRCLK
LR Clock for ADCs.
23
I
CIN/ADR0
Control Data Input (SPI).
24
O
COUT/SDA
Control Data Output (SPI).
25
I
DGND
Digital Ground.
26
I
CCLK/SCL
Control Clock Input (SPI).
27
I
CLATCH/ADR1
Latch Input for Control Data (SPI).
28
O
OL1
DAC 1 Left Output.


유사한 부품 번호 - AD1938YSTZRL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1938YSTZRL AD-AD1938YSTZRL Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1938YSTZRL AD-AD1938YSTZRL Datasheet
547Kb / 33P
   4 ADC/8 DAC with PLL
More results

유사한 설명 - AD1938YSTZRL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1939WBSTZ AD-AD1939WBSTZ Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1935 AD-AD1935 Datasheet
381Kb / 30P
   4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
Rev. PrI
AD1939 AD-AD1939 Datasheet
607Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
AD1938WBSTZ-RL AD-AD1938WBSTZ-RL Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1939 AD-AD1939_15 Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1938 AD-AD1938_15 Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
ADAU1328 AD-ADAU1328_15 Datasheet
428Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
AD1928 AD-AD1928 Datasheet
595Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. 0
ADAU1328 AD-ADAU1328 Datasheet
543Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. 0
AD1928 AD-AD1928_15 Datasheet
419Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com