전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5663R 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD5663R
상세설명  Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5663R 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD5663R Datasheet HTML 2Page - Analog Devices AD5663R Datasheet HTML 3Page - Analog Devices AD5663R Datasheet HTML 4Page - Analog Devices AD5663R Datasheet HTML 5Page - Analog Devices AD5663R Datasheet HTML 6Page - Analog Devices AD5663R Datasheet HTML 7Page - Analog Devices AD5663R Datasheet HTML 8Page - Analog Devices AD5663R Datasheet HTML 9Page - Analog Devices AD5663R Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD5623R/AD5643R/AD5663R
Rev. A | Page 6 of 28
B Grade1
Parameter
Min
Typ
Max
Unit
Conditions/Comments
LOGIC INPUTS3
Input Current
±2
μA
All digital inputs
VINL, Input Low Voltage
0.8
V
VDD = 3 V
VINH, Input High Voltage
2
V
VDD = 3 V
Pin Capacitance
3
pF
DIN, SCLK, and SYNC
19
pF
LDAC and CLR
POWER REQUIREMENTS
VDD
2.7
3.6
V
IDD (Normal Mode)4
VIH = VDD and VIL = GND
VDD = 2.7 V to 3.6 V
200
425
μA
Internal reference off
VDD = 2.7 V to 3.6 V
800
900
μA
Internal reference on
IDD (All Power-Down Modes)5
VDD = 2.7 V to 3.6 V
0.2
1
μA
VIH = VDD and VIL = GND
1 Temperature range: B grade = −40°C to +105°C.
2 Linearity calculated using a reduced code range: AD5663R (Code 512 to Code 65,024), AD5643R (Code 128 to Code 16,256), and AD5623R (Code 32 to Code 4064).
Output unloaded.
3 Guaranteed by design and characterization, not production tested.
4 Interface inactive. All DACs active. DAC outputs unloaded.
5 Both DACs powered down.
AC CHARACTERISTICS
VDD = 2.7 V to 5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; VREFIN = VDD; all specifications TMIN to TMAX, unless otherwise noted.
Table 4.
Parameter1, 2
Min
Typ
Max
Unit
Conditions/Comments3
Output Voltage Settling Time
AD5623R
3
4.5
μs
¼ to ¾ scale settling to ±0.5 LSB
AD5643R
3.5
5
μs
¼ to ¾ scale settling to ±0.5 LSB
AD5663R
4
7
μs
¼ to ¾ scale settling to ±2 LSB
Slew Rate
1.8
V/μs
Digital-to-Analog Glitch Impulse
10
nV-s
1 LSB change around major carry
Digital Feedthrough
0.1
nV-s
Reference Feedthrough
−90
dB
VREF = 2 V ± 0.1 V p-p, frequency 10 Hz to 20 MHz
Digital Crosstalk
0.1
nV-s
Analog Crosstalk
1
nV-s
External reference
4
nV-s
Internal reference
DAC-to-DAC Crosstalk
1
nV-s
External reference
4
nV-s
Internal reference
Multiplying Bandwidth
340
kHz
VREF = 2 V ± 0.1 V p-p
Total Harmonic Distortion
−80
dB
VREF = 2 V ± 0.1 V p-p, frequency = 10 kHz
Output Noise Spectral Density
120
nV/√Hz
DAC code = midscale, 1 kHz
100
nV/√Hz
DAC code = midscale, 10 kHz
Output Noise
15
μV p-p
0.1 Hz to 10 Hz
1 Guaranteed by design and characterization, not production tested.
2 See the Terminology section.
3 Temperature range: B grade = −40°C to +105°C, typical at +25°C.


유사한 부품 번호 - AD5663R

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5663R AD-AD5663R Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5663R AD-AD5663R Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5663R AD-AD5663R Datasheet
1Mb / 32P
   Dual 12-/14-/16-Bit nanoDAC
AD5663RBCPZ-3R2 AD-AD5663RBCPZ-3R2 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5663RBCPZ-3R2 AD-AD5663RBCPZ-3R2 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
More results

유사한 설명 - AD5663R

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5664R AD-AD5664R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5644R AD-AD5644R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5624R AD-AD5624R Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com