전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7366-5ARUZ 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD7366-5ARUZ
상세설명  True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7366-5ARUZ 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD7366-5ARUZ Datasheet HTML 4Page - Analog Devices AD7366-5ARUZ Datasheet HTML 5Page - Analog Devices AD7366-5ARUZ Datasheet HTML 6Page - Analog Devices AD7366-5ARUZ Datasheet HTML 7Page - Analog Devices AD7366-5ARUZ Datasheet HTML 8Page - Analog Devices AD7366-5ARUZ Datasheet HTML 9Page - Analog Devices AD7366-5ARUZ Datasheet HTML 10Page - Analog Devices AD7366-5ARUZ Datasheet HTML 11Page - Analog Devices AD7366-5ARUZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AD7366
Preliminary Technical Data
Rev. PrG | Page 8 of 17
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
DOUTA 1
2
3
ADDR
4
DGND
24
23
BUSY
22
CNVST
21
RANGE0
5
RANGE1
6
AGND
7
SCLK
20
CS
19
REFSEL
18
8
AGND
17
9
16
10
15
11
14
12
13
AD7366
TOP VIEW
(Not to Scale)
DOUTB
DCAPADCAPB
DVCC
AVCC
VSS
VA1
VA2
VB1
VB2
VDD
VDRIVE
Figure 2 24-Lead RU-24.
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 23
DOUTA,
DOUTB
Serial Data Outputs. The data output is supplied to each pin as a serial data stream. The bits are clocked out
on the falling edge of the SCLK input and 12 SCLK cycles are required to access the data. The data
simultaneously appears on both pins from the simultaneous conversions of both ADCs. The data stream
consists of the 12 bits of conversion data and is provided MSB first. If CS is held low for a further 12 SCLK
cycles on either DOUTA or DOUTB, the data from the other ADC follows on the DOUT pin. This allows data
from a simultaneous conversion on both ADCs to be gathered in serial format on either DOUTA or DOUTB
using only one serial port. See the Serial Interface section.
2
VDRIVE
Logic Power Supply Input. The voltage supplied at this pin determines at what voltage the interface will
operate. This pin should be decoupled to DGND. The voltage range on this pin is 2.7V to 5.25V and may be
different to that at AVCC and DVCC but should never exceed either by more than 0.3V. To achieve a
throughput rate of 1.12Msps VDRIVE must be greater than or equal to 4.75V
3
DVCC
Digital Supply Voltage, 4.75V to 5.25V. The DVCC and AVCC voltages should ideally be at the same potential.
For best performance it is recommended that DVCC and AVCC pins be shorted together, to ensure the voltage
difference between them never exceed 0.3 V even on a transient basis. This supply should be decoupled to
DGND. 10 µF and 100 nF decoupling capacitors should be placed on the DVCC pin.
4,5
RANGE0,
RANGE1
Analog Input Range Selection. Logic inputs. The polarity on these pins determines the input range of
the analog input channels. See Analog Inputs section and
Table 7 for details
6
ADDR
Multiplexer Select. Logic input. This input is used to select the pair of channels to be simultaneously
converted, either Channel 1 of both ADC A and ADC B, or Channel 2 of both ADC A and ADCB. The logic
state on this pin is latched on the rising edge of BUSY to set up the multiplexer for the next conversion.
7,17
AGND
Analog Ground. Ground reference point for all analog circuitry on the AD7366. All analog input signals and
any external reference signal should be referred to this AGND voltage. Both AGND pins should connect to
the AGND plane of a system. The AGND and DGND voltages ideally should be at the same potential and
must not be more than 0.3 V apart, even on a transient basis.
8
AVCC
Analog Supply Voltage, 4.75 V to 5.25 V. This is the supply voltage for the ADC cores. The AVCC and DVCC
voltages ideally should be at the same potential. For best performance it is recommended that DVCC and
AVCC pins be shorted together, to ensure the voltage difference between them never exceed 0.3 V even on a
transient basis. This supply should be decoupled to AGND. 10 µF and 100 nF decoupling capacitors should


유사한 부품 번호 - AD7366-5ARUZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7366-5 AD-AD7366-5 Datasheet
624Kb / 28P
   True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
REV. 0
AD7366-5 AD-AD7366-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
More results

유사한 설명 - AD7366-5ARUZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7367 AD-AD7367 Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
AD7366 AD-AD7366_15 Datasheet
682Kb / 29P
   True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7367 AD-AD7367_15 Datasheet
682Kb / 29P
   True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7366 AD-AD7366_07 Datasheet
624Kb / 28P
   True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
REV. 0
AD7366-5 AD-AD7366-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7367-5 AD-AD7367-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7321 AD-AD7321_17 Datasheet
697Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
logo
ATMEL Corporation
AD7322 ATMEL-AD7322 Datasheet
901Kb / 18P
   Software Selectable True Bipolar Input, 2-Channel, 12-Bit Plus Sign ADC
logo
Analog Devices
AD7266 AD-AD7266 Datasheet
752Kb / 17P
   Differential Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrG
AD7321 AD-AD7321_15 Datasheet
886Kb / 37P
   500 kSPS, 2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com