전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NUP45V6P5 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 NUP45V6P5
상세설명  Low Capacitance Quad Array for ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUP45V6P5 데이터시트(HTML) 1 Page - ON Semiconductor

  NUP45V6P5 Datasheet HTML 1Page - ON Semiconductor NUP45V6P5 Datasheet HTML 2Page - ON Semiconductor NUP45V6P5 Datasheet HTML 3Page - ON Semiconductor NUP45V6P5 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. P5
1
Publication Order Number:
NUP45V6P5/D
NUP45V6P5 Series
Product Preview
Low Capacitance
Quad Array for
ESD Protection
These integrated transient voltage suppressor devices (TVS) are
designed for applications requiring transient overvoltage protection.
They are intended to be used in sensitive equipment such as wireless
headsets, PDAs, digital cameras, computers, printers, communication
systems, medical equipment, and other applications. Their integrated
design provides very effective and reliable protection for four separate
lines using only one package. These devices are ideal for situations
where board space is at a premium.
Features
ESD Protection: IEC61000−4−2: Level 4
MILSTD 883C − Method 3015−6: Class 3
Four Separate Unidirectional Configurations for Protection
Low Leakage Current < 1 mA @ 3 V
Small SOT−953 SMT Package
Low Capacitance
These are Pb−Free Devices
Benefits
Provides Protection for ESD Industry Standards: IEC 61000, HBM
Protects Four Lines Against Transient Voltage Conditions
Minimize Power Consumption of the System
Minimize PCB Board Space
Typical Applications
Cellular and Portable Electronics
Serial and Parallel Ports
Microprocessor Based Equipment
Notebooks, Desktops, Servers
This document contains information on a product under development. ON Semiconductor
reserves the right to change or discontinue this product without notice.
SOT−953
(Pb−Free)
SOT−953
CASE 526AB
5
4
1
2
3
MARKING DIAGRAM
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
NUP45V6P5T5G
SOT−953
(Pb−Free)
8000 /
Tape & Reel
NUP46V8P5T5G
SOT−953
(Pb−Free)
8000 /
Tape & Reel
NUP412VP5T5G
8000 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
x
= Specific Device Code
M
= Date Code
G or
G = Pb−Free Package
x M
1


유사한 부품 번호 - NUP45V6P5

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NUP45V6P5 ONSEMI-NUP45V6P5 Datasheet
124Kb / 4P
   Low Capacitance Quad Array for ESD Protection
June, 2009 ??Rev. 1
NUP45V6P5 ONSEMI-NUP45V6P5 Datasheet
94Kb / 4P
   Low Capacitance Quad Array
August, 2011 ??Rev. 3
NUP45V6P5T5G ONSEMI-NUP45V6P5T5G Datasheet
124Kb / 4P
   Low Capacitance Quad Array for ESD Protection
June, 2009 ??Rev. 1
NUP45V6P5T5G ONSEMI-NUP45V6P5T5G Datasheet
94Kb / 4P
   Low Capacitance Quad Array
August, 2011 ??Rev. 3
NUP45V6P5 ONSEMI-NUP45V6P5_09 Datasheet
124Kb / 4P
   Low Capacitance Quad Array for ESD Protection
June, 2009 ??Rev. 1
More results

유사한 설명 - NUP45V6P5

제조업체부품명데이터시트상세설명
logo
WILLAS ELECTRONIC CORP
MSEMFXXLC WILLAS-MSEMFXXLC Datasheet
301Kb / 4P
   Low Capacitance Quad Array for ESD Protection
logo
ON Semiconductor
NSQA6V8AW5T2 ONSEMI-NSQA6V8AW5T2_06 Datasheet
54Kb / 4P
   Low Capacitance Quad Array for ESD Protection
December, 2006 ??Rev. 4
logo
AiT Semiconductor Inc.
ESDA6V1W5 AITSEMI-ESDA6V1W5 Datasheet
546Kb / 7P
   LOW CAPACITANCE QUAD ARRAY FOR ESD PROTECTION
REV1.0
logo
ON Semiconductor
NUP412VP5 ONSEMI-NUP412VP5 Datasheet
94Kb / 4P
   Low Capacitance Quad Array for ESD Protection
May, 2008 ??Rev. 1
NUP46V8P5 ONSEMI-NUP46V8P5 Datasheet
72Kb / 4P
   Low Capacitance Quad Array for ESD Protection
January, 2008 - Rev. 0
NZQA5V6AXV5 ONSEMI-NZQA5V6AXV5 Datasheet
31Kb / 4P
   Low Capacitance Quad Array for ESD Protection
September, 2003 ??Rev. P0
NSQA6V8AW5T2 ONSEMI-NSQA6V8AW5T2 Datasheet
43Kb / 4P
   Low Capacitance Quad Array for ESD Protection
November, 2004 ??Rev. 3
NUP45V6P5 ONSEMI-NUP45V6P5_09 Datasheet
124Kb / 4P
   Low Capacitance Quad Array for ESD Protection
June, 2009 ??Rev. 1
logo
Weitron Technology
ESDA6V8AW5 WEITRON-ESDA6V8AW5 Datasheet
205Kb / 3P
   Low Capacitance Quad Array for ESD Protection
logo
ON Semiconductor
NUP4108W5 ONSEMI-NUP4108W5_07 Datasheet
120Kb / 4P
   Low Capacitance Quad Array for ESD Protection
February, 2007 ??Rev. 2
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com