전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NUP45V6P5 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 NUP45V6P5
상세설명  Low Capacitance Quad Array for ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUP45V6P5 데이터시트(HTML) 2 Page - ON Semiconductor

  NUP45V6P5 Datasheet HTML 1Page - ON Semiconductor NUP45V6P5 Datasheet HTML 2Page - ON Semiconductor NUP45V6P5 Datasheet HTML 3Page - ON Semiconductor NUP45V6P5 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NUP45V6P5 Series
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
QVBR
Maximum Temperature Coefficient of VBR
IF
Forward Current
VF
Forward Voltage @ IF
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
Uni−Directional
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Value
Unit
Peak Power Dissipation (8 X 20
ms @ TA = 25°C) (Note 1)
NUP45V6P5
NUP46V8P5
NUP412VP5
PPK
14
30
65
W
Thermal Resistance Junction−to−Ambient
Above 25
°C, Derate
RqJA
560
4.5
°C/W
mW/
°C
Maximum Junction Temperature
TJmax
150
°C
Operating Junction and Storage Temperature Range
TJ Tstg
−55 to +150
°C
Lead Solder Temperature (10 seconds duration)
TL
260
°C
Human Body Model (HBM)
Machine Model (MM)
IEC61000−4−2 Air (ESD)
IEC61000−4−2 Contact (ESD)
ESD
16000
400
15000
8000
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Device
Device
Marking
Breakdown Voltage
VBR @ 1 mA (Volts)
Leakage Current
IRM @ VRM
Typ Capacitance
@ 0 V Bias (pF)
(Note 2)
Typ Capacitance
@ 3 V Bias (pF)
(Note 2)
Min
Nom
Max
VRWM
IRWM (mA)
Typ
Max
Typ
Max
NUP45V6P5
5
5.3
5.6
5.9
3.0
1.0
13
17
7.0
11.5
NUP46V8P5
6
6.47
6.8
7.14
4.3
1.0
12
15
6.7
9.5
NUP412VP5
2
11.4
12
12.7
9.0
0.5
6.5
10
3.5
5.0
1. Non−repetitive current per Figure 1.
2. Capacitance of one diode at f = 1 MHz, VR = 0 V, TA = 25°C


유사한 부품 번호 - NUP45V6P5

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NUP45V6P5 ONSEMI-NUP45V6P5 Datasheet
124Kb / 4P
   Low Capacitance Quad Array for ESD Protection
June, 2009 ??Rev. 1
NUP45V6P5 ONSEMI-NUP45V6P5 Datasheet
94Kb / 4P
   Low Capacitance Quad Array
August, 2011 ??Rev. 3
NUP45V6P5T5G ONSEMI-NUP45V6P5T5G Datasheet
124Kb / 4P
   Low Capacitance Quad Array for ESD Protection
June, 2009 ??Rev. 1
NUP45V6P5T5G ONSEMI-NUP45V6P5T5G Datasheet
94Kb / 4P
   Low Capacitance Quad Array
August, 2011 ??Rev. 3
NUP45V6P5 ONSEMI-NUP45V6P5_09 Datasheet
124Kb / 4P
   Low Capacitance Quad Array for ESD Protection
June, 2009 ??Rev. 1
More results

유사한 설명 - NUP45V6P5

제조업체부품명데이터시트상세설명
logo
WILLAS ELECTRONIC CORP
MSEMFXXLC WILLAS-MSEMFXXLC Datasheet
301Kb / 4P
   Low Capacitance Quad Array for ESD Protection
logo
ON Semiconductor
NSQA6V8AW5T2 ONSEMI-NSQA6V8AW5T2_06 Datasheet
54Kb / 4P
   Low Capacitance Quad Array for ESD Protection
December, 2006 ??Rev. 4
logo
AiT Semiconductor Inc.
ESDA6V1W5 AITSEMI-ESDA6V1W5 Datasheet
546Kb / 7P
   LOW CAPACITANCE QUAD ARRAY FOR ESD PROTECTION
REV1.0
logo
ON Semiconductor
NUP412VP5 ONSEMI-NUP412VP5 Datasheet
94Kb / 4P
   Low Capacitance Quad Array for ESD Protection
May, 2008 ??Rev. 1
NUP46V8P5 ONSEMI-NUP46V8P5 Datasheet
72Kb / 4P
   Low Capacitance Quad Array for ESD Protection
January, 2008 - Rev. 0
NZQA5V6AXV5 ONSEMI-NZQA5V6AXV5 Datasheet
31Kb / 4P
   Low Capacitance Quad Array for ESD Protection
September, 2003 ??Rev. P0
NSQA6V8AW5T2 ONSEMI-NSQA6V8AW5T2 Datasheet
43Kb / 4P
   Low Capacitance Quad Array for ESD Protection
November, 2004 ??Rev. 3
NUP45V6P5 ONSEMI-NUP45V6P5_09 Datasheet
124Kb / 4P
   Low Capacitance Quad Array for ESD Protection
June, 2009 ??Rev. 1
logo
Weitron Technology
ESDA6V8AW5 WEITRON-ESDA6V8AW5 Datasheet
205Kb / 3P
   Low Capacitance Quad Array for ESD Protection
logo
ON Semiconductor
NUP4108W5 ONSEMI-NUP4108W5_07 Datasheet
120Kb / 4P
   Low Capacitance Quad Array for ESD Protection
February, 2007 ??Rev. 2
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com