전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NUP45V6P5 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 NUP45V6P5
상세설명  Low Capacitance Quad Array for ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUP45V6P5 데이터시트(HTML) 3 Page - ON Semiconductor

  NUP45V6P5 Datasheet HTML 1Page - ON Semiconductor NUP45V6P5 Datasheet HTML 2Page - ON Semiconductor NUP45V6P5 Datasheet HTML 3Page - ON Semiconductor NUP45V6P5 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NUP45V6P5 Series
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. Reverse Leakage versus
Temperature
0.16
0.02
0
−60
0
80
100
T, TEMPERATURE (
°C)
−40
−20
60
40
20
0.04
0.06
0.08
0.10
0.12
0.14
Figure 2. Capacitance
14
12
10
8
6
4
2
0
01
2
3
6
BIAS VOLTAGE (V)
TA = 25°C
45
12 V
VF, FORWARD VOLTAGE (V)
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.1
0.01
0.001
1
TA = 25°C
Figure 3. 8
× 20 ms Pulse Waveform
100
90
80
70
60
50
40
30
20
10
0
020
4060
80
t, TIME (
ms)
tr
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAY = 8
ms
HALF VALUE IRSM/2 @ 20 ms
tP
PEAK VALUE IRSM @ 8 ms
Figure 4. Forward Voltage


유사한 부품 번호 - NUP45V6P5

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NUP45V6P5 ONSEMI-NUP45V6P5 Datasheet
124Kb / 4P
   Low Capacitance Quad Array for ESD Protection
June, 2009 ??Rev. 1
NUP45V6P5 ONSEMI-NUP45V6P5 Datasheet
94Kb / 4P
   Low Capacitance Quad Array
August, 2011 ??Rev. 3
NUP45V6P5T5G ONSEMI-NUP45V6P5T5G Datasheet
124Kb / 4P
   Low Capacitance Quad Array for ESD Protection
June, 2009 ??Rev. 1
NUP45V6P5T5G ONSEMI-NUP45V6P5T5G Datasheet
94Kb / 4P
   Low Capacitance Quad Array
August, 2011 ??Rev. 3
NUP45V6P5 ONSEMI-NUP45V6P5_09 Datasheet
124Kb / 4P
   Low Capacitance Quad Array for ESD Protection
June, 2009 ??Rev. 1
More results

유사한 설명 - NUP45V6P5

제조업체부품명데이터시트상세설명
logo
WILLAS ELECTRONIC CORP
MSEMFXXLC WILLAS-MSEMFXXLC Datasheet
301Kb / 4P
   Low Capacitance Quad Array for ESD Protection
logo
ON Semiconductor
NSQA6V8AW5T2 ONSEMI-NSQA6V8AW5T2_06 Datasheet
54Kb / 4P
   Low Capacitance Quad Array for ESD Protection
December, 2006 ??Rev. 4
logo
AiT Semiconductor Inc.
ESDA6V1W5 AITSEMI-ESDA6V1W5 Datasheet
546Kb / 7P
   LOW CAPACITANCE QUAD ARRAY FOR ESD PROTECTION
REV1.0
logo
ON Semiconductor
NUP412VP5 ONSEMI-NUP412VP5 Datasheet
94Kb / 4P
   Low Capacitance Quad Array for ESD Protection
May, 2008 ??Rev. 1
NUP46V8P5 ONSEMI-NUP46V8P5 Datasheet
72Kb / 4P
   Low Capacitance Quad Array for ESD Protection
January, 2008 - Rev. 0
NZQA5V6AXV5 ONSEMI-NZQA5V6AXV5 Datasheet
31Kb / 4P
   Low Capacitance Quad Array for ESD Protection
September, 2003 ??Rev. P0
NSQA6V8AW5T2 ONSEMI-NSQA6V8AW5T2 Datasheet
43Kb / 4P
   Low Capacitance Quad Array for ESD Protection
November, 2004 ??Rev. 3
NUP45V6P5 ONSEMI-NUP45V6P5_09 Datasheet
124Kb / 4P
   Low Capacitance Quad Array for ESD Protection
June, 2009 ??Rev. 1
logo
Weitron Technology
ESDA6V8AW5 WEITRON-ESDA6V8AW5 Datasheet
205Kb / 3P
   Low Capacitance Quad Array for ESD Protection
logo
ON Semiconductor
NUP4108W5 ONSEMI-NUP4108W5_07 Datasheet
120Kb / 4P
   Low Capacitance Quad Array for ESD Protection
February, 2007 ??Rev. 2
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com