전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NUP1301ML3T1 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 NUP1301ML3T1
상세설명  Low Capacitance Diode Array for ESD Protection in a Single Data Line
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUP1301ML3T1 데이터시트(HTML) 1 Page - ON Semiconductor

  NUP1301ML3T1 Datasheet HTML 1Page - ON Semiconductor NUP1301ML3T1 Datasheet HTML 2Page - ON Semiconductor NUP1301ML3T1 Datasheet HTML 3Page - ON Semiconductor NUP1301ML3T1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2005
January, 2005 − Rev. 4
1
Publication Order Number:
NUP1301ML3T1/D
NUP1301ML3T1
Low Capacitance Diode
Array for ESD Protection in
a Single Data Line
NUP1301ML3T1 is a MicroIntegration
™ device designed to
provide protection for sensitive components from possible harmful
electrical transients; for example, ESD (electrostatic discharge).
Features
Low Capacitance (0.9 pF Maximum)
Single Package Integration Design
Provides ESD Protection for JEDEC Standards JESD22
Machine Model = Class C
Human Body Model = Class 3B
Protection for IEC61000−4−2 (Level 4)
8.0 kV (Contact)
15 kV (Air)
Ensures Data Line Speed and Integrity
Fewer Components and Less Board Space
Direct the Transient to Either Positive Side or to the Ground
Pb−Free Package is Available
Applications
T1/E1 Secondary IC Protection
T3/E3 Secondary IC Protection
HDSL, IDSL Secondary IC Protection
Video Line Protection
Microcontroller Input Protection
Base Stations
I2C Bus Protection
MAXIMUM RATINGS (Each Diode) (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
70
Vdc
Forward Current
IF
215
mAdc
Peak Forward Surge Current
IFM(surge)
500
mAdc
Repetitive Peak Reverse Voltage
VRRM
70
V
Average Rectified Forward
Current (Note 1)
(averaged over any 20 ms period)
IF(AV)
715
mA
Repetitive Peak Forward Current
IFRM
450
mA
Non−Repetitive Peak Forward Current
t = 1.0
ms
t = 1.0 ms
t = 1.0 S
IFSM
2.0
1.0
0.5
A
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. FR−5 = 1.0
 0.75  0.062 in.
Device
Package
Shipping
ORDERING INFORMATION
NUP1301ML3T1
SOT−23
3000 / Tape & Reel
http://onsemi.com
SOT−23
CASE 318
STYLE 11
MARKING DIAGRAM
53 = Device Code
M
= Date Code
1
2
3
3
CATHODE/ANODE
ANODE
1
CATHODE
2
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1
53 M
NUP1301ML3T1G
SOT−23
(Pb−Free)
3000 / Tape & Reel


유사한 부품 번호 - NUP1301ML3T1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NUP1301ML3T1G ONSEMI-NUP1301ML3T1G Datasheet
1Mb / 6P
   Integrated Solutions for USB Line Protection and Termination
Rev.4, Feb-2007
NUP1301ML3T1G ONSEMI-NUP1301ML3T1G Datasheet
122Kb / 4P
   Low Capacitance Diode
October, 2016 ??Rev. 7
More results

유사한 설명 - NUP1301ML3T1

제조업체부품명데이터시트상세설명
logo
Guangdong Youtai Semico...
NUP1301 UMW-NUP1301 Datasheet
190Kb / 3P
   Low Capacitance Diode Array for ESD Protection in a Single Data Line
logo
Union Semiconductor, In...
UESD6V8L1F UNIONSEMI-UESD6V8L1F Datasheet
217Kb / 7P
   Low Capacitance Single Line ESD Protection Diode Array
logo
ON Semiconductor
SZNUP2301MW6T1G ONSEMI-SZNUP2301MW6T1G Datasheet
134Kb / 4P
   Low Capacitance Diode Array for ESD Protection in Two Data Lines
February, 2012 ??Rev. 5
NUP2301MW6T1 ONSEMI-NUP2301MW6T1 Datasheet
89Kb / 4P
   Low Capacitance Diode Array for ESD Protection in Two Data Lines
January, 2005 ??Rev. 2
NUP4301MR6T1 ONSEMI-NUP4301MR6T1 Datasheet
44Kb / 4P
   Low Capacitance Diode Array for ESD Protection in Four Data Lines
February, 2003 - Rev. 2
NUP4301MR6T1 ONSEMI-NUP4301MR6T1_05 Datasheet
57Kb / 4P
   Low Capacitance Diode Array for ESD Protection in Four Data Lines
September, 2005 ??Rev. 3
NUP4304MR6 ONSEMI-NUP4304MR6 Datasheet
70Kb / 6P
   Low Capacitance Diode Array for ESD Protection in Four Data Lines
January, 2006 ??Rev. 1
NUP4304M6 ONSEMI-NUP4304M6_06 Datasheet
70Kb / 6P
   Low Capacitance Diode Array for ESD Protection in Four Data Lines
January, 2006 ??Rev. 1
logo
Union Semiconductor, In...
SM12 UNIONSEMI-SM12 Datasheet
134Kb / 5P
   Low Capacitance Dual Line ESD Protection Diode Array
SM05 UNIONSEMI-SM05_16 Datasheet
292Kb / 6P
   Low Capacitance Quad Line ESD Protection Diode Array
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com