전자부품 데이터시트 검색엔진 |
|
NUP4102XV6 데이터시트(PDF) 1 Page - ON Semiconductor |
|
NUP4102XV6 데이터시트(HTML) 1 Page - ON Semiconductor |
1 / 3 page © Semiconductor Components Industries, LLC, 2006 January, 2006 − Rev. 1 1 Publication Order Number: NUP4102XV6/D NUP4102XV6 6−Pin Bi−Directional Quad TVS Array This 6−Pin bi−directional transient suppressor array is designed for applications requiring transient overvoltage protection capability. It is intended for use in transient voltage and ESD sensitive equipment such as computers, printers, cell phones, medical equipment, and other applications. Its integrated design provides bi−directional protection for four separate lines using a single SOT−563 package. This device is ideal for situations where board space is a premium. Features • Bi−directional Protection for Four Lines in a Single SOT−563 Package • Peak Power Dissipation − 75 W (8x20 msec Waveform) • Low Leakage Current (100 nA @ 12 V) • Low Capacitance (< 15 pF) • Provides ESD Protection for JEDEC Standards JESD22 − Machine Model = Class C − Human Body Model = Class 3B • Provides ESD Protection for IEC 61000−4−2, 15 kV (Air), 8 kV (Contact) Mechanical Characteristics • Void Free, Transfer−Molded, Thermosetting Plastic Case • Corrosion Resistant Finish, Easily Solderable • Package Designed for Optimal Automated Board Assembly • Small Package Size for High Density Applications Applications • GSM Handsets and Accessories • Other Telephone Sets • Computers / Printers / Set−Top Boxes MAXIMUM RATINGS (TJ=25°C, unless otherwise specified) Rating Symbol Value Unit Peak Power Dissipation 8x20 msec Double Exponential Waveform, (Note 1) PPK 75 W Operating Junction Temperature Range TJ −40 to 125 °C Storage Temperature Range TSTG −55 to 150 °C Lead Solder Temperature – Maximum (10 sec) TL 260 °C Human Body Model ( HBM) Machine Model (MM) IEC 61000−4−2 Air (ESD) IEC 61000−4−2 Contact (ESD) ESD 16 0.4 30 30 kV Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. Non−repetitive current pulse per Figure 3. 6 4 Device Package Shipping† ORDERING INFORMATION NUP4102XV6T1G SOT−563 (Pb−Free) 4000/Tape & Reel 3 2, 5 1 SOT−563 CASE 463A PLASTIC RP = Device Marking M = One Digit Date Code G = Pb−Free Package (Note: Microdot may be in either location) MARKING DIAGRAM RP M G G 64 3 12 5 †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D. http://onsemi.com |
유사한 부품 번호 - NUP4102XV6 |
|
유사한 설명 - NUP4102XV6 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |