전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NUP4102XV6 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 NUP4102XV6
상세설명  6?뭁in Bi?묭irectional Quad TVS Array
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUP4102XV6 데이터시트(HTML) 2 Page - ON Semiconductor

  NUP4102XV6 Datasheet HTML 1Page - ON Semiconductor NUP4102XV6 Datasheet HTML 2Page - ON Semiconductor NUP4102XV6 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NUP4102XV6
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Reverse Working Voltage
(Note 2)
VRWM
12
V
Breakdown Voltage
IT = 1 mA, (Note 3)
VBR
13.6
17.8
V
Reverse Leakage Current
VRWM = 12 V
IR
10
100
nA
Clamping Voltage
IPP = 3 A, (8x20 msec
Waveform)
VC
25
V
Maximum Peak Pulse Current
8x20
msec waveform
IPP
3.0
A
Capacitance
VR = 0 V, f=1 MHz
(Line to GND)
Cj
13
15
pF
2. TVS devices are normally selected according to the working peak reverse voltage (VRWM), which should be equal or greater than the DC
or continuous peak operating voltage level.
3. VBR is measured at pulse test current IT; Pulse Width 1 ms.
TYPICAL PERFORMANCE CURVES
(TJ = 25°C unless otherwise specified)
Figure 1. Pulse Waveform
t, TIME (
ms)
30
15
10
5
0
25
20
90
80
70
60
50
40
30
20
10
0
100
110
WAVEFORM
PARAMETERS
tr = 8 ms
td = 20 ms
td = IPP/2
c−t
TA, AMBIENT TEMPERATURE (°C)
150
125
100
75
50
25
0
90
80
70
60
50
40
30
20
10
0
100
110
Figure 2. Power Derating Curve
0
2
4
6
8
10
12
14
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14
VBR, REVERSE VOLTAGE (V)
12
14
16
18
20
22
24
0.1
1
10
Figure 3. Clamping Voltage vs. Peak Pulse
Current (10
msec Square Wave Pulse)
Figure 4. Junction Capacitance vs. Reverse
Voltage
IPP, SURGE CURRENT (A)
tP = 10 msec
TA = 25°C


유사한 부품 번호 - NUP4102XV6

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NUP4101FCT1 ONSEMI-NUP4101FCT1 Datasheet
28Kb / 2P
   5-Pin Lateral Bi-Directional Zener Array
May, 2002 ??Rev. 1
NUP4103FC ONSEMI-NUP4103FC Datasheet
138Kb / 5P
   Four Channel ESD Array
March, 2006 ??Rev. 1
NUP4103FCT1 ONSEMI-NUP4103FCT1 Datasheet
138Kb / 5P
   Four Channel ESD Array
March, 2006 ??Rev. 1
NUP4103FCT1G ONSEMI-NUP4103FCT1G Datasheet
138Kb / 5P
   Four Channel ESD Array
March, 2006 ??Rev. 1
NUP4104X6 ONSEMI-NUP4104X6 Datasheet
39Kb / 4P
   4-Line Transient Voltage Suppressor Array
February, 2004 ??Rev. 2
More results

유사한 설명 - NUP4102XV6

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NUP4004M5 ONSEMI-NUP4004M5 Datasheet
47Kb / 3P
   5?뭁in Bi?묭irectional Quad TVS Array
February, 2007 ??Rev. 0
logo
TECH PUBLIC Electronics...
TPNUP4102XV6T1G TECHPUBLIC-TPNUP4102XV6T1G Datasheet
1Mb / 4P
   6-Pin Bi-Directional Quad TVS Array
logo
Pan Jit International I...
PJESD5V0BQ4G PANJIT-PJESD5V0BQ4G Datasheet
49Kb / 3P
   QUAD BI-DIRECTIONAL TVS ARRAY FOR ESD PROTECTION
PJSMDA05C-7 PANJIT-PJSMDA05C-7 Datasheet
68Kb / 5P
   BI-DIRECTIONAL 7-TVS ARRAY
logo
Taiwan Semiconductor Co...
TESDC24V TSC-TESDC24V_14 Datasheet
118Kb / 5P
   Bi-directional TVS Diode Array
logo
Shanghai Leiditech Elec...
ESD0711C LEIDITECH-ESD0711C Datasheet
1Mb / 4P
   Bi -Directional TVS Diode Array
ESDA0504CW LEIDITECH-ESDA0504CW Datasheet
188Kb / 3P
   Quad TVS Diode Array
CESD5V0K5 LEIDITECH-CESD5V0K5 Datasheet
334Kb / 3P
   Quad TVS Diode Array
Rev : 01.06.2018
SAT36A05L05 LEIDITECH-SAT36A05L05 Datasheet
334Kb / 3P
   Quad TVS Diode Array
Rev : 01.06.2018
PESDLC363T5VU LEIDITECH-PESDLC363T5VU Datasheet
334Kb / 3P
   Quad TVS Diode Array
Rev : 01.06.2018
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com