전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHCT594D 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 74AHCT594D
상세설명  8-bit shift register with output register
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT594D 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button 74AHCT594D Datasheet HTML 7Page - NXP Semiconductors 74AHCT594D Datasheet HTML 8Page - NXP Semiconductors 74AHCT594D Datasheet HTML 9Page - NXP Semiconductors 74AHCT594D Datasheet HTML 10Page - NXP Semiconductors 74AHCT594D Datasheet HTML 11Page - NXP Semiconductors 74AHCT594D Datasheet HTML 12Page - NXP Semiconductors 74AHCT594D Datasheet HTML 13Page - NXP Semiconductors 74AHCT594D Datasheet HTML 14Page - NXP Semiconductors 74AHCT594D Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
74AHC_AHCT594_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 4 July 2006
11 of 29
Philips Semiconductors
74AHC594; 74AHCT594
8-bit shift register with output register
tPLH
LOW-to-HIGH
propagation delay
STCP to Qn
VCC = 3.0 V to 3.6 V; see Figure 10
CL = 15 pF
-
5.1
8.3
ns
CL = 50 pF
-
7.3
11.9
ns
VCC = 4.5 V to 5.5 V; see Figure 10
CL = 15 pF
-
3.5
5.7
ns
CL = 50 pF
-
4.8
7.8
ns
tPHL
HIGH-to-LOW
propagation delay
STCP to Qn
VCC = 3.0 V to 3.6 V; see Figure 10
CL = 15 pF
-
5.5
9.1
ns
CL = 50 pF
-
7.3
12.0
ns
VCC = 4.5 V to 5.5 V; see Figure 10
CL = 15 pF
-
3.7
6.0
ns
CL = 50 pF
-
5.2
8.5
ns
tPHL
HIGH-to-LOW
propagation delay
SHR to Q7S
VCC = 3.0 V to 3.6 V; see Figure 13
CL = 15 pF
-
5.7
9.5
ns
CL = 50 pF
-
7.5
12.2
ns
VCC = 4.5 V to 5.5 V; see Figure 13
CL = 15 pF
-
4.1
6.7
ns
CL = 50 pF
-
5.4
8.8
ns
HIGH-to-LOW
propagation delay
STR to Qn
VCC = 3.0 V to 3.6 V; see Figure 14
CL = 15 pF
-
5.8
9.6
ns
CL = 50 pF
-
7.7
12.5
ns
VCC = 4.5 V to 5.5 V; see Figure 14
CL = 15 pF
-
4.1
7.2
ns
CL = 50 pF
-
5.4
9.4
ns
tW
pulse width HIGH or
LOW SHCP and STCP
CL = 50 pF; see Figure 9 and
Figure 10
VCC = 3.0 V to 3.6 V
6.0
-
-
ns
VCC = 4.5 V to 5.5 V
5.5
-
-
ns
pulse width HIGH or
LOW SHR and STR
CL = 50 pF; see Figure 13 and
Figure 14
VCC = 3.0 V to 3.6 V
5.0
-
-
ns
VCC = 4.5 V to 5.5 V
5.0
-
-
ns
tsu
set-up time
DS to SHCP
CL = 50 pF; see Figure 11
VCC = 3.0 V to 3.6 V
3.5
-
-
ns
VCC = 4.5 V to 5.5 V
3.0
-
-
ns
set-up time
SHR to STCP
CL = 50 pF; see Figure 12
VCC = 3.0 V to 3.6 V
8.0
-
-
ns
VCC = 4.5 V to 5.5 V
5.0
-
-
ns
set-up time
SHCP to STCP
CL = 50 pF; see Figure 10
VCC = 3.0 V to 3.6 V
8.0
-
-
ns
VCC = 4.5 V to 5.5 V
5.0
-
-
ns
Table 8.
Dynamic characteristics type 74AHC594 …continued
GND = 0 V; tr = tf ≤ 3.0 ns; see Figure 15.
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit


유사한 부품 번호 - 74AHCT594D

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AHCT594D NEXPERIA-74AHCT594D Datasheet
306Kb / 20P
   8-bit shift register with output register
Rev. 4 - 7 July 2021
74AHCT594D-Q100 NEXPERIA-74AHCT594D-Q100 Datasheet
764Kb / 24P
   8-bit shift register with output register
74AHCT594DB-Q100 NEXPERIA-74AHCT594DB-Q100 Datasheet
764Kb / 24P
   8-bit shift register with output register
More results

유사한 설명 - 74AHCT594D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
logo
NXP Semiconductors
74HC594 PHILIPS-74HC594 Datasheet
71Kb / 10P
   8-bit shift register with output register
December 1991
74AHC_AHCT594 PHILIPS-74AHC_AHCT594_15 Datasheet
132Kb / 22P
   8-bit shift register with output register
Rev. 02-9 June 2008
logo
Nexperia B.V. All right...
74HC594-Q100 NEXPERIA-74HC594-Q100 Datasheet
873Kb / 25P
   8-bit shift register with output register
74HC594 NEXPERIA-74HC594 Datasheet
347Kb / 23P
   8-bit shift register with output register
Rev. 7 - 20 October 2022
logo
NXP Semiconductors
74HC594 NXP-74HC594 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A-Q100 NEXPERIA-74LVC594A-Q100 Datasheet
253Kb / 21P
   8-bit shift register with output register
74HC-HCT594-Q100 NEXPERIA-74HC-HCT594-Q100 Datasheet
329Kb / 22P
   8-bit shift register with output register
Rev. 4 - 27 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com