전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP2G80DC 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 74AUP2G80DC
상세설명  Low-power dual D-type flip-flop; positive-edge trigger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP2G80DC 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button 74AUP2G80DC Datasheet HTML 6Page - NXP Semiconductors 74AUP2G80DC Datasheet HTML 7Page - NXP Semiconductors 74AUP2G80DC Datasheet HTML 8Page - NXP Semiconductors 74AUP2G80DC Datasheet HTML 9Page - NXP Semiconductors 74AUP2G80DC Datasheet HTML 10Page - NXP Semiconductors 74AUP2G80DC Datasheet HTML 11Page - NXP Semiconductors 74AUP2G80DC Datasheet HTML 12Page - NXP Semiconductors 74AUP2G80DC Datasheet HTML 13Page - NXP Semiconductors 74AUP2G80DC Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
74AUP2G80_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 25 August 2006
10 of 18
Philips Semiconductors
74AUP2G80
Low-power dual D-type flip-flop; positive-edge trigger
[1]
All typical values are measured at nominal VCC.
[2]
tpd is the same as tPLH and tPHL
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(CL × VCC2 × fo) = sum of the outputs.
tsu(L)
setup time
LOW
nD to nCP; see Figure 8
VCC = 0.8 V
-
1.7
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
-
0.3
-
2.0
-
2.0
-
ns
VCC = 1.4 V to 1.6 V
-
0.2
-
1.3
-
1.3
-
ns
VCC = 1.65 V to 1.95 V
-
0.2
-
1.1
-
1.1
-
ns
VCC = 2.3 V to 2.7 V
-
0.3
-
0.8
-
0.8
-
ns
VCC = 3.0 V to 3.6 V
-
0.3
-
0.7
-
0.7
-
ns
th
hold time
nD to nCP; see Figure 8
VCC = 0.8 V
-
−2.1
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
-
−0.4
-
0
-
0
-
ns
VCC = 1.4 V to 1.6 V
-
−0.3
-
0
-
0
-
ns
VCC = 1.65 V to 1.95 V
-
−0.2
-
0
-
0
-
ns
VCC = 2.3 V to 2.7 V
-
−0.2
-
0
-
0
-
ns
VCC = 3.0 V to 3.6 V
-
−0.3
-
0
-
0
-
ns
tW
pulse width
nCP HIGH or LOW;
see Figure 8
VCC = 0.8 V
-
5.2
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
-
1.0
-
3.0
-
3.0
-
ns
VCC = 1.4 V to 1.6 V
-
0.8
-
2.0
-
2.0
-
ns
VCC = 1.65 V to 1.95 V
-
0.6
-
2.0
-
2.0
-
ns
VCC = 2.3 V to 2.7 V
-
0.5
-
2.0
-
2.0
-
ns
VCC = 3.0 V to 3.6 V
-
0.5
-
2.0
-
2.0
-
ns
CPD
power
dissipation
capacitance
f = 1 MHz; VI = GND to VCC
[3]
VCC = 0.8 V
-
1.8
-
-
-
-
-
pF
VCC = 1.1 V to 1.3 V
-
1.8
-
-
-
-
-
pF
VCC = 1.4 V to 1.6 V
-
1.9
-
-
-
-
-
pF
VCC = 1.65 V to 1.95 V
-
2.0
-
-
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
2.4
-
-
-
-
-
pF
VCC = 3.0 V to 3.6 V
-
2.9
-
-
-
-
-
pF
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground=0V; for test circuit see Figure 9.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
(85
°C)
Max
(85
°C)
Min
(125
°C)
Max
(125
°C)


유사한 부품 번호 - 74AUP2G80DC

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP2G80DC NXP-74AUP2G80DC Datasheet
95Kb / 18P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 02-1 August 2007
74AUP2G80DC NXP-74AUP2G80DC Datasheet
111Kb / 20P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 04-2 June 2008
logo
Nexperia B.V. All right...
74AUP2G80DC NEXPERIA-74AUP2G80DC Datasheet
279Kb / 19P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 11 - 7 December 2020
More results

유사한 설명 - 74AUP2G80DC

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP2G80 NXP-74AUP2G80 Datasheet
95Kb / 18P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 02-1 August 2007
74AUP2G79 NXP-74AUP2G79 Datasheet
114Kb / 21P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 04-30 June 2009
logo
Nexperia B.V. All right...
74AUP2G79-Q100 NEXPERIA-74AUP2G79-Q100 Datasheet
235Kb / 15P
   Low-power dual D-type flip-flop; positive-edge trigger
logo
NXP Semiconductors
74AUP2G80 NXP-74AUP2G80_08 Datasheet
111Kb / 20P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 04-2 June 2008
logo
Nexperia B.V. All right...
74AUP2G79 NEXPERIA-74AUP2G79 Datasheet
279Kb / 19P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 11 - 3 December 2020
74AUP2G80 NEXPERIA-74AUP2G80 Datasheet
279Kb / 19P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 11 - 7 December 2020
logo
NXP Semiconductors
74AUP1G79 PHILIPS-74AUP1G79 Datasheet
97Kb / 20P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 01-12 September 2005
74AUP1G79 NXP-74AUP1G79 Datasheet
113Kb / 20P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 03-3 August 2009
74AUP1G80 NXP-74AUP1G80 Datasheet
103Kb / 18P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 01-20 October 2006
logo
Nexperia B.V. All right...
74AUP1G79 NEXPERIA-74AUP1G79 Datasheet
305Kb / 21P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 8 - 24 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com