전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HCT2G17GV 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74HCT2G17GV
상세설명  Dual non-inverting Schmitt trigger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT2G17GV 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74HCT2G17GV Datasheet HTML 2Page - NXP Semiconductors 74HCT2G17GV Datasheet HTML 3Page - NXP Semiconductors 74HCT2G17GV Datasheet HTML 4Page - NXP Semiconductors 74HCT2G17GV Datasheet HTML 5Page - NXP Semiconductors 74HCT2G17GV Datasheet HTML 6Page - NXP Semiconductors 74HCT2G17GV Datasheet HTML 7Page - NXP Semiconductors 74HCT2G17GV Datasheet HTML 8Page - NXP Semiconductors 74HCT2G17GV Datasheet HTML 9Page - NXP Semiconductors 74HCT2G17GV Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
74HC_HCT2G17_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 6 October 2006
6 of 18
NXP Semiconductors
74HC2G17; 74HCT2G17
Dual non-inverting Schmitt trigger
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 20 µA; VCC = 2.0 V
-
-
0.1
V
IO = 20 µA; VCC = 4.5 V
-
-
0.1
V
IO = 20 µA; VCC = 6.0 V
-
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
-
0.4
V
IO = 5.2 mA; VCC = 6.0 V
-
-
0.4
V
II
input leakage current
VI = GND or VCC; VCC = 6.0 V
-
-
±1.0
µA
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 6.0 V
-
-
20.0
µA
Table 7.
Static characteristics for 74HC2G17 …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 8.
Static characteristics for 74HCT2G17
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
VOH
HIGH-level output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = −20 µA
4.4
4.5
-
V
IO = −4.0 mA
4.18
4.32
-
V
VOL
LOW-level output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = −20 µA
-
0
0.1
V
IO = −4.0 mA
-
0.15
0.26
V
II
input leakage current
VI = GND or VCC; VCC = 5.5 V
-
-
±0.1
µA
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 5.5 V
-
-
1.0
µA
∆ICC
additional supply current
VI = VCC − 2.1 V;
VCC = 4.5 V to 5.5 V; IO = 0 A
-
-
300
µA
CI
input capacitance
-
2.0
-
pF
Tamb = −40 °C to +85 °C
VOH
HIGH-level output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = −20 µA
4.4
-
-
V
IO = −4.0 mA
4.13
-
-
V
VOL
LOW-level output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = −20 µA
-
-
0.1
V
IO = −4.0 mA
-
-
0.33
V
II
input leakage current
VI = GND or VCC; VCC = 5.5 V
-
-
±1.0
µA
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 5.5 V
-
-
10.0
µA
∆ICC
additional supply current
VI = VCC − 2.1 V;
VCC = 4.5 V to 5.5 V; IO = 0 A
-
-
375
µA


유사한 부품 번호 - 74HCT2G17GV

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74HCT2G17GV NEXPERIA-74HCT2G17GV Datasheet
252Kb / 15P
   Dual non-inverting Schmitt trigger
Rev. 2 - 2 February 2022
74HCT2G17GV-Q100 NEXPERIA-74HCT2G17GV-Q100 Datasheet
721Kb / 19P
   Dual non-inverting Schmitt trigger
More results

유사한 설명 - 74HCT2G17GV

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC_HCT2G17 PHILIPS-74HC_HCT2G17_15 Datasheet
104Kb / 18P
   Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
logo
Nexperia B.V. All right...
74HC2G17 NEXPERIA-74HC2G17 Datasheet
252Kb / 15P
   Dual non-inverting Schmitt trigger
Rev. 2 - 2 February 2022
74HC2G17-Q100 NEXPERIA-74HC2G17-Q100 Datasheet
721Kb / 19P
   Dual non-inverting Schmitt trigger
logo
ON Semiconductor
NLU2G17 ONSEMI-NLU2G17_16 Datasheet
79Kb / 8P
   Dual Non-Inverting Schmitt-Trigger Buffer
July, 2016 ??Rev. 9
NL27WZ17 ONSEMI-NL27WZ17 Datasheet
91Kb / 8P
   Dual Non-Inverting Schmitt Trigger Buffer
June, 2002 ??Rev. 0
NL27WZ17 ONSEMI-NL27WZ17_V01 Datasheet
470Kb / 13P
   Schmitt Trigger Buffer, Dual, Non-Inverting
September, 2020 ??Rev. 13
NL27WZ17 ONSEMI-NL27WZ17_04 Datasheet
53Kb / 6P
   Dual Non-Inverting Schmitt Trigger Buffer
March, 2004 ??Rev. 4
NLU2G17 ONSEMI-NLU2G17 Datasheet
138Kb / 8P
   Dual Non-Inverting Schmitt-Trigger Buffer
July, 2008 ??Rev. 5
NL27WZ17 ONSEMI-NL27WZ17_12 Datasheet
105Kb / 5P
   Dual Non-Inverting Schmitt Trigger Buffer
April, 2012 ??Rev. 9
logo
Unisonic Technologies
U74AHCT3G17 UTC-U74AHCT3G17 Datasheet
176Kb / 6P
   NON-INVERTING SCHMITT TRIGGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com